Part Number Hot Search : 
SBT603G TDA79 D222RW PS241 ZT751 RB751 PMN40LN AA541
Product Description
Full Text Search
 

To Download MC100EL01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4 Input OR/NOR
The MC10EL/100EL01 is a 4-input OR/NOR gate. The device is functionally equivalent to the E101 device with higher performance capabilities. With propagation delays and output transition times significantly faster than the E101 the EL01 is ideally suited for those applications which require the ultimate in AC performance.
MC10EL01 MC100EL01
* * * *
230ps Propagation Delay High Bandwidth Output Transitions 75k Internal Input Pulldown Resistors >1000V ESD Protection LOGIC DIAGRAM AND PINOUT ASSIGNMENT
8 1
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
D0 1
8 VCC
D1 2
7Q
PIN DESCRIPTION
D2 3
6Q
PIN FUNCTION Data Inputs Data Outputs
D3 4
5 VEE
D0-D3 Q
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol IEE VEE IIH Characteristic Power Supply Current 10EL 100EL Power Supply Voltage 10EL 100EL Input HIGH Current -4.75 -4.20 Min Typ 14 14 -5.2 -4.5 Max 17 17 -5.5 -5.5 150 -4.75 -4.20 Min 0C Typ 14 14 -5.2 -4.5 Max 17 17 -5.5 -5.5 150 -4.75 -4.20 Min 25C Typ 14 14 -5.2 -4.5 Max 17 17 -5.5 -5.5 150 -4.75 -4.20 Min 85C Typ 14 16 -5.2 -4.5 Max 17 20 -5.5 -5.5 150 Unit mA V A
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol tPLH tPHL tr tf
12/93
0C Max 370 350 Min 120 100 Typ 220 225 Max 320 350 Min 130 100
25C Typ 230 225 Max 330 350 Min 150 100
85C Typ 250 225 Max 350 350 Unit ps ps
Characteristic Propagation Delay to Output Output Rise/Fall Times Q (20% - 80%)
Min 70 100
Typ 220 225
(c) Motorola, Inc. 1996
3-1
REV 2
MC10EL01 MC100EL01
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 3-2
*MC10EL01/D*
MC10EL01/D ECLinPS and ECLinPS Lite DL140 -- Rev 3


▲Up To Search▲   

 
Price & Availability of MC100EL01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X