Part Number Hot Search : 
008226 0190670 BY228 20150 SEPIC 10250 D0303 HYS72T
Product Description
Full Text Search
 

To Download L7850-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED
Infrared LED
L7850 series
Peak emission wavelength: 1.45 m
L7850 series is a long wavelength LED using an InGaAs chip. Peak emission occurs at 1.45 m, making L7850 series ideal for detection of water content or moisture. L7850-01 has a glass lens window for narrow directivity (beam spread).
Features
Applications
l Peak emission wavelength: 1.45 m l High radiant output power l Narrow directivity (L7850-01)
l Light source for moisture meter l Light source for photosensitive material
s Absolute maximum ratings (Ta=25 C, unless otherwise noted)
Parameter Reverse voltage Forward current Forward current derating rate Pulse forward current Symbol V4 I. I.2 Condition Value 1 80 1.1 1.0 Unit V mA mA/C A mA/C mW C C
Ta > 25 C Pulse width=10 s Duty ratio=1 %
Pulse forward current Ta > 25 C 13 derating rate Power dissipation P 150 Operating temperature Topr -30 to +85 Storage temperature Tstg -40 to +100 * *1: L7850 series is guaranteed to resist temperature cycle test of up to 5 cycles.
s Electrical and optical characteristics (Ta=25 C)
L7850/-01 Min. Typ. Peak emission wavelength I.=50 mA 1.4 1.45 lp Spectral half width (FWHM) I.=50 mA 100 Dl Radiant flux I.=50 mA 0.7 1.0 fe Forward voltage V. I.=50 mA 1.0 Pulse forward voltage V.2 I.=1 A 2 Reverse current I4 V4=1 V Cut-off frequency * fc I.=50 mA 10 mAp-p 1 3 *2: Frequency at which the light output drops by -3 dB based on light output at 100 kHz. Parameter Symbol Condition Max. 1.5 150 1.5 3 10 Unit m nm mW V V A MHz
L7850 series may be damaged or performance may deteriorate due to static electricity, so use caution when handling.
1
Infrared LED
s Emission spectrum
100
L7850 series
(Typ. Ta=25 C, tw=100 s, 0.1 %)
s Radiant flux vs. forward current
100
s Forward current vs. forward voltage
1000
(Typ. Ta=25 C, IF=50 mA)
(Typ. Ta=25 C, tw=100 s, 0.1 %)
RELATIVE RADIANT OUTPUT (%)
10
60
FORWARD CURRENT (mA)
100 1000
80
RADIANT FLUX (mW)
100
40
1
20
0 1.2
1.3
1.4
1.5
1.6
0.1 10
10 0.5
1.0
1.5
2.0
2.5
WAVELENGTH (m)
KLEDB0233EA
FORWARD CURRENT (mA)
KLEDB0234EA
FORWARD VOLTAGE (V)
KLEDB0235EA
s Directivity
(Typ. Ta=25 C) 20 10 100 % 10 20
s Radiant output vs. ambient temperature
+3
s Allowable forward current vs. ambient temperature
(Typ.)
(Typ. IF=50 mA)
RELATIVE ALLOWABLE FORWARD CURRENT (%)
RELATIVE RADIANT OUTPUT (dB)
30
80 % L7850 L7850-01
30
+2 +1 0 -1 -2 -3 -4 -5 -40
100
80
40
60 %
40
60
50 60 70 80 90
40 % 20 %
50 60 70 80 90
40
20
-20
0
20
40
60
80
100
0 -40 -20 0 20 40 60 80 100
RELATIVE RADIANT OUTPUT (%)
KLEDB0236EA
AMBIENT TEMPERATURE (C)
KLEDB0237EA
AMBIENT TEMPERATURE (C)
KLEDB0027EB
s Allowable forward current vs. duty ratio
10 (Typ. Ta=25 C)
s Dimensional outlines (unit: mm) L7850
5.4 0.2
4.7 0.1
GLASS WINDOW 3.0 0.1
3.6 0.2
L7850-01
5.4 0.2 4.65 0.1
ALLOWABLE FORWARD CURRENT (A)
PULSE WIDTH=1 s 1
PULSE WIDTH=10 s PULSE WIDTH=100 s 0.1
4.5 0.2
13.5
0.01 0.01
0.45 LEAD
0.1 1 10 100
0.45 LEAD 2.54 0.2
DUTY RATIO (%)
KLEDB0225EA
2.54 0.2
COMMON TO CASE
COMMON TO CASE
KLEDA0071EB
13.5
KLEDA0074EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
2
5.85 0.2
Cat. No. KLED1036E01 Dec. 2001 DN


▲Up To Search▲   

 
Price & Availability of L7850-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X