Part Number Hot Search : 
NTE30100 0512S DS3930 A1225 5Q1265 M100S A1225 TDE17980
Product Description
Full Text Search
 

To Download KDR357 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
LOW VOLTAGE HIGH SPEED SWITCHING.
CATHODE MARK
B 1
KDR357
SCHOTTKY BARRIER TYPE DIODE
G
FEATURES
Low Forward Voltage : VF(3)=0.43V(Typ.) Low Reverse Current : IR=5 (Max.) Small Package : USC.
K
A
H
E
2 D
J C I
MAXIMUM RATING (Ta=25
CHARACTERISTIC Maximum (Peak) Reverse Voltage Reverse Voltage Maximum (Peak) Forward Current Average Forward Current Surge Current (10ms) Power Dissipation Junction Temperature Storage Temperature Range pad dimension of 4 4mm.
)
SYMBOL VRM VR IFM IO IFSM PD Tj Tstg RATING 45 40 200 100 1 200* 125 -55 125 UNIT V V mA mA A mW
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
1. ANODE 2. CATHODE
USC
* : Mounted on a glass epoxy circuit board of 20 20mm,
Marking
Type Name
UL
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC VF(1) Forward Voltage VF(2) VF(3) Reverse Current Total Capacitance IR CT
)
TEST CONDITION IF=1mA IF=10mA IF=100mA VR=40V VR=0V, f=1MHz MIN. TYP. 0.24 0.31 0.43 30 MAX. 0.55 5 A pF V UNIT
SYMBOL
2003. 2. 25
Revision No : 3
F
L
1/2
KDR357
I F - VF
10 FORWARD CURRENT I F (uA) 10 10 10 10 1 0.1 0 100 200 300 400 500
5
I R - VR
10 3 REVERSE CURRENT I R (nA)
Ta=25 C
Ta=25 C
4
3
2
10
2
10 0 10 20 30
40
FORWARD VOLTAGE V F (mV)
REVERSE VOLTAGE VR (V)
C T - VR
TERMINAL CAPACITANCE CT (pF) 30 25 20 15 10 5 0
f=1MHz Ta=25 C
0
10
20
30
40
REVERSE VOLTAGE VR (V)
2003. 2. 25
Revision No : 3
2/2


▲Up To Search▲   

 
Price & Availability of KDR357

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X