Part Number Hot Search : 
68HC7 TLP124BV 20200C 11LC160 VRE10010 NJ132L YABMLA 07FXM0
Product Description
Full Text Search
 

To Download JZC-7FF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JZC-7FF
SUBMINIATURE INTERMEDIATE POWER RELAY
Features
* Low cost, Small package. File No.:E134517 * 1 Form A and 1 Form C contact arrangements. * Sealed IP67& Unsealed types available.
File No.:CQC02001001942
CONTACT DATA
Contact Arrangement Initial Contact Resistance Max. Contact Material Contact Rating (Res. Load) Max. switching voltage Max. switching current Max. switching power Mechanical life Electrical life 1A, 1C 100m (at 1A 6VDC) AgCe, AgSnO2
5A 250VAC/30VDC 10A 250VAC/28VDC
COIL DATA
Nominal Voltage VDC 3 5 6 9 12 18 24 Pick-up Voltage VDC 2.40 4.00 4.80 7.20 9.60 14.4 19.2 38.4 Drop-out Voltage VDC 0.3 0.5 0.6 0.9 1.2 1.8 2.4 4.8 Max. Coil allowable Resistance Voltage VDC (at 20 ) 3.6 6.0 7.2 10.8 14.4 21.6 28.8 57.6 25 70 100 225 400 900 1600 4500 10% 10%
General Purpose Power Relays JZC-7FF
250VAC/30VDC 10A 2400VA /280W 1 x 107OPS 1 x 105OPS
10% 10% 10% 10% 10% 10%
CHARACTERISTICS
Initial Insulation Resistance Dielectric Between coil and Contacts Strength Between open contacts Operate time (at nomi. Volt.) Release time (at nomi. Volt.) Temperature rise (at nomi. Volt.) Shock Resistance Vibration Resistance Humidity Ambient temperature Termination Unit weight Construction Functional Destructive 40 100M 1500VAC 750VAC Max. 10ms Max. 5ms (48VDC:50 ) 100 m/s
2
48
SAFETY APPROVAL RATINGS
12A 277VAC/28VDC 10A 277 VAC 5A 30VDC 1 Form C 4FLA 4LRA 120VAC N.O. 105 (Class B&F) 2FLA 4LRA 120VAC N.C. 105 (Class B&F) Pilot Duty 480VA UL 12A 277VAC/28VDC 10A 277VAC 6A 30VDC 1 Form A 1/3 HP 125VAC 2.9A 125VAC 4FLA 4LRA 120VAC 105 (Class B&F)
1000 m/s2 1.5mm, 10 to 55Hz 35% to 95%RH -40 to +70 PCB 13g Sealed IP67& Unsealed
COIL
Coil power
0.36W (48VDC: 0.51W)
HONGFA RELAY ISO9001*ISO/TS16949 *ISO14001 CERTIFIED
VERSION: EN02-20040601
51
ORDERING INFORMATION
JZC-7FF /
Type Coil voltage 3, 5, 6, 9, 12, 18, 24, 48VDC Contact arrangement 1H:1 Form A Contact Material Structure
012
1H
T
S
F
1Z:1 Form C
T: AgSnO2(10A) Nil: Silver Alloy(5A) Nil: Unsealed Nil: Class B 130
S: Sealed IP67
Insulation System
F: Class F 155
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions PCB layout Wiring Diagram
16.5max.
5
12
Operations (X10000 OPS)
)
50
Contact Current (A)
Temperature rise(
General Purpose Power Relays JZC-7FF
22.5max.
12.2 16.5max. 2.1 O1.4
16.5max.
2 1 3 1
4- O 1.3
3
2
1C
12
5
4
5
4
2.3 3.5
22.5max.
12.2 16.5max. 2.1 O1.4
2 1 3 1
3- O 1.3
3
2
1A
5
2.3 3.5
CHARACTERISTICS CURVE
LIFE CURVE
30VDC,250VAC (Resistive)
MAXIMUM SWITCHING POWER
100 1HT(VAC) 1ZT(VAC) 60
COIL TEMPERATURE RISE
100
50
10
40
10A
30 5A 20 0A 10
10 1Z
1HT 1H,1ZT
1
1HT(VDC) 1ZT(VDC)
0
5
10
15
0
10
100
1000
0
80
90
100
110
120
130
Contact Current (A)
Contact Voltage (V)
Percentage Of Nominal Coil Voltage
52


▲Up To Search▲   

 
Price & Availability of JZC-7FF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X