Part Number Hot Search : 
GB356P LT1055CH HER306 2SD17 68000 ST333C MAX9254 ST333C
Product Description
Full Text Search
 

To Download JANS2N6851 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 90551D
IRFF9230 JANTX2N6851 REPETITIVE AVALANCHE AND dv/dt RATED JANTXV2N6851 HEXFET TRANSISTORS JANS2N6851 THRU-HOLE (TO-205AF) REF:MIL-PRF-19500/564 200V, P-CHANNEL
Product Summary
Part Number BVDSS RDS(on) IRFF9230 -200V 0.80 ID -4.0A
The HEXFET technology is the key to International Rectifier's advanced line of power MOSFET transistors. The efficient geometry and unique processing of this latest "State of the Art" design achieves: very low on-state resistance combined with high transconductance. The HEXFET transistors also feature all of the well established advantages of MOSFETs such as voltage control, very fast switching, ease of parelleling and temperature stability of the electrical parameters. They are well suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.
TO-39
Features:
n n n n n
Repetitive Avalanche Ratings Dynamic dv/dt Rating Hermetically Sealed Simple Drive Requirements Ease of Paralleling
Absolute Maximum Ratings
Parameter
ID @ VGS = -10V, TC = 25C ID @ VGS = -10V, TC = 100C IDM PD @ TC = 25C VGS EAS I AR EAR dv/dt TJ TSTG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Lead Temperature Weight For footnotes refer to the last page -4.0 -2.4 -16 25 0.20 20 75 -- -- -5.0 -55 to 150 300 (0.063 in. (1.6mm) from case for 10s) 0.98(typical)
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
04/20/01
IRFF9230
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS BVDSS/TJ RDS(on) VGS(th) gfs IDSS Drain-to-Source Breakdown Voltage Temperature Coefficient of Breakdown Voltage Static Drain-to-Source On-State Resistance Gate Threshold Voltage Forward Transconductance Zero Gate Voltage Drain Current
Min
-200 -- -- -- -2.0 2.2 -- -- -- -- 14.7 0.8 5.0 -- -- -- -- --
Typ Max Units
-- -0.22 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 7.0 -- -- 0.80 1.68 -4.0 -- -25 -250 -100 100 34.8 7.0 17 50 100 100 80 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = -1.0mA Reference to 25C, ID = -1.0mA VGS = -10V, ID = -2.4A VGS =-10V, ID =-4.0A VDS = VGS, ID = -250A VDS > -15V, IDS = -2.4A VDS= -160V, VGS=0V VDS = -160V VGS = 0V, TJ = 125C VGS = -20V VGS = 20V VGS =-10V, ID = -4.0A VDS= -100V VDD = -100V, ID = -4.0A, VGS =-10V,RG =7.5
IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH
Measured from drain lead (6mm/0.25in. from package) to source lead (6mm/0.25in. from package)
Ciss Coss Crss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
700 200 40
-- --
pF
VGS = 0V, VDS = -25V f = 1.0MHz
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr QRR t on Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- -4.0 -20 -6.0 400 4.0
Test Conditions
A
V nS C Tj = 25C, IS =-4.0A, VGS = 0V Tj = 25C, IF = -4.0A, di/dt -100A/s VDD -50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthJA Junction-to-Case Junction-to-Ambient
Min Typ Max Units
-- -- -- -- 5.0 175
C/W
Test Conditions
Typical socket mount
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
IRFF9230
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs.Temperature
www.irf.com
3
IRFF9230
13 a& b b 13 a& 13 a& b
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFF9230
V DS VGS RG
RD
D.U.T.
+
VGS
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS 10%
90%
Fig 9. Maximum Drain Current Vs. CaseTemperature
VDS
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
-
V DD
5
IRFF9230
VDS
L
RG
D .U .T
IA S
VD D A D R IV E R
-20V VGS
tp
0.0 1
15V
Fig 12a. Unclamped Inductive Test Circuit
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V (BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
-12V 12V
.2F .3F
-10V
QGS VG QGD
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
IRFF9230
Foot Notes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = -50V, starting TJ = 25C, Peak IL = -4.0A,VGS =-10V VDD -200V, TJ 150C Suggested RG = 7.5 Pulse width 300 s; Duty Cycle 2%
ISD -4.0A, di/dt -120A/s,
Case Outline and Dimensions --TO-205AF
LEGEND 1- SOURCE 2- GATE 3- DRAIN
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 04/01
www.irf.com
7
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JANS2N6851

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X