Part Number Hot Search : 
122MPD BIP015DU XXXMCXX FM250 ADV7312 PA142 KBPC35 205S35
Product Description
Full Text Search
 

To Download J210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J210, J211, J212
Linear Integrated Systems
LOW NOISE N-CHANNEL J-FET GENERAL PURPOSE AMPLIFIER
TO-92
FEATURES
HIGH GAIN gfs = 7000mho MINIMUM (J211, J212) HIGH INPUT IMPEDANCE IGSS= 100pA MAXIMUM LOW INPUT CAPACITANCE Ciss= 5pF TYPICAL ABSOLUTE MAXIMUM RATINGS @ 25C (unless otherwise noted) Gate-Drain or Gate-Source Voltage Gate Current Total Device Dissipation @ 25C Ambient (Derate 3.27 mW/C) Operating Temperature Range
G S
Plastic
TO-92
D
G DS
-25V 10mA 360mW -55C to + 135C
G S D Bottom View
ELECTRICAL CHARACTERISTICS @ 25C (unless otherwise noted) SYMBOL CHARACTERISTICS J210 J211 MIN TYP MAX MIN TYP MAX
IGSS VGS(off) BVGSS IDSS IG gfs gos Ciss Crss en Gate Reverse Current Gate-Source Cutoff Voltage
Gate-Source Breakdown Voltage
J212 UNITS CONDITIONS MIN TYP MAX
--4 -25 15 -7,000
--1 -25 2 -4,000
-----10 --4 1 10
-100 -3 -15 -12,000
--2.5 -25 7 -6,000
-----10 --4 1 10
-100 -4.5 -20 -12,000
-----10 --4 1 10
-100 -6 -40 -12,000
pA V mA pA mho
VDS=0 VDS=15V VDS=0 VDS=15V VDS=10V
VGS= -15V (NOTE 1) ID=1nA IG= -1A VGS=0 ID=1mA (NOTE 2) (NOTE 1) f=1kHz
Drain Saturation Current Gate Current Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Equivalent Short-Circuit Input Noise Voltage
-----
150 ----
-----
200 ----
-----
200 -pF --nVHz f=1kHz VDS=15V VGS=0 f=1MHz
NOTE 1: Approximately doubles for every 10C increase in TA. NOTE 2: Pulse test duration = 2ms.
Linear Integrated Systems
4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 * FAX: (510) 353-0261


▲Up To Search▲   

 
Price & Availability of J210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X