Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
 

To Download J210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J210 / J211 / J212 / MMBFJ210 / MMBFJ211 / MMBFJ212
J210 J211 J212
MMBFJ210 MMBFJ211 MMBFJ212
G
S G S
TO-92
D
SOT-23
Mark: 62V / 62W / 62X
D
NOTE: Source & Drain are interchangeable
N-Channel RF Amplifier
This device is designed for HF/VHF mixer/amplifier and applications where Process 50 is not adequate. Sufficient gain and low noise for sensitive receivers. Sourced from Process 90.
Absolute Maximum Ratings*
Symbol
VDG VGS IGF TJ ,Tstg Drain-Gate Voltage Gate-Source Voltage Forward Gate Current
TA = 25C unless otherwise noted
Parameter
Value
25 - 25 10 -55 to +150
Units
V V mA C
Operating and Storage Junction Temperature Range
5
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient J210-212 350 2.8 125 357
Max
*MMBFJ210-212 225 1.8 556
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation
J210/J211/J212/MMBFJ210/J211/J212, Rev A
J210 / J211 / J212 / MMBFJ210 / MMBFJ211 / MMBFJ212
N-Channel RF Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V (BR)GSS IG S S V GS(off) Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage I G = 1.0 A, V DS = 0 V G S = 15 V, V D S = 0 V D S = 15 V, I D = 1.0 nA 210 211 212 - 25 - 100 -1.0 - 2.5 - 4.0 -3.0 - 4.5 - 6.0 V pA V V V
ON CHARACTERISTICS
ID S S Zero-Gate Voltage Drain Current* V DS = 15 V, V GS = 0 210 211 212 2.0 7.0 15 15 20 40 mA mA mA
SMALL SIGNAL CHARACTERISTICS
gfs Common Source Forward Transconductance V D S = 15 V, V G S = 0, f = 1.0 kHz 210 211 212 V D S = 15 V, V G S = 0, f = 1.0 kHz 4000 6000 7000 12,000 12,000 12,000 200 mhos mhos mhos mhos
goss
Common Source Output Conductance
*Pulse Test: Pulse Width 300 S
Typical Characteristics
Parameter Interactions Common Drain-Source
J210 / J211 / J212 / MMBFJ210 / MMBFJ211 / MMBFJ212
N-Channel RF Amplifier
(continued)
Typical Characteristics
(continued)
Transfer Characteristics
Transfer Characteristics
Leakage Current vs. Voltage
Noise Voltage vs. Frequency
5
Transconductance vs. Drain Current
Output Conductance vs. Drain Current
J210 / J211 / J212 / MMBFJ210 / MMBFJ211 / MMBFJ212
N-Channel RF Amplifier
(continued)
Typical Characteristics
(continued)
Capacitance vs. Voltage
Common Source Characteristics
Input Admittance
os)
Forward Transadmittance
Output Admittance
Reverse Transadmittance
J210 / J211 / J212 / MMBFJ210 / MMBFJ211 / MMBFJ212
N-Channel RF Amplifier
(continued)
Common Gate Characteristics
Input Admittance Forward Transadmittance
Output Admittance
Reverse Transadmittance
5
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
OPTOPLANARTM PACMANTM POPTM PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM StealthTM
SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H2


▲Up To Search▲   

 
Price & Availability of J210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X