Part Number Hot Search : 
STUN036 1N527 2N60B 2N60B A6812EEP NCE0224D P052D CA31HU
Product Description
Full Text Search
 

To Download J210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
J210; J211; J212 N-channel field-effect transistors
Product specification File under Discrete Semiconductors, SC07 1997 Dec 01
Philips Semiconductors
Product specification
N-channel field-effect transistors
FEATURES * High speed switching * Interchangeability of drain and source connections * High impedance. APPLICATIONS * Analog switches * Choppers, multiplexers and commutators * Audio amplifiers. DESCRIPTION N-channel symmetrical junction field-effect transistor in a TO-92 (SOT54) package. CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
Marking codes: J210: J210. J211: J211. J212: J212.
handbook, halfpage 2
J210; J211; J212
PINNING - TO-92 (SOT54) PIN 1 2 3 SYMBOL g s d gate source drain DESCRIPTION
1
3 g
MAM197
d s
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA SYMBOL VDS VGSoff PARAMETER drain-source voltage gate-source cut-off voltage J210 J211 J212 IDSS drain current J210 J211 J212 Ptot yfs total power dissipation common-source transfer admittance J210 J211 J212 Tamb 50 C VGS = 0; VDS = 15 V 4 6 7 12 12 12 mS mS mS VGS = 0; VDS = 15 V 2 7 15 - 15 20 40 400 mA mA mA mW ID = 1 nA; VDS = 15 V -1 -2.5 -4 -3 -4.5 -6 V V V CONDITIONS - MIN. MAX. 25 UNIT V
1997 Dec 01
2
Philips Semiconductors
Product specification
N-channel field-effect transistors
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDS VGSO VDGO IG Ptot Tstg Tj Note PARAMETER drain-source voltage gate-source voltage drain-gate voltage forward gate current (DC) total power dissipation storage temperature operating junction temperature Tamb 50 C; note 1; see Fig.13 open drain open source CONDITIONS - - - - - -65 -
J210; J211; J212
MIN.
MAX. 25 -25 -25 10 400 150 150 V V V
UNIT
mA mW C C
1. Device mounted on a printed-circuit board, maximum lead length 4 mm; mounting pad for the drain lead 10 mm2. THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Device mounted on a printed-circuit board, maximum lead length 4 mm; mounting pad for the drain lead 10 mm2. PARAMETER thermal resistance from junction to ambient; note 1 VALUE 250 UNIT K/W
1997 Dec 01
3
Philips Semiconductors
Product specification
N-channel field-effect transistors
STATIC CHARACTERISTICS Tj = 25 C. SYMBOL V(BR)GSS VGSoff PARAMETER gate-source breakdown voltage gate-source cut-off voltage J210 J211 J212 VGSS IDSS gate-source forward voltage drain current J10 J11 J12 IGSS yfs reverse gate leakage current common-source transfer admittance J210 J211 J212 yos common source output admittance J210 J211 J212 DYNAMIC CHARACTERISTICS Tamb = 25 C. SYMBOL Cis Cos Crs gis gfs grs gos Vn PARAMETER input capacitance output capacitance feedback capacitance common source input conductance common source transfer conductance common source feedback conductance common source output conductance equivalent input noise voltage CONDITIONS VGS = 0; VDS = 15 V - - - VGS = -15 V; VDS = 0 VGS = 0; VDS = 15 V 4 6 7 IG = 0; VDS = 0 VGS = 0; VDS = 15 V 2 7 15 - CONDITIONS IG = -1 A; VDS = 0 ID = 1 nA; VDS = 15 V -1 -2.5 -4 - -
J210; J211; J212
MIN.
MAX. -25 -3 -4.5 -6 1 15 20 40 -100 12 12 12 150 200 200 V V V V V
UNIT
mA mA mA pA mS mS mS S S S
TYP. 2 4 0.8 2 0.8 0.9 70 1.1 7.5 7.5 -8 -90 95 200 5
UNIT pF pF pF pF pF pF S mS mS mS S S S S nV/Hz
VDS = 15 V; VGS = -10 V; f = 1 MHz VDS = 15 V; VGS = 0; f = 1 MHz VDS = 15 V; VGS = -10 V; f = 1 MHz VDS = 15 V; VGS = 0; f = 1 MHz VDS = 15 V; VGS = -10 V; f = 1 MHz VDS = 15 V; VGS = 0; f = 1 MHz VDS = 15 V; VGS = 0; f = 100 MHz VDS = 15 V; VGS = 0; f = 450 MHz VDS = 15 V; VGS = 0; f = 100 MHz VDS = 15 V; VGS = 0; f = 450 MHz VDS = 15 V; VGS = 0; f = 100 MHz VDS = 15 V; VGS = 0; f = 450 MHz VDS = 15 V; VGS = 0; f = 100 MHz VDS = 15 V; VGS = 0; f = 450 MHz VDS = 15 V; VGS = 0; f = 1 kHz
1997 Dec 01
4
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
handbook, halfpage
40
MGM277
handbook, halfpage
12
MGM278
IDSS (mA) 30
yfs (mS) 8
20
4 10
0 0
-2
-4 V -6 GSoff (V)
0 0
-2
-4 V -6 GSoff (V)
VDS = 15 V; Tj = 25 C. VDS = 15 V; Tj = 25 C.
Fig.3 Fig.2 Drain current as a function of gate-source cut-off voltage; typical values.
Common-source transfer admittance as a function of gate-source cut-off voltage; typical values.
handbook, halfpage
80
MGM279
handbook, halfpage
8
MGM280
gos (S) 60
ID (mA) 6 VGS = 0 V -200 mV
40
4
-400 mV -600 mV
20
2
-800 mV -1.4 V -1 V -1.2 V 8 10 VDS (V)
0 0
-2
-4 V -6 GSoff (V)
0 0 2 4 6
VDS = 15 V; Tamb = 25 C.
Fig.4
Common-source output conductance as a function of gate-source cut-off voltage; typical values.
J210. Tj = 25 C.
Fig.5 Output characteristics; typical values.
1997 Dec 01
5
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
handbook, halfpage
8
MGM281
handbook, halfpage
20
MGM282
ID (mA) 6
ID (mA)
16
VGS = 0 V -200 mV
12 4 8 2 4
-400 mV -600 mV -800 mV -1 V -1.2 V -1.4 V
0 -2.5
-2
-1.5
-1
-0.5 0 VGS (V)
0 0 2 4 6 8 10 VDS (V)
J210. VDS = 10 V; Tj = 25 C.
J211. Tj = 25 C.
Fig.6 Input characteristics; typical values.
Fig.7 Output characteristics; typical values.
handbook, halfpage
20
MGM283
ID (mA)
handbook, halfpage
24
MGM284
16
ID (mA) 16
VGS = 0 V -200 mV -400 mV -600 mV -800 mV -1 V -1.2 V -1.4 V
12
8 8 4
0 -6
-4
-2
0 VGS (V) 0 0 2 4 6 8 10 VDS (V)
J211. VDS = 10 V; Tj = 25 C.
J212. Tj = 25 C.
Fig.8 Input characteristics; typical values.
Fig.9 Output characteristics; typical values.
1997 Dec 01
6
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
handbook, halfpage
24
MGM285
handbook, halfpage
2
MGM286
ID (mA) 16
Crs (pF) 1.5
1
8 0.5
0 -6
-4
-2
VGS (V)
0
0 -10
-8
-6
-4
-2
0 VGS (V)
J212. VDS = 10 V; Tj = 25 C.
VDS = 15 V; f = 1 Mhz; Tamb = 25 C.
Fig.10 Input characteristics; typical values.
Fig.11 Feedback capacitance as a function of gate-source voltage; typical values.
MGM287
handbook, halfpage
5
Cis (pF)
handbook, halfpage
500
MGM290
Ptot (mW)
4
400
3
300
2
200
1
100
0 -10
-8
-6
-4
-2
0 0 VGS (V) 0 50 100 Tamb (C) 150
VDS = 15 V; f = 1 Mhz; Tamb = 25 C.
Fig.12 Input capacitance as a function of gate-source voltage; typical values.
Fig.13 Power derating curve.
1997 Dec 01
7
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
103 handbook, halfpage ID (A)
MGM289
-105 handbook, halfpage IG (pA)
MGM288
ID = 10 mA
102
-104
10
-103
1 mA
1
-102 0.1 mA
10-1
-10
10-2
-1
IGSS
10-3
-10-1
0
4
8
12
16 20 VDG (V)
10-4
10-5 -4
-3
-2
-1 V 0 GS (V)
VDS = 15 V; Tj = 25 C.
Tj = 25 C.
Fig.14 Drain current as a function of gate-source voltage; typical values.
Fig.15 Gate current as a function of drain-gate voltage; typical values.
1997 Dec 01
8
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
102 handbook, halfpage yis (mS) 10 bis
MGM291
102 handbook, halfpage
MGM292
yfs (mS)
1 gis 10-1
10
gfs
-bfs
10-2 10
102
f (MHz)
103
1 10
102
f (MHz)
103
VDS = 15 V; VGS = 0; Tamb = 25 C.
VDS = 15 V; VGS = 0; Tamb = 25 C.
Fig.16 Common source input admittance as a function of frequency; typical values.
Fig.17 Common source transfer admittance as a function of frequency; typical values.
handbook, halfpage
10
MGM293
handbook, halfpage
10
MGM294
yrs (mS) 1
-brs
yos (mS) bos 1
10-1 -grs 10-2 10-1 gos
10-3 10
102
f (MHz)
103
10-2 10
102
f (MHz)
103
VDS = 15 V; VGS = 0; Tamb = 25 C.
VDS = 15 V; VGS = 0; Tamb = 25 C.
Fig.18 Common source reverse admittance as a function of frequency; typical values.
Fig.19 Common source output admittance as a function of frequency; typical values.
1997 Dec 01
9
Philips Semiconductors
Product specification
N-channel field-effect transistors
PACKAGE OUTLINE Plastic single-ended leaded (through hole) package; 3 leads
J210; J211; J212
SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.56 c 0.45 0.40 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1) 2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 EIAJ SC-43 EUROPEAN PROJECTION ISSUE DATE 97-02-28
1997 Dec 01
10
Philips Semiconductors
Product specification
N-channel field-effect transistors
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
J210; J211; J212
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Dec 01
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA56
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
117067/00/01/pp12
Date of release: 1997 Dec 01
Document order number:
9397 750 02789


▲Up To Search▲   

 
Price & Availability of J210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X