Part Number Hot Search : 
16010 RS1MB LH28F160 PW654425 3SMC110A 5KE11A RS403 SR540
Product Description
Full Text Search
 

To Download IXRH50N80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
IGBT with Reverse Blocking capability
IXRH 50N80 IXRH 50N60
VCES = 600 / 800V IC25 = 60 A VCE(sat) = 2.5 V tf = 75 ns
TO-247 AD
G C E
C G
C (TAB) C = Collector, TAB = Collector
E G = Gate, E = Emitter,
IGBT Symbol VCES VGES IC25 IC90 ICM VCEK Ptot TC = 25C TC = 90C VGE = 0/15 V; RG = 22 ; TVJ = 125C RBSOA, Clamped inductive load; L = 100 H TC = 25C Conditions TVJ = 25C to 150C IXRH 50N80 IXRH 50N60 Maximum Ratings 800 600 20 60 40 80 500 300 V V V A A
Features
q
q
q
A V W
q
IGBT with NPT (non punch through) structure reverse blocking capability independent from gate voltage - function of series diode monolithically integrated - no external series diode required - soft reverse recovery positive temperature coefficient of saturation voltage - optimum current distribution when paralleled Epoxy of TO 247 package meets UL 94V-0
Symbol
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 2.5 3.0 4 3.0 500 80 100 380 75 3.6 2.1 4 150 58 840 3.1 8 0.4 V V V mA mA nA ns ns ns ns mJ mJ nF nC A ns 0.42 K/W
Applications converters requiring reverse blocking capability: - current source inverters - matrix converters - bi-directional switches - resonant converters - induction heating - auxiliary switches for soft switching in the main current path
VCE(sat) VGE(th) ICES IGES td(on) tr td(off) tf Eon Eoff Cies QGon IRM trr RthJC
IC = 40 A; VGE = 15 V; TVJ = 25C TVJ = 125C IC = 2 mA; VGE = VCE VCE = 0.8 VCES; VGE = 0 V; TVJ = 25C TVJ = 125C VCE = 0 V; VGE = 20 V Inductive load, TVJ = 125C VCE = 500 V; IC = 40 A VGE = 0/15 V; RG = 22
VCE = 25 V; VGE = 0 V; f = 1 MHz VCE = 500V; VGE = 15 V; IC = 40 A IF = 40 A; diC/dt = -400 A/s; TVJ = 125C VCE = -500 V; VGE = 15 V
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2000 IXYS All rights reserved
IXYS Semiconductor GmbH Edisonstr. 15, D-68623 Lampertheim Phone: +49-6206-503-0, Fax: +49-6206-503627
1-2
IXYS Corporation 3540 Bassett Street, Santa Clara CA 95054 Phone: (408) 982-0700, Fax: 408-496-0670
038
IXRH 50N80 IXRH 50N60
Component Symbol TVJ Tstg Md FC Symbol RthCH Weight mounting torque mounting force with clip Conditions with heatsink compound Conditions Maximum Ratings -55...+150 -55...+125 0.8 - 1.2 20...120 C C Nm N TO-247 AD Outline
Characteristic Values min. typ. max. 0.25 6 K/W g
Dim.
Millimeter Min. Max. A 4.7 5.3 A1 2.2 2.54 A2 2.2 2.6 b 1.0 1.4 b1 1.65 2.13 b2 2.87 3.12 C .4 .8 D 20.80 21.46 E 15.75 16.26 e 5.20 5.72 L 19.81 20.32 L1 4.50 P 3.55 3.65 Q 5.89 6.40 R 4.32 5.49 S 6.15 BSC
Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252 .170 .216 242 BSC
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of IXRH50N80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X