Part Number Hot Search : 
EL2004 THS4304 RS804 AMPPJ3 EN5311 MURS120 M29F800 MCH3220
Product Description
Full Text Search
 

To Download ITS716G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROFET(R) ITS 716G
Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m Status Feedback
Product Summary
Operating Voltage Vbb Operating Temperature Ta Active channels On-state Resistance RON Nominal load current IL(NOM) Current limitation IL(SCr) 5.5 ...40V -30 ...+85C one four parallel 140m 35m 2.6A 5.3A 6.5A 6.5A
Package
PG-DSO-20
General Description
* * N channel vertical power MOSFET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, monolithically integrated in Smart SIPMOS technology. Providing embedded protective functions
Applications
* * * * C compatible high-side power switch with diagnostic feedback for 12V and 24V grounded loads in industrial applications All types of resistive, inductive and capacitve loads Most suitable for loads with high inrush currents, so as lamps Replaces electromechanical relays, fuses and discrete circuits
Basic Functions
* * * * * * * Very low standby current CMOS compatible input Improved electromagnetic compatibility (EMC) Fast demagnetization of inductive loads Stable behaviour at undervoltage Wide operating voltage range Logic ground independent from load ground
Protection Functions
* * * * * * * * Short circuit protection Overload protection Current limitation Thermal shutdown Overvoltage protection (including load dump) with external resistor Reverse battery protection with external resistor Loss of ground and loss of Vbb protection Electrostatic discharge protection (ESD)
Block Diagram
Vbb
IN1 ST1/2 IN2
Logic Channel 1 Channel 2
Load 1 Load 2
Diagnostic Function
* * * Diagnostic feedback with open drain output Open load detection in OFF-state Feedback of thermal shutdown in ON-state
IN3 ST3/4 IN4
Logic Channel 3 Channel 4
Load 3
GND
Load 4
Infineon Technologies AG
1 of 14
2006-Mar-23
PROFET(R) ITS 716G
Functional diagram
overvoltage protection internal voltage supply
IN1
logic
gate control + charge pump
current limit
VBB
clamp for inductive load
OUT1
ESD
temperature sensor Open load detection
reverse battery protection
LOAD
.
ST1/2
channel 1
IN2
control and protection circuit of channel 2
OUT2
GND1/2
IN3
control and protection circuit of channel 3
OUT3
ST3/4
IN4
control and protection circuit of channel 4
OUT4
GND3/4
Infineon Technologies AG
2 of 14
2006-Mar-23
PROFET(R) ITS 716G
Pin Definitions and Functions
Pin 1,10, 11,12, 15,16, 19,20 3 5 7 9 18 17 14 13 4 8 2 6 Symbol Vbb Function Positive power supply voltage. Design the wiring for the simultaneous max. short circuit currents from channel 1 to 2 and also for low thermal resistance Input 1,2,3,4 activates channel 1,2,3,4 in case of logic high signal
Pin configuration
(top view)
IN1 IN2 IN3 IN4 OUT1 OUT2 OUT3 OUT4 ST1/2 ST3/4 GND1/2 GND3/4
Output 1,2,3,4 protected high-side power output of channel 1,2,3,4. Design the wiring for the max. short circuit current Diagnostic feedback 1/2,3/4 of channel 1,2,3,4 open drain, low on failure Ground of chip 1 (channel 1,2) Ground of chip 2 (channel 3,4)
Vbb GND1/2 IN1 ST1/2 IN2 GND3/4 IN3 ST3/4 IN4 Vbb
1 2 3 4 5 6 7 8 9 10
*
20 19 18 17 16 15 14 13 12 11
Vbb Vbb OUT1 OUT2 Vbb Vbb OUT3 OUT4 Vbb Vbb
Infineon Technologies AG
3 of 14
2006-Mar-23
PROFET(R) ITS 716G Maximum Ratings at Tj = 25C unless otherwise specified
Parameter Supply voltage (overvoltage protection see page 6) Supply voltage for full short circuit protection Tj,start = -40 ...+150C Load current (Short-circuit current, see page 6) Load dump protection1) VLoadDump = VA + Vs, VA = 13.5 V RI2) = 2 , td = 400 ms; IN = low or high, each channel loaded with RL = 13.5 , Junction temperature Operating temperature range Storage temperature range Power dissipation (DC)4) Ta = 25C: (all channels active) Ta = 85C: Maximal switchable inductance, single pulse Vbb = 12V, Tj,start = 150C4), see diagrams on page 10 IL = 2.3 A, EAS = 76 mJ, 0 one channel: IL = 3.3 A, EAS = 182 mJ, 0 two parallel channels: IL = 4.7 A, EAS = 460 mJ, 0 four parallel channels: Electrostatic discharge capability (ESD) IN: (Human Body Model) ST: out to all other pins shorted:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993 R=1.5k; C=100pF
Symbol Vbb Vbb IL VLoad dump3) Tj Ta Tstg Ptot
Values 43 36 self-limited 60 +150 -30 ...+85 -40 ...+105 3.6 1.9
Unit V V A V C
W
ZL
21 25 30 1.0 4.0 8.0 -10 ... +16 0.3 5.0 5.0
mH
VESD
kV
Input voltage (DC) see internal circuit diagram page 9 Current through input pin (DC) Pulsed current through input pin5) Current through status pin (DC)
VIN IIN IIN IST
V mA
1) 2) 3) 4) 5)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150 resistor for the GND connection is recommended. RI = internal resistance of the load dump test pulse generator VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70m thick) copper area for Vbb connection. PCB is vertical without blown air. See page 14 only for testing
Infineon Technologies AG
4 of 14
2006-Mar-23
PROFET(R) ITS 716G Thermal Characteristics
Parameter and Conditions Thermal resistance junction - soldering point6)7) junction - ambient6) @ 6 cm2 cooling area Symbol each channel: Rthjs Rthja one channel active: all channels active: min ----Values typ max --44 35 17 ---Unit K/W
Electrical Characteristics
Parameter and Conditions, each of the four channels
at Tj = -40...+150C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Load Switching Capabilities and Characteristics On-state resistance (Vbb to OUT); IL = 2 A each channel, Tj = 25C: RON Tj = 150C: two parallel channels, Tj = 25C: four parallel channels, Tj = 25C:
see diagram, page 11
----2.3 3.3 4.7 ---0.2 0.2
110 210 55 28 2.6 3.7 5.3 -100 100 ---
140 280 70 35 ---2 250 270 1.0 1.1
m
Nominal load current
one channel active: IL(NOM) two parallel channels active: four parallel channels active:
A
Device on PCB6), Ta = 85C, Tj 150C Vbb = 32 V, VIN = 0, see diagram page 9
Output current while GND disconnected or pulled up8); IL(GNDhigh) IN IN to 90% VOUT: ton to 10% VOUT: toff
mA s
Turn-on time9) Turn-off time RL = 12 Slew rate on 9) Slew rate off 9)
10 to 30% VOUT, RL = 12 : dV/dton 70 to 40% VOUT, RL = 12 : -dV/dtoff
V/s V/s
6) 7) 8) 9)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70m thick) copper area for Vbb connection. PCB is vertical without blown air. See page 14 Soldering point: upper side of solder edge of device pin 15. See page 14 not subject to production test, specified by design See timing diagram on page 12.
Infineon Technologies AG
5 of 14
2006-Mar-23
PROFET(R) ITS 716G
Parameter and Conditions, each of the four channels
at Tj = -40...+150C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max 5.5 --41 -------47 9 --1 40 4.5 4.511) 52 16 24 1611) 5
Unit
Operating Parameters Operating voltage Undervoltage switch off10) Overvoltage protection12) I bb = 40 mA Standby current13) VIN = 0; see diagram page 11
Vbb(on) Tj =-40...25C: Vbb(u so) Tj =125C: Vbb(AZ)
V V V A A mA
Tj =-40C...25C: Ibb(off) Tj =150C: Tj =125C: Off-State output current (included in Ibb(off)) IL(off) VIN = 0; each channel Operating current 14), VIN = 5V, IGND = IGND1 + IGND2, one channel on: IGND all channels on: Protection Functions15) Current limit, Vout = 0V, (see timing diagrams, page 12) Tj =-40C: IL(lim) Tj =25C: =+150C: Tj Repetitive short circuit current limit, Tj = Tjt each channel IL(SCr) two,three or four parallel channels
(see timing diagrams, page 12)
---
0.5 1.9
0.9 3.3
--5 ---41 150 --
-9 -6.5 6.5 2 47 -10
14 -----52 ---
A
A ms V C K
Initial short circuit shutdown time
Vout = 0V at VON(CL) = Vbb - VOUT, IL= 40 mA
(see timing diagrams on page 12)
Tj,start =25C: toff(SC) VON(CL) Tjt
Output clamp (inductive load switch off)16) Thermal overload trip temperature Thermal hysteresis
Tjt
10) 11) 12)
13) 14) 15)
16)
is the voltage, where the device doesnt change its switching condition for 15ms after the supply voltage falling below the lower limit of Vbb(on) not subject to production test, specified by design Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150 resistor for the GND connection is recommended). See also VON(CL) in table of protection functions and circuit diagram on page 9. Measured with load; for the whole device; all channels off Add IST, if IST > 0 Integrated protection functions are designed to prevent IC destruction under fault conditions described in the data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed for continuous repetitive operation. If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest VON(CL)
Infineon Technologies AG
6 of 14
2006-Mar-23
PROFET(R) ITS 716G
Parameter and Conditions, each of the four channels
at Tj = -40...+150C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Reverse Battery Reverse battery voltage 17) Drain-source diode voltage (Vout > Vbb) IL = - 2.0 A, Tj = +150C Diagnostic Characteristics Open load detection voltage Input and Status Feedback18) Input resistance
(see circuit page 9)
-Vbb -VON
---
-600
32 --
V mV
V OUT(OL)1
1.7
2.8
4.0
V
RI VIN(T+) VIN(T-) VIN(T) td(STon) td(STon) td(SToff) td(SToff) IIN(off) IIN(on) VST(high) VST(low)
2.5 -1.0 --30 --5 10 5.4 --
4.0 --0.2 10 ----35 ---
6.0 2.5 --20 -500 20 20 60 -0.6
k V V V s s s s A A V
Input turn-on threshold voltage Input turn-off threshold voltage Input threshold hysteresis Status change after positive input slope19) with open load Status change after positive input slope19) with overload Status change after negative input slope with open load Status change after negative input slope19) with overtemperature Off state input current VIN = 0.4 V: On state input current VIN = 5 V: Status output (open drain) Zener limit voltage IST = +1.6 mA: ST low voltage IST = +1.6 mA:
17)
Requires a 150 resistor in GND connection. The reverse load current through the intrinsic drain-source diode has to be limited by the connected load. Power dissipation is higher compared to normal operating conditions due to the voltage drop across the drain-source diode. The temperature protection is not active during reverse current operation! Input and Status currents have to be limited (see max. ratings page 4 and circuit page 9). 18) If ground resistors R GND are used, add the voltage drop across these resistors. 19) not subject to production test, specified by design
Infineon Technologies AG
7 of 14
2006-Mar-23
PROFET(R) ITS 716G Truth Table
Channel 1 and 2 Channel 3 and 4 (equivalent to channel 1 and 2)
Normal operation
Chip 1 Chip 2
IN1 IN3 L L H H L H X X L X H L H X X
IN2 IN4 L H L H X X L H L H X X X L H
OUT1 OUT3 L L H H Z H X X L L L L L X X
OUT2 OUT4 L H L H X X Z H L L L X X L L
ST1/2 ST3/4 H H H H L20) H L15) H H L L H L H L
Open load
Channel 1 (3) Channel 2 (4)
Overtemperature
both channel
Channel 1 (3) Channel 2 (4)
L = "Low" Level H = "High" Level
X = don't care Z = high impedance, potential depends on external circuit Status signal valid after the time delay shown in the timing diagrams
Parallel switching of channel 1 and 2 (also channel 3 and 4) is easily possible by connecting the inputs and outputs in parallel (see truth table). If switching channel 1 to 4 in parallel, the status outputs ST1/2 and ST3/4 have to be configured as a 'Wired OR' function with a single pull-up resistor.
Terms
Ibb bb I IN1 I IN2 I ST1/2 V IN1 V IN2 VST1/2 3 5 4 V ON1 V ON2 18 I L1 I L2 V I GND1/2 GND1/2 V OUT1 V ON3 V ON4 14 I L3 I L4 V IGND3/4 GND3/4
V
Leadframe IN1 IN2 Vbb OUT1 PROFET Chip 1
Leadframe I IN3 I IN4 I ST3/4 IN3 V IN4 VST3/4 7 9 8 IN3 IN4 Vbb OUT3 PROFET Chip 2
OUT2
17
OUT4
13
ST1/2 GND1/2 2 R
ST3/4 GND3/4 6 R
OUT3
V OUT2
V OUT4
Leadframe (Vbb) is connected to pin 1,10,11,12,15,16,19,20 External RGND optional; two resistors RGND1, RGND2 = 150 or a single resistor RGND = 75 for reverse battery protection up to the max. operating voltage.
20)
L, if potential at the Output exceeds the OpenLoad detection voltage
Infineon Technologies AG
8 of 14
2006-Mar-23
PROFET(R) ITS 716G
Input circuit (ESD protection), IN1 to IN4
R IN I
Overvolt. and reverse batt. protection
+ 5V + Vbb V IN
R ST RI Logic R ST ST
V Z1
Z2
ESD-ZD I GND
I
I
OUT
The use of ESD zener diodes as voltage clamp at DC conditions is not recommended.
GND
R GND
Signal GND
R Load
Status output, ST1/2 or ST3/4
+5V
Load GND
R ST(ON)
ST
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RGND = 150 , RST= 15 k, RI= 3.5 k typ. In case of reverse battery the load current has to be limited by the load. Temperature protection is not active
GND
ESDZD
Open-load detection, OUT1...4
OFF-state diagnostic condition: Open Load, if VOUT > 3 V typ.; IN low
V
ESD-Zener diode: 6.1 V typ., max 0.3 mA; RST(ON) < 375 at 1.6 mA. The use of ESD zener diodes as voltage clamp at DC conditions is not recommended.
bb
Inductive and overvoltage output clamp,
OUT1...4
+Vbb VZ V Logic unit
ON
R EXT
OFF
V OUT
Open load detection
OUT
Signal GND
GND disconnect
Power GND
VON clamped to VON(CL) = 47 V typ.
IN Vbb PROFET ST GND V bb V IN V ST V GND OUT
Any kind of load. In case of IN = high is VOUT VIN - VIN(T+). Due to VGND > 0, no VST = low signal available.
Infineon Technologies AG
9 of 14
2006-Mar-23
PROFET(R) ITS 716G
GND disconnect with GND pull up Inductive load switch-off energy dissipation
E bb
IN Vbb PROFET ST GND OUT
E AS Vbb PROFET OUT ELoad
IN
=
V V bb IN ST V V GND
ST GND ZL
{
R L
L
EL
ER
Any kind of load. If VGND > VIN - VIN(T+) device stays off Due to VGND > 0, no VST = low signal available.
Energy stored in load inductance:
Vbb disconnect with energized inductive load
EL = 1/2*L*I L While demagnetizing load inductance, the energy dissipated in PROFET is EAS= Ebb + EL - ER= VON(CL)*iL(t) dt,
2
high
IN
Vbb PROFET OUT
with an approximate solution for RL > 0 : IL* L EAS= 2*R (Vbb + |VOUT(CL)|)
L
ST GND
ln (1+ |V
OUT(CL)|
IL*RL
)
V
Maximum allowable load inductance for a single switch off (one channel)4)
bb
L = f (IL ); Tj,start = 150C, Vbb = 12 V, RL = 0 ZL [mH]
1000
For inductive load currents up to the limits defined by ZL (max. ratings and diagram on page 10) each switch is protected against loss of Vbb. Consider at your PCB layout that in the case of Vbb disconnection with energized inductive load all the load current flows through the GND connection.
100
10
1 1 2 3 4 5 6
IL [A]
Infineon Technologies AG
10 of 14
2006-Mar-23
PROFET(R) ITS 716G
Typ. on-state resistance
RON = f (Vbb,Tj ); IL = 2 A, IN = high RON [mOhm]
240
Tj = 150C
180
120
25C -40C
60
0 5 7 9 11 30 40
Vbb [V]
Typ. standby current
Ibb(off) = f (Tj ); Vbb = 9...34 V, IN1,2,3,4 = low Ibb(off) [A]
45 40 35 30 25 20 15 10 5 0 -50 0 50 100 150 200
Tj [C]
Infineon Technologies AG
11 of 14
2006-Mar-23
PROFET(R) ITS 716G
Timing diagrams
All channels are symmetric and consequently the diagrams are valid for channel 1 to channel 4
Figure 1a: Vbb turn on: IN1 Figure 2b: Switching a lamp:
IN
IN2 V bb V
ST
OUT1
V
OUT
V
OUT2
ST1 open drain
I
L
ST2 open drain t
t
Figure 2a: Switching a resistive load, turn-on/off time and slew rate definition:
Figure 3a: Turn on into short circuit: shut down by overtemperature, restart by cooling
IN1 other channel: normal operation
IN
VOUT
I
90% t on dV/dton 10% t dV/dtoff
L1
I
L(lim) I L(SCr)
off
t off(SC)
IL
ST
t
t
Heating up of the chip may require several milliseconds, depending on external conditions
Infineon Technologies AG
12 of 14
2006-Mar-23
PROFET(R) ITS 716G
Figure 3b: Turn on into short circuit: shut down by overtemperature, restart by cooling (two parallel switched channels 1 and 2)
IN1/2
Figure 5a: Open load: detection in OFF-state, turn on/off to open load Open load of channel 1; other channels normal operation
IN1
I
L1
+I
L2
VOUT1
2xIL(lim)
I L1
I L(SCr)
t ST1/2
ST
off(SC)
10s 500s
t
ST1 and ST2 have to be configured as a 'Wired OR' function ST1/2 with a single pull-up resistor.
Figure 4a: Overtemperature: Reset if Tj IN
Figure 6a: Status change after, turn on/off to overtemperature Overtemperature of channel 1; other channels normal operation
IN1
ST
ST
30s 20s
V
OUT
T
J
t
Infineon Technologies AG
13 of 14
2006-Mar-23
PROFET(R) ITS 716G
Package and Ordering Code
Standard: PG-DSO-20-15
Sales Code Ordering Code
All dimensions in millimetres
ITS 716G SP000219534
Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81669 Munchen (c) Infineon Technologies AG 2006 All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office.
Definition of soldering point with temperature Ts: upper side of solder edge of device pin 15.
Pin 15
Printed circuit board (FR4, 1.5mm thick, one layer 70m, 6cm2 active heatsink area) as a reference for max. power dissipation Ptot, nominal load current IL(NOM) and thermal resistance Rthja
Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Infineon Technologies AG
14 of 14
2006-Mar-23


▲Up To Search▲   

 
Price & Availability of ITS716G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X