Part Number Hot Search : 
BR1645CT AN6306 IRF330 30402 IN74HC 6717MX MB10A MAX905
Product Description
Full Text Search
 

To Download ISL6569CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6569
Data Sheet October 2003 FN9085.5
Multi-Phase PWM Controller
The ISL6569 provides core-voltage regulation by driving two interleaved synchronous-rectified buck-converter channels in parallel. Interleaving the channel timing results in increased ripple frequency which reduces input and output ripple currents. The reduction in ripple results in lower component cost, reduced dissipation, and a smaller implementation area. The ISL6569 uses cost and space-saving rDS(ON) sensing for channel current balance, active voltage positioning, and over-current protection. Output voltage is monitored by an internal differential remote sense amplifier. A high-bandwidth error amplifier drives the output voltage to match the programmed 5-bit DAC reference voltage. The resulting compensation signal guides the creation of pulse width modulated (PWM) signals to control companion Intersil MOSFET drivers. The OFS pin allows direct offset of the DAC voltage from 0V to 50mV using a single external resistor. The reference and amplifiers are trimmed to ensure a system accuracy of 1% over temperature. Outstanding features of this controller IC include Dynamic VIDTM technology allowing seamless on-the-fly VID changing without the need of any external components. Output voltage "droop" or active voltage positioning is optional. When employed, it allows the reduction in size and cost of the output capacitors required to support load transients. A threshold-sensitive enable input allows the use of an external resistor divider for start-up coordination with Intersil MOSFET drivers or any other devices powered from a separate supply. Superior over-voltage protection is achieved by gating on the lower MOSFET of all phases to crowbar the output voltage. An optional second crowbar on VIN, formed with an external MOSFET or SCR gated by the OVP pin, is triggered when an over-voltage condition is detected. Under-voltage conditions are detected, but PWM operation is not disrupted. Over-current conditions cause a hiccup-mode response as the controller repeatedly tries to restart. After a set number of failed startup attempts, the controller latches off. A power good logic signal indicates when the converter output is between the UV and OV thresholds.
Features
* Multi-Phase Power Conversion - 2 Phase Operation * Active Channel Current Balancing * Precision rDS(ON) Current Sharing - Lossless - Low Cost * Input Voltage: 12V or 5V Bias * Precision CORE Voltage Regulation - 1% System Accuracy Over Temperature - Differential Remote Output Voltage Sensing - Programmable Reference Offset * Microprocessor Voltage Identification Input - 5-Bit VID Input - 0.800V to 1.550V in 25mV Steps - Dynamic VIDTM Technology * Programmable Droop Voltage * Fast Transient Recovery Time * Over Current Protection * Digital Soft Start * Threshold Sensitive Enable Input * High Ripple Frequency (160kHz to 2MHz) * QFN Package: - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
Applications
* AMD Hammer Family Processor Voltage Regulator * Low Output Voltage, High Current DC-DC Converters * Voltage Regulator Modules
Ordering Information
PART NUMBER ISL6569CB ISL6569CB-T ISL6569CR ISL6569CR-T TEMP. (oC) 0 to 70 PACKAGE 24 Ld SOIC PKG. DWG. # M24.3
24 Lead SOIC Tape and Reel 0 to 70 32 Ld 5x5 QFN L32.5x5
32 Lead 5x5 QFN Tape and Reel
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. All other trademarks mentioned are the property of their respective owners. Dynamic VIDTM is a trademark of Intersil Americas Inc.
ISL6569 Pinouts
ISL6569CB (24 LD SOIC) TOP VIEW
VID3 GND 1 OVP 2 VID4 3 VID3 4 VID2 5 VID1 6 VID0 7 OFS 8 COMP 9 FB 10 IOUT 11 VDIFF 12 24 EN 23 FS/DIS 22 PGOOD 21 ISEN1 20 PWM1 19 PWM2 18 GND 17 ISEN2 16 VCC 15 GND 14 RGND 13 VSEN FB NC VID1 VID0 NC OFS COMP 2 3 4 5 6 7 8 9 IOUT 10 VDIFF 11 VSEN 12 RGND 13 GND 14 GND 15 VCC 16 NC 23 NC 22 ISEN1 21 PWM1 20 PWM2 19 GND 18 ISEN2 17 NC VID2 1
ISL6569CR (32 LD QFN 5X5) TOP VIEW
PGOOD 25 24 NC FS/DIS 26 VID4 GND 28 OVP
NC
32
31
30
29
27
2
EN
ISL6569 Block Diagram
PGOOD VCC EN FS
1.23V
VID4
6V
VID3 DYNAMIC VID2 VID DAC VID1 UV + POR AND SOFT START
OSCILLAT0R AND SAWTOOTH
VID0
PWM1 + +
350mV
FB
e/a + -
COMP
OFS
x0.1 100A OVP
VDIFF OV VSEN diff RGND OC I1 ISEN1 IDROOP AVERAGE + 1/2 + I2 CURRENT SENSE ISEN2 2.2V 90A
3
-
+ PWM2
GND
ISL6569 Typical Application - 2 Phase Converter
+12V +12V 300 PVCC VCC RGND VDIFF PWM FB IOUT PWM1 VSEN VCC DRIVER HIP6601B LGATE GND BOOT UGATE PHASE
+12V
RISEN1 VOUT
ISEN1 +12V
COMP OFS ISL6569
+12V PVCC FS/DIS RT VCC DRIVER HIP6601B LGATE PWM PWM2 GND RISEN2 UGATE PHASE BOOT
P LOAD
VID4 VID3 VID2 VID1 VID0 PGOOD ISEN2 +12V EN GND
4
ISL6569
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3kV
Thermal Information
Thermal Resistance JA (oC/W) JC (oC/W) SOIC Package (Note 1) . . . . . . . . . . . . 63 N/A QFN Package (Note 2). . . . . . . . . . . . . 32 4 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (SOIC - Lead Tips Only) For Recommended soldering conditions see Tech Brief TB389.
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 5% Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
CAUTION: Stress above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. JC, the "case temp" is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
PARAMETER VCC SUPPLY CURRENT Nominal Supply Shutdown Supply SHUNT REGULATOR VCC Voltage VCC Sink Current
Operating Conditions: VCC = 5V, TA = 0o C to 70oC. Unless otherwise specified. TEST CONDITIONS MIN TYP MAX UNITS
VCC = 5VDC; EN = 5VDC; RT = 100k 1% VCC = 5VDC; EN = 0VDC; RT = 100k 1%
8.0 8.0
10.8 10.3
14.0 13.0
mA mA
VCC tied to 12VDC thru 300 resistor, RT = 100k VCC tied to 12VDC thru 300 resistor, RT = 100k
5.63 15
5.8 20
5.97 25
V mA
POWER-ON RESET AND ENABLE POR Threshold VCC Rising VCC Falling ENABLE Threshold EN Rising Hysteresis REFERENCE VOLTAGE AND DAC Reference Voltage System Accuracy VID on Fly Step Size VID Pull Up VID Input Low Level VID Input High Level PIN-ADJUSTABLE OFFSET OFS Current Offset Accuracy OSCILLATOR Accuracy Adjustment Range Disable Voltage Sawtooth Amplitude Max Duty Cycle IFS/DIS = 1mA -10 0.08 0.8 1.0 1.37 75 10 1.0 1.2 % MHz V V % ROFS = 5.00k 1% 47.0 100 50.0 53.0 A mV (Note 3) RT = 100k 0.792 -1 0.8 25 -20 1.36 0.808 1 0.8 1.6 V %VID mV A V V 4.25 3.75 1.205 86 4.35 3.85 1.23 92 4.50 4.00 1.255 98 V V V mV
5
ISL6569
Electrical Specifications
PARAMETER ERROR AMPLIFIER Open-Loop Gain Open-Loop Bandwidth Slew Rate Maximum Output Voltage Source Current Sink Current REMOTE-SENSE AMPLIFIER Input Impedance Bandwidth Slew Rate SENSE CURRENT IOUT Accuracy ISEN Offset Voltage Over-Current Trip Level POWER GOOD AND PROTECTION MONITORS PGOOD Low Voltage Under-Voltage Offset From VID Over-Voltage Threshold OVP Voltage NOTE: 3. These parts are designed and adjusted for accuracy within the system tolerance. IPGOOD = 4mA VSEN Falling VSEN Rising IOVP = 100mA, VCC = 5V 320 2.08 2.2 350 2.13 3.28 0.4 420 2.20 4.0 V mV V V ISEN1 = ISEN2 = 50A -5 72 6 90 5 108 % mV A 80 20 6 k MHz V/s RL = 10k to ground CL = 100pF, RL = 10k to ground CL = 100pF, Load = 400mA RL = 10k to ground 3.6 3.0 1.6 72 18 7.1 4.5 7.0 3.0 11 9.0 5.4 dB MHz V/s V mA mA Operating Conditions: VCC = 5V, TA = 0o C to 70oC. Unless otherwise specified. (Continued) TEST CONDITIONS MIN TYP MAX UNITS
Functional Pin Description
ISL6569C 24 LEAD (SOIC) TOP VIEW
GND 1 OVP 2 VID4 3 VID3 4 VID2 5 VID1 6 VID0 7 OFS 8 COMP 9 FB 10 IOUT 11 VDIFF 12 24 EN 23 FS/DIS 22 PGOOD 21 ISEN1 20 PWM1 19 PWM2 18 GND 17 ISEN2 16 VCC 15 GND 14 RGND 13 VSEN VID0 NC OFS COMP FB NC 3 4 5 6 7 8 9 IOUT 10 VDIFF 11 VSEN 12 RGND 13 GND 14 GND 15 VCC 16 NC 22 ISEN1 21 PWM1 20 PWM2 19 GND 18 ISEN2 17 NC VID2 VID1 1 2 24 NC 23 NC
ISL6569CR 32 LEAD 5X5 (QFN) TOP VIEW
PGOOD 25 FS/DIS 26 VID3 VID4 GND 28 OVP
NC
32
31
30
29
27
6
EN
ISL6569
GND
Bias and reference ground for the IC.
ISEN1, ISEN2
Current sense inputs. A resistor connected between these pins and their respective phase nodes sets a current proportional to the current in the lower MOSFET during it's conduction interval. This current is used as a reference for channel balancing, load sharing, protection, and load-line droop.
OVP
Over-voltage protection pin. This pin is pulled to VCC and is latched when an over-voltage condition is detected. Connect this pin to the gate of an SCR or MOSFET tied across VIN and ground. A fuse must be placed upstream to open the input supply rail and prevent damage to the load device.
PWM1, PWM2
Pulse-width modulating outputs. Connect these pins to the individual HIP660x driver PWM input pins. These logic outputs command the driver IC(s) in switching the halfbridge configuration of MOSFETs.
VID4, VID3, VID2, VID1, VID0
The state of these five inputs program the internal DAC, which provides the reference voltage for output regulation. Connect these pins to either open-drain or active pull-up type outputs. Pulling these pins above 2.9V can cause a reference offset inaccuracy.
PGOOD
Power good is an open-drain logic output that changes to a logic low when the voltage at VDIFF is 350mV below the VID setting or above 2.2V.
OFS
Connecting a resistor between this pin and ground creates a positive offset voltage which is added to the DAC voltage, allowing easy implementation of load-line regulation. For no offset, simply tie this pin to ground.
FS/DIS
A dual function pin for setting the switching frequency and disabling the controller. Place a resistor from this pin to ground to set the switching frequency between 25kHz and 1MHz. Pulling this pin below 0.8V disables the controller.
FB and COMP
The internal error amplifier inverting input and output respectively. Connect the external R-C feedback compensation network of the regulator to these pins.
EN
Threshold sensitive enable input of the controller. Transition this pin above 1.23V (typical enable threshold) to initiate a soft-start cycle. Pull this pin below 1.14V, taking into account the enable hysteresis, to disable the controller once in operation. Connect a resistor divider to this pin to set the power-on voltage level for proper coordination with Intersil MOSFET drivers. If this function is not required, simply tie this pin to VCC.
IOUT
The current carried out of this pin is proportional to output current and can be used to incorporate output voltage droop and/or load sharing. The scale factor is set by the ratio of the ISEN resistors and the lower MOSFET rDS(ON). If droop is desired, connect this pin to FB. When not used for droop or load sharing, simply leave this pin open.
VSEN, RGND, VDIFF
VSEN and RGND are the inputs to the differential remotesense amplifier. Connect these pins to the sense points of the remote load. Connect an appropriately sized feedback resistor, RFB, between VDIFF and FB.
Multi-Phase Control
Microprocessor load current profiles have increased to the point where the multi-phase power conversion advantage is pronounced. The technical challenges associated with producing a single-phase converter which is both costeffective and thermally viable have forced a change to the cost-saving approach of multi-phase. The ISL6569 controller helps reduce the complexity of implementation by integrating vital functions and requiring minimal output components. The block diagram in Figure 1 provides a top level view of multi-phase power conversion using the ISL6569 controller.
VCC
Supplies all the power necessary to operate the chip. The IC starts to operate when the voltage on this pin exceeds the rising POR threshold and shuts down when the voltage on this pin drops below the falling POR threshold. Connect this pin directly to a +5V supply or through a series 255 resistor to a +12V supply.
7
ISL6569
OFS
x0.1 100A COMP + REFERENCE & DAC PWM CIRCUIT PWM1
VIN L1
HIP6601B
VOUT + PWM CIRCUIT ISEN1 RISEN1 VIN L2 CO P LOAD
+ PWM2 HIP6601B RISEN2 + CURRENT SENSE IL1 + IL2, 7A/DIV ERROR AMPLIFIER
FB
IOUT IOUT
VDIFF
x1
Interleaving
The switching of each channel in a multi-phase converter is timed to be symmetrically out of phase with the other channel. In a 2-phase converter, channel-2 switches half a cycle after channel-1. As a result, the converter has a ripple frequency twice that of either phase. Figure 2 illustrates the multiplicative effect on output ripple frequency. The two channel currents (IL1and IL2), combine to form the AC ripple current and the DC load current. The ripple component has twice the ripple frequency of either channel current. Each PWM pulse is terminated half of a cycle, or 2.0s, after the PWM pulse of the previous phase. The peak-to-peak current waveform for each phase is about 7A, and the dc components of the inductor currents combine to feed the load.
+
AVERAGE ISEN2
+
+ CURRENT SENSE
VSEN
RGND
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF A ISL6569 CONVERTER
IL2, 7A/DIV PWM2, 5V/DIV
IL1, 7A/DIV PWM1, 5V/DIV 1s/DIV
FIGURE 2. PWM AND INDUCTOR-CURRENT WAVEFORMS FOR 2-PHASE CONVERTER
In addition, the peak-to-peak amplitude of the combined inductor currents is reduced in proportion to the number of phases. To understand the reduction of ripple current amplitude in the multi-phase circuit, examine the equation
8
ISL6569
representing an individual channel's peak-to-peak inductor current.
( V IN - V OUT ) V OUT I PP = ----------------------------------------------------L fS V
IN
(EQ. 1)
In Equation 1, VIN and VOUT are the input and output voltages respectively, L is the single-channel inductor value, and fS is the switching frequency. The output capacitors conduct the ripple component of the inductor current. In the case of multi-phase converters, the capacitor current is the sum of the ripple currents from each of the individual channels. Compare Equation 1 to the expression for the peak-to-peak current after the summation of two symmetrically phase-shifted inductor currents in Equation 2.
( V IN - 2 V OUT ) V OUT I C, PP = ---------------------------------------------------------L fS V
IN
The converter depicted in Figure 3 delivers 36A to a 1.5V load from a 12V input. The RMS input capacitor current is 8.6A. Compare this to a single-phase converter also stepping down 12V to 1.5V at 36A. The single-phase converter has 11.9A RMS input capacitor current. The single-phase converter input capacitor bank must support 38% more RMS current than an equivalent 2-phase converter. Figure 16 in the section entitled Input Capacitor Selection can be used to determine the input-capacitor RMS current based on load current, duty cycle. It is provided as an aid in determining the optimal input capacitor solution.
PWM Operation
One switching cycle is defined as the time between PWM1 pulse termination signals. The pulse termination signal is an internally generated clock signal which triggers the falling edge of PWM1. The cycle time of the pulse termination signal is the inverse of the switching frequency set by the resistor between the FS/DIS pin and ground. Each cycle begins when the clock signal commands the channel-1 PWM output to go low. The PWM1 transition signals the channel-1 MOSFET driver to turn off the channel-1 upper MOSFET and turn on the channel-1 synchronous MOSFET. The PWM2 pulse terminates 1/2 of a cycle after PWM1. Once a PWM signal transitions low, it is held low for a minimum of 1/4 cycle. This forced off time is required to ensure an accurate current sample. Current sensing is described in the next section. After the forced off time expires, the PWM output is enabled. The PWM output state is driven by the position of the error amplifier output signal, VCOMP, minus the current correction signal relative to the sawtooth ramp as illustrated in Figure 1. When the modified VCOMP voltage crosses the sawtooth ramp, the PWM output transitions high. The MOSFET driver detects the change in state of the PWM signal and turns off the synchronous MOSFET and turns on the upper MOSFET. The PWM signal will remain high until the pulse termination signal marks the beginning of the next cycle by triggering the PWM signal low.
SAMPLED CURRENT I1 r DS ( ON ) I SEN = I ------------------------L1 R ISEN
(EQ. 2)
Peak-to-peak ripple current decreases by an amount proportional to the number of channels. Output-voltage ripple is a function of capacitance, capacitor equivalent series resistance (ESR), and inductor ripple current. Reducing the inductor ripple current allows the designer to use fewer or less costly output capacitors. Increased ripple frequency and lower ripple amplitude mean that the designer can use less per-channel inductance and lower total output capacitance for any performance specification.
INPUT-CAPACITOR CURRENT, 10A/DIV
CHANNEL 2 INPUT CURENT 10A/DIV
CHANNEL 1 INPUT CURRENT 10A/DIV 1s/DIV
VIN CHANNEL 1 UPPER MOSFET
FIGURE 3. CHANNEL INPUT CURRENTS AND INPUT-CAPACITOR RMS CURRENT FOR 3-PHASE CONVERTER
IL1 SAMPLE & HOLD + ISEN1 RISEN I L1 r DS ( ON ) CHANNEL 1 LOWER MOSFET ISL6569 INTERNAL CIRCUIT EXTERNAL CIRCUIT +
Another benefit of interleaving is to reduce input ripple current. Input capacitance is determined in part by the maximum input ripple current. Multi-phase topologies can improve overall system cost and size by lowering input ripple current and allowing the designer to reduce the cost of input capacitance. The example in Figure 3 illustrates input currents from a two-phase converter combining to reduce the total input ripple current. 9
FIGURE 4. CHANNEL 1 INTERNAL AND EXTERNAL CURRENT-SENSING CIRCUITRY
ISL6569
Current Sensing
During the forced off time following a PWM transition low, the controller senses channel load current by sampling the voltage across the lower MOSFET rDS(ON). A groundreferenced amplifier, internal to the ISL6569, connects to the PHASE node through a resistor, RISEN. The voltage across RISEN is equivalent to the voltage drop across the rDS(ON) of the lower MOSFET while it is conducting. The resulting current into the ISEN pin is proportional to the channel current, IL. The ISEN current is then sampled and held after sufficient settling time every switching cycle. The sampled current is used for channel-current balance, load-line regulation, overcurrent protection, and module current sharing. The circuitry shown in Figure 4 represents channel-1 of a two channel converter. This circuitry is repeated for channel-2 of the converter. From Figure 4, the following equation for channel-1 sampled current, I1, is derived
r DS ( ON ) I 1 = I L1 ---------------------R ISEN (EQ. 3)
VCOMP + + f(j) IER + SAWTOOTH SIGNAL PWM1
IAVG
/2
I2
I1
FIGURE 5. CHANNEL-1 PWM FUNCTION AND CURRENT-BALANCE ADJUSTMENT
where IL1 is half of the total load current. If rDS(ON) sensing is not desired, an independent currentsense resistor in series with the lower MOSFET source can serve as a sense element.
Two considerations designers face are MOSFET selection and inductor design. Both are significantly improved when channel currents track at any load level. The need for complex drive schemes for multiple MOSFETs, exotic magnetic materials, and expensive heat sinks is avoided. Resulting in a cost-effective and easy to implement solution relative to single-phase conversion. Channel current balance insures the thermal advantage of multi-phase conversion is realized. Heat dissipation is spread over multiple channels and a greater area than single phase approaches. In some circumstances, it may be necessary to deliberately design some channel-current unbalance into the system. In a highly compact design, one channel may be able to cool more effectively than the other due to nearby air flow or heat sinking components. The other channel may have more difficulty cooling with comparatively less air flow and heat sinking. The hotter channel may also be located close to other heat-generating components tending to drive it's temperature even higher. In these cases, the proper selection of the current sense resistors (RISEN in Figure 4) introduces channel current unbalance into the system. Increasing the value of RISEN in the cooler channel and decreasing it in the hotter channel moves both channels into thermal balance at the expense of current balance.
Channel-Current Balance
The sampled current from both channels, I1 and I2, is used to gauge both overall load current and the relative channel current carried in each leg of the converter. The individual sample currents are averaged. The resulting average current, IAVG, provides a measure of the total load current demand on the converter and the appropriate level of channel current. Using Figures 4 and 5, the average current is defined as
I1 + I2 I AVG = --------------2 I OUT r DS ( ON ) I AVG = ------------- ---------------------2 R ISEN
(EQ. 4)
Voltage Regulation
The output of the error amplifier, VCOMP, is compared to the sawtooth waveform to modulate the pulse width of the PWM signals. The PWM signals control the timing of the Intersil MOSFET drivers and regulate the converter output to the specified reference voltage. Three distinct inputs to the error amplifier determine the voltage level of VCOMP. The internal and external circuitry which control voltage regulation is illustrated in Figure 6.
where IOUT is the total load current. The average current is then subtracted from the individual channel sample currents. The resulting error current, IER, is then filtered before it adjusts VCOMP. The modified VCOMP signal is compared to a sawtooth ramp signal and produces a pulse width which corrects for any unbalance and drives the error current toward zero. Figure 5 illustrates Intersil's patented current balance method as implemented on one channel of a multi-phase converter.
10
ISL6569
feeds out the OFS pin into a user selected external resistor to ground. The resulting voltage across the resistor, VOFS, is internally divided down by ten to create the offset voltage. This method of offsetting the DAC voltage is more accurate than external methods of level-shifting the FB pin.
TABLE 1. VOLTAGE IDENTIFICATION CODES
VCOMP
EXTERNAL CIRCUIT RC CC COMP
ISL6569 INTERNAL CIRCUIT
ERROR AMPLIFIER FB IAVG + +
VID4 0
VID3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
VID2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
VID1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
VID0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
DAC 1.550 1.525 1.500 1.475 1.450 1.425 1.400 1.375 1.350 1.325 1.300 1.275 1.250 1.225 1.200 1.175 1.150 1.125 1.100 1.075 1.050 1.025 1.000 0.975 0.950 0.925 0.900 0.875 0.850 0.825 0.800 Shutdown
+ RFB VDROOP -
IOUT
REFERENCE VOLTAGE VDIFF
0 0 0
VOUT REMOTE SENSE POINTS
VSEN +
0 0 0 0 0 0
OFFSET VOLTAGE
GND
RGND
DIFFERENTIAL REMOTE-SENSE AMPLIFIER
OFS ROFS + VOFS -
x0.1 100A
0 0 0
FIGURE 6. OUTPUT-VOLTAGE AND LOAD-LINE REGULATION
0 0
Most multi-phase controllers simply have the output voltage fed back to the inverting input of the error amplifier through a resistor. The ISL6569 features an internal differential remote-sense amplifier in the feedback path. The amplifier removes the voltage error encountered when measuring the output voltage relative to the local controller ground reference point, resulting in a more accurate means of sensing output voltage. Connect the microprocessor sense pins to the non-inverting input, VSEN, and inverting input, RGND, of the remote-sense amplifier. The remote-sense amplifier output, VDIFF, is then tied through an external resistor to the inverting input of the error amplifier. A digital to analog converter (DAC) generates a reference voltage based on the state of logic signals at pins VID4 through VID0. The DAC decodes the a 5-bit logic signal (VID) into one of the discrete voltages shown in Table 1. Each VID input offers a 20A pull-up to an internal 2.5V source for use with open-drain outputs. External pull-up resistors or active-high output stages can augment the pullup current sources, but a slight accuracy error can occur if they are pulled above 2.9V. The DAC-selected reference voltage is connected to the non-inverting input of the error amplifier. The ISL6569 features a second non-inverting input to the error amplifier which allows the user to directly offset the DAC reference voltage in the positive direction only. The offset voltage is created by an internal current source which
0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
The integrating compensation network shown in Figure 6 assures that the steady-state error in the output voltage is limited to the error in the reference voltage (output of the DAC) plus offset errors in the OFS current source, remotesense and error amplifiers. Intersil specifies the guaranteed
11
ISL6569
tolerance of the ISL6569 to include all variations in current sources, amplifiers and the reference so that the output voltage remains within the specified system tolerance of 1% over temperature. LOAD-LINE REGULATION Microprocessor load current demands change from near noload to full load often during operation. The resulting sizable transient current slew rate causes an output voltage spike since the converter is not able to respond fast enough to the rapidly changing current demands. The magnitude of the spike is dictated by the ESR and ESL of the output capacitors selected. In order to drive the cost of the output capacitor solution down, one commonly accepted approach is active voltage positioning. By adding a well controlled output impedance, the output voltage can effectively be level shifted in a direction which works against the voltage spike. The average current of all the active channels, IAVG, flows out IOUT, see Figure 6. IOUT is connected to FB through a load-line regulation resistor, RFB. The resulting voltage drop across RFB is proportional to the output current, effectively creating an output voltage droop with a steady-state value defined as
V DROOP = I AVG R FB (EQ. 5)
DYNAMIC VID Next generation microprocessors can change VID inputs at any time while the regulator is in operation. The power management solution is required to monitor the DAC inputs and respond to VID voltage transitions, or `on-the-fly' VID changes, in a controlled manner. Supervising the safe output voltage transition within the DAC range of the processor without discontinuity or disruption. The ISL6569 checks the five VID inputs at the beginning of each channel-1 switching cycle. If the VID code has changed, the controller waits one complete switching cycle to validate the new code. If the VID code is stable for this entire switching cycle, then the controller will begin executing the output voltage change. The controller begins incrementing the reference voltage by making 25mV steps every two switching cycles until it reaches the new VID code. The total time required for a VID change, tDV, is dependent on the switching frequency (fS), the size of the change (VID), and the time before the next switching cycle begins. Since the ISL6569 recognizes VID-code changes only at the beginning of switching cycles, up to one full cycle may pass before a VID change registers. This is followed by a one-cycle wait before the output voltage begins to change. The one-cycle uncertainty in Equation 8 is due to the possibility that the VID code change may occur up to one full cycle before being recognized.
1 1 ---- 2 VID - 1 < t DV ---- 2 VID - ----------------- ---------------- f S 0.025 f S 0.025 (EQ. 8)
In most cases, each channel uses the same RISEN value to sense current. A more complete expression for VDROOP is derived by combining equations 4 and 5.
I OUT r DS ( ON ) V DROOP = ------------- ---------------------- R FB 2 R ISEN (EQ. 6)
Droop is an optional feature of the ISL6569. If active voltage positioning is not required, simply leave the IOUT pin open. REFERENCE OFFSET Typical microprocessor tolerance windows are centered around a nominal DAC set point. Implementing a load-line requires offsetting the output voltage above this nominal DAC set point; centering the load-line within the static specification window. The ISL6569 features an internal 100A current source which feeds out the OFS pin. Placing a resistor from OFS and ground allows the user to set the amount of positive offset desired directly to the reference voltage. The voltage developed across the OFS resistor, ROFS, is divided down internally by a factor of 10 and directly counters the DAC voltage at the error amplifier noninverting input. Select the resistor value based on the voltage offset desired, VOFS, using Equation 7.
V OFS 10 R OFS = -------------------------100A (EQ. 7)
The time required for a converter running with fS = 500kHz to make a 1.2V to 1.4V reference-voltage change is between 30s and 32s as calculated using Equation 8. This example is also illustrated in Figure 7.
VID, 5V/DIV VID CHANGE OCCURS ANYWHERE HERE
01110
00110
VREF, 100mV/DIV 1.2V
VOUT, 100mV/DIV 1.2V
5s/DIV
FIGURE 7. DYNAMIC-VID WAVEFORMS FOR 500kHz ISL6569 BASED MULTI-PHASE BUCK CONVERTER
12
ISL6569 Operation Initialization
Before converter operation is initialized, proper conditions must exist on the enable and disable inputs. Once these conditions are met, the controller begins a soft-start interval. Once the output voltage is within the proper window of operation, the PGOOD output changes state to update an external system monitor. Finally, the 11111 VID code is reserved as a signal to the controller that no load is present. The controller will enter shutdown mode after receiving this code and will start up upon receiving any other code. To enable the controller, VCC must be greater than the POR threshold; the voltage on EN must be greater than 1.23V; FS/DIS must not be grounded; and VID cannot be equal to 11111. Once these conditions are true, the controller immediately initiates a soft-start sequence.
Enable and Disable
The PWM outputs are held in a high-impedance state to assure the drivers remain off while in shutdown mode. Four separate input conditions must be met before the ISL6569 is released from shutdown mode. First, the bias voltage applied at VCC must reach the internal power-on reset (POR) circuit rising threshold. Once this threshold is met, the EN input signal becomes the gate for soft-start initialization. Hysteresis between the rising and falling thresholds insures that once enabled, the ISL6569 will not inadvertently turn off unless the bias voltage drops substantially. See Electrical Specifications for specifics on POR rising and falling thresholds.
ISL6569 INTERNAL CIRCUIT EXTERNAL CIRCUIT +5V VCC ENABLE COMPARATOR EN POR CIRCUIT + 1.23V ( 2%) 1.40k +12V
Soft-Start
The soft-start time, tSS, is determined by an 11-bit counter that increments with every pulse of the phase clock. For example, a converter switching at 250kHz per phase has a soft-start time of
2048 T SS = ------------ = 8.3ms f SW (EQ. 9)
During the soft-start interval, the soft-start voltage, VRAMP , increases linearly from zero to 140% of the programmed DAC voltage. At the same time a current source, IRAMP , is decreasing from 160A down to zero. These signals are connected as shown in Figure 9 (IOUT may or may not be connected to FB depending on the particular application).
EXTERNAL CIRCUIT RC CC COMP ERROR AMPLIFIER FB + VCOMP REFERENCE VOLTAGE VDIFF IRAMP VRAMP ISL6569 INTERNAL CIRCUIT
10.7k
RFB
IOUT
OV LATCH SIGNAL
FIGURE 8. POWER SEQUENCING USING THRESHOLDSENSITIVE ENABLE (EN) FUNCTION
IAVG IDEAL DIODES
Second, the ISL6569 features an enable input (EN) for power sequencing between the controller bias voltage and another voltage rail. The enable comparator holds the ISL6569 in shutdown until the voltage at EN rises above 1.23V. The enable comparator has about 90mV of hysteresis to prevent bounce. It is important that the driver ICs reach their POR level before the ISL6569 becomes enabled. The schematic in Figure 8 demonstrates sequencing the ISL6569 with the HIP660X family of Intersil MOSFET drivers which require 12V bias. Third, the frequency select\disable input (FS/DIS) will shutdown the converter when pulled to ground. Under this condition, the internal oscillator is disabled. The oscillator resumes operation upon release of FS/DIS and a soft-start sequence is initiated.
FIGURE 9. RAMP CURRENT AND VOLTAGE FOR REGULATING SOFT-START SLOPE AND DURATION
The ideal diodes in Figure 9 assure that the controller tries to regulate its output to the lower of either the reference voltage or VRAMP . Since IRAMP creates an initial offset across RFB (RFB x 160A), the first PWM pulse will not be seen until VRAMP is greater than the RFB IRAMP offset. This produces a delay after the ISL6569 enables before the output voltage starts moving. For example, if VID = 1.5V, RFB = 1k and TSS = 8.3ms, the delay time can be expressed using Equation 10.
T SS t DELAY = -------------------------------------------------- = 560s 1.4 ( VID) 1 + ----------------------------------------6 R FB 160 x 10 (EQ. 10)
13
ISL6569
Following the delay, the soft start ramps linearly until VRAMP reaches VID. For the system described above, this first linear ramp will continue for approximately
T SS t RAMP1 = ---------- - t DELAY 1.4 = 5.27ms (EQ. 11)
UV + + 350mV DAC REFERENCE VDIFF + POR CIRCUIT OC + IAVG 90A I
PGOOD
The final portion of the soft-start sequence is the time remaining after VRAMP reaches VID and before IRAMP gets to zero. This is also characterized by a slight change in the slope of the output voltage ramp which, for the current example, exists for a time of
t RAMP2 = T SS - t RAMP1 - t DELAY = 2.34ms (EQ. 12)
OV
OVP
This behavior is seen in the example in Figure 10 of a converter switching at 500kHz. For this converter, RFB is set to 2.67k leading to TSS = 4.0ms, tDELAY = 700ns, tRAMP1 = 2.23ms, and tRAMP2 = 1.17ms.
2.2V
FIGURE 11. POWER GOOD AND PROTECTION CIRCUITRY
Power Good Signal
The power good pin (PGOOD) is an open-drain logic output which indicates that the converter is operating properly and the output voltage is within a set window. The under-voltage (UV) and over-voltage (OV) comparators create the output voltage window. The controller also takes advantage of current feedback to detect output over-current (OC) conditions. PGOOD pulls low during shutdown and releases high during soft-start once the output voltage exceeds the UV threshold. Once high, PGOOD will only transition low when the controller is disabled or a fault condition is detected. It will return high under certain circumstances once a fault clears.
VOUT, 500mV/DIV
EN, 5V/DIV
Under-Voltage Protection
The voltage on VDIFF is internally offset by 350mV before it is compared with the DAC reference voltage. By positively offsetting the output voltage, an UV threshold is created which moves relative to the VID code. During soft-start, the slow rising output voltage eventually exceeds the UV threshold. Assuming the POR leg of the PGOOD NOR gate has not detected an OC fault, the PGOOD signal will go high. If a fault condition arises during operation and the output voltage drops below the UV threshold, PGOOD will immediately pull low, but converter operation will continue. PGOOD will return high once the output voltage surpasses the UV threshold. f the ISL6569 is disabled during operation, the PGOOD signal will not pull low until the output voltage decays below the UV threshold.
tDELAY tRAMP1
tRAMP2
1ms/DIV
FIGURE 10. SOFT-START WAVEFORMS FOR ISL6569 BASED MULTI-PHASE BUCK CONVERTER NOTE: Switching frequency 500kHz and RFB = 2.67k
Fault Monitoring and Protection
The ISL6569 actively monitors voltage and current feedback to detect fault conditions. Fault monitors trigger protective measures to prevent damage to a microprocessor load. One common power good indication signal is provided for linking to external system monitors. The schematic in Figure 11 outlines the interaction between the fault monitors and the power good signal.
Over-Voltage Protection
When the output of the differential amplifier (VDIFF) reaches 2.2V, PGOOD immediately goes low indicating a fault. Two protective actions are taken by the ISL6569 to protect the microprocessor load. 14
ISL6569
First, all PWM outputs are commanded low. Directing the Intersil drivers to turn on the lower MOSFETs; shunting the output to ground preventing any further increase in output voltage. The PWM outputs remain low until VDIFF falls to the programmed DAC level at which time they go into a highimpedance state. The Intersil drivers respond by turning off both upper and lower MOSFETs. If the over-voltage condition reoccurs, the ISL6569 will again command the lower MOSFETs to turn on. The ISL6569 will continue to protect the load in this fashion as long as the over-voltage repeats. Second, the OVP pin pulls to VCC and can deliver 100mA into the gate of either a MOSFET or SCR placed on the input rail (VIN) or VOUT. Turning on the MOSFET or SCR collapses the power rail and causes a fuse placed further up stream to blow. The fuse must be sized such that the MOSFET or SCR will not overheat before the fuse blows. Once an over-voltage condition is detected, normal PWM operation ceases and PGOOD remains low until the ISL6569 is reset. Cycling the voltage on EN below 1.23V or the bias to VCC below the POR-falling threshold will reset the controller.
OUTPUT CURRENT, 20A/DIV
0A
OUTPUT VOLTAGE, 500mV/DIV
0V
5ms/DIV
FIGURE 12. OVERCURRENT BEHAVIOR IN HICCUP MODE
Upon completion of a successful soft-start attempt, operation will continue as normal, PGOOD will return high, and the over-current latch counter will reset. During VID-on-the-fly transitions, the OC comparator output is blanked. The quality and mix of output capacitors used in different applications leads to a wide output capacitance range. Depending upon the magnitude and direction of the VID change, the change in voltage across the output capacitors could result in significant current flow. Summing this instantaneous current with the load current already present could drive the average current above the reference current level and cause an OC trip during the transition. By blanking the OC comparator during the VID-on-the-fly transition, nuisance tripping is avoided.
Over-Current Protection
The ISL6569 takes advantage of the proportionality between the load current and the average current, IAVG, to detect an over-current condition. See the Channel-Current Balance section for more detail on how the average current is created. The average current is continually compared with a constant 90A reference current. Once the average current exceeds the reference current, the comparator triggers the converter to shutdown. The POR circuit places all PWM signals in a high-impedance state which commands the drivers to turn off both upper and lower MOSFETs. PGOOD pulls low and the system remains in this state while the controller counts 2048 phase clock cycles. This is followed by a soft-start attempt (see Soft-Start). During the soft-start interval, the over-current protection circuitry remains active. As the output voltage ramps up, if an over-current condition is detected, the ISL6569 immediately places all PWM signals in a high-impedance state. The ISL6569 repeats the 2048-cycle wait period and follows with another soft-start attempt, as shown in Figure 12. This hiccup mode of operation repeats up to seven times. On the eighth soft-start attempt, the part latches off. Once latched off, the ISL6559 can only be reset when the voltage on EN is brought below 1.23V or VCC is brought below the POR falling threshold.
General Design Guide
This design guide is intended to provide a high-level explanation of the steps necessary to create a multi-phase power converter. It is assumed that the reader is familiar with many of the basic skills and techniques referenced below. In addition to this guide, Intersil provides complete reference designs that include schematics, bills of materials, and example board layouts for all common microprocessor applications.
Power Stages
Principally, the designer will be concerned with whether components can be mounted on both sides of the circuit board; whether through-hole components are permitted; and the total board space available for power-supply circuitry. Generally speaking, the most economical solutions are those where each phase handles between 15 and 20A. All surface-mount designs will tend toward the lower end of this current range and, if through-hole MOSFETs can be used, higher per-phase currents are possible. In cases where board space is the limiting constraint, current can be pushed as high as 30A per phase, but these designs require heat sinks and forced air to cool the MOSFETs.
15
ISL6569
MOSFETs
The choice of MOSFETs depends on the current each MOSFET will be required to conduct; the switching frequency; the capability of the MOSFETs to dissipate heat; and the availability and nature of heat sinking and air flow. LOWER MOSFET POWER CALCULATION The calculation for heat dissipated in the lower MOSFET is simple, since virtually all of the heat loss in the lower MOSFET is due to current conducted through the channel resistance (rDS(ON)). In Equation 13, IM is the maximum continuous output current; IPP is the peak-to-peak inductor current (see Equation 1); d is the duty cycle (VOUT/VIN); N is the number of active channels; and L is the per-channel inductance.
I L, 2 ( 1 - d ) I M 2 PP P L = r DS ( ON ) ----- ( 1 - d ) + -------------------------------12 2 (EQ. 13)
the required time for this commutation is t1 and the approximated associated power loss is PUP,1.
I M I PP t 1 P UP,1 V IN ----- + -------- ---- f S 22 2 (EQ. 15)
The upper MOSFET begins to conduct and this transition occurs over a time t2. In Equation 16, the approximate power loss is PUP,2.
I M I PP t 2 P UP, 2 V IN ----- - -------- ---- f S 2 2 2 (EQ. 16)
A third component involves the lower MOSFET's reverserecovery charge, Qrr. Since the inductor current has fully commutated to the upper MOSFET before the lowerMOSFET's body diode can draw all of Qrr, it is conducted through the upper MOSFET across VIN. The power dissipated as a result is PUP,3 and is approximately
P UP,3 V IN Q rr f S (EQ. 17)
An additional term can be added to the lower-MOSFET loss equation to account for additional loss accrued during the dead time when inductor current is flowing through the lower-MOSFET body diode. This term is dependent on the diode forward voltage at IM, VD(ON); the switching frequency, fS; and the length of dead times, td1 and td2, at the beginning and the end of the lower-MOSFET conduction interval respectively.
I I M I PP M I PP P D = V D ( ON ) f S ----- + -------- t - d1 + ----- - -------- t d2 22 2 2 (EQ. 14)
Finally, the resistive part of the upper MOSFET's dissipation is given in Equation 18 as PUP,4.
I M I PP P UP,4 = r DS ( ON ) ----- d + --------12 2
2 2
(EQ. 18)
In this case, of course, rDS(ON) is the on resistance of the upper MOSFET. The total power dissipated by the upper MOSFET at full load can now be approximated as the summation of the results from Equations 15, 16, 17 and 18. Since the power equations depend on MOSFET parameters, choosing the correct MOSFETs can be an iterative process that involves repetitively solving the loss equations for different MOSFETs and different switching frequencies until converging upon the best solution.
Thus the total maximum power dissipated in each lower MOSFET is approximated by the summation of PL and PD. UPPER MOSFET POWER CALCULATION In addition to rDS(ON) losses, a large portion of the upperMOSFET losses are due to currents conducted across the input voltage (VIN) during switching. Since a substantially higher portion of the upper-MOSFET losses are dependent on switching frequency, the power calculation is more complex. Upper MOSFET losses can be divided into separate components involving the upper-MOSFET switching times; the lower-MOSFET body-diode reverserecovery charge, Qrr; and the upper MOSFET rDS(ON) conduction loss. When the upper MOSFET turns off, the lower MOSFET does not conduct any portion of the inductor current until the voltage at the phase node falls below ground. Once the lower MOSFET begins conducting, the current in the upper MOSFET falls to zero as the current in the lower MOSFET ramps up to assume the full inductor current. In Equation 15,
Current Sensing
The ISEN pins are denoted ISEN1 and ISEN2. The resistors connected between these pins and their respective phase nodes determine the gain in the load-line regulation loop and the channel-current balance loop. Select the values for these resistors based on the room temperature rDS(ON) of the lower MOSFETs; the full-load operating current, IFL; according to Equation 19 (see also Figure 4).
r DS ( ON ) I FL -R ISEN = ---------------------- ------50 x10 - 6 2 (EQ. 19)
In certain circumstances, it may be necessary to adjust the value of one or both of the ISEN resistors. This can arise when the components of one channel are inhibited from dissipating their heat so that the affected channel runs hotter than desired (see the section entitled Channel-Current
16
ISL6569
Balance). In this case, chose a new, smaller value of RISEN for the affected phase. Choose RISEN,2 in proportion to the desired decrease in temperature rise in order to cause proportionally less current to flow in the hotter phase.
T 2 R ISEN ,2 = R ISEN ---------T 1 (EQ. 20)
In Equation 20, make sure that T2 is the desired temperature rise above the ambient temperature, and T1 is the measured temperature rise above the ambient temperature. While a single adjustment according to Equation 20 is usually sufficient, it may occasionally be necessary to adjust RISEN two or more times to achieve perfect thermal balance between both channels.
At the beginning of the load transient, the output capacitors supply all of the transient current. The output voltage will initially deviate by an amount approximated by the voltage drop across the ESL. As the load current increases, the voltage drop across the ESR increases linearly until the load current reaches its final value. The capacitors selected must have sufficiently low ESL and ESR so that the total outputvoltage deviation is less than the allowable maximum. Neglecting the contribution of inductor current and regulator response, the output voltage initially deviates by an amount
di V ( ESL ) ---- + ( ESR ) I dt (EQ. 23)
Load-Line Regulation Resistor
The load-line regulation resistor is labeled RFB in Figure 6. Its value depends on the desired full-load droop voltage (VDROOP in Figure 6). If Equation 19 is used to select each ISEN resistor, the load-line regulation resistor is as shown in Equation 21.
V DROOP R FB = ------------------------6 50 x10 (EQ. 21)
The filter capacitor must have sufficiently low ESL and ESR so that V < VMAX. Most capacitor solutions rely on a mixture of high-frequency capacitors with relatively low capacitance in combination with bulk capacitors having high capacitance, but limited high-frequency performance. Minimizing the ESL of the high-frequency capacitors allows them to support the output voltage as the current increases. Minimizing the ESR of the bulk capacitors allows them to supply the increased current with less output voltage deviation. The ESR of the bulk capacitors also creates the majority of the output-voltage ripple. As the bulk capacitors sink and source the inductor ac ripple current (see Interleaving and Equation 2), a voltage develops across the bulk-capacitor ESR equal to IC,PP (ESR). Thus, once the output capacitors are selected, the maximum allowable ripple voltage, VPP(MAX), determines the lower limit on the inductance.
V - 2V OUT V OUT IN L ( ESR ) --------------------------------------------------------f S V IN V PP( MAX ) (EQ. 24)
If one or both of the ISEN resistors was adjusted for thermal balance, as in Equation 20, the load-line regulation resistor should be selected according to Equation 22. Where IFL is the full-load operating current and RISEN(n) is the ISEN resistor connected to the nth ISEN pin.
V DROOP R FB = -------------------------------I FL r DS ( ON )
RISEN ( n )
n
(EQ. 22)
Output Filter Design
The output inductors and the output capacitor bank together form a low-pass filter responsible for smoothing the pulsating voltage at the phase nodes. The output filter also must provide the transient energy during the interval of time after the beginning of the transient until the regulator can respond. Because it has a low bandwidth compared to the switching frequency, the output filter necessarily limits the system transient response leaving the output capacitor bank to supply or sink load current while the current in the output inductors increases or decreases to meet the demand. In high-speed converters, the output capacitor bank is usually the most costly (and often the largest) part of the circuit. Output filter design begins with minimizing the cost of this part of the circuit. The critical load parameters in choosing the output capacitors are the maximum size of the load step, I; the load-current slew rate, di/dt; and the maximum allowable output-voltage deviation under transient loading, VMAX. Capacitors are characterized according to their capacitance, ESR, and ESL (equivalent series inductance).
Since the capacitors are supplying a decreasing portion of the load current while the regulator recovers from the transient, the capacitor voltage becomes slightly depleted. The output inductors must be capable of assuming the entire load current before the output voltage decreases more than VMAX. This places an upper limits on inductance.
4CVO L ---------------- V MAX - I ( ESR ) ( I ) 2 (EQ. 25)
( 2.5 ) C L ----------------- V MAX - I ( ESR ) V IN - V O ( I ) 2
(EQ. 26)
Equation 26 gives the upper limit on L for the cases when the trailing edge of the current transient causes a greater output-voltage deviation than the leading edge. Equation 25 addresses the leading edge. Normally, the trailing edge dictates the selection of L because duty cycles are usually
17
ISL6569
less than 50%. Nevertheless, both inequalities should be evaluated, and L should be selected based on the lower of the two results. In each equation, L is the per-channel inductance, and C is the total output capacitance. each of the three cases which follow, there is a separate set of equations for the compensation components. Case 1:
1 ------------------- > f 0 2 LC 2f 0 V pp LC R C = R FB ----------------------------------0.75V IN 0.75V IN C C = ----------------------------------2V PP R FB f 0
Compensation
The two opposing goals of compensating the voltage regulator are stability and speed. Depending on whether the regulator employs the optional load-line regulation as described in Load-Line Regulation, there are two distinct methods for achieving these goals. COMPENSATING LOAD-LINE REGULATED CONVERTER The load-line regulated converter behaves in a similar manner to a peak-current mode controller because the two poles at the output-filter L-C resonant frequency split with the introduction of current information into the control loop. The final location of these poles is determined by the system function, the gain of the current signal, and the value of the compensation components, RC and CC. Since the system poles and zero are effected by the values of the components that are meant to compensate them, the solution to the system equation becomes fairly complicated. Fortunately there is a simple approximation that comes very close to an optimal solution. Treating the system as though it were a voltage-mode regulator by compensating the L-C poles and the ESR zero of the voltage-mode approximation yields a solution that is always stable with very close to ideal transient performance.
C2 (OPTIONAL)
Case 2:
1 1 ------------------- f 0 < ----------------------------2C ( ESR ) 2 LC V PP ( 2 ) 2 f 02 LC R C = R FB -------------------------------------------0.75 V
IN
(EQ. 27)
0.75V IN C C = -----------------------------------------------------------2 f 2V ( 2 ) 0 PP R FB LC 1 f 0 > ----------------------------2C ( ESR ) 2 f 0 V pp L R C = R FB ----------------------------------------0.75 V IN ( ESR ) 0.75V IN ( ESR ) C C C = -----------------------------------------------2V PP R FB f 0 L
Case 3:
In Equations 27, L is the per-channel filter inductance divided by 2 (the number of active channels); C is the sum total of all output capacitors; ESR is the equivalent-series resistance of the bulk output-filter capacitance; and VPP is the peak-to-peak sawtooth signal amplitude as described in Figure 5 and Electrical Specifications. Once selected, the compensation values in Equations 27 assure a stable converter with reasonable transient performance. In most cases, transient performance can be improved by making adjustments to RC. Slowly increase the value of RC while observing the transient performance on an oscilloscope until no further improvement is noted. Normally, CC will not need adjustment. Keep the value of CC from Equations 27 unless some performance issue is noted. The optional capacitor C2, is sometimes needed to bypass noise away from the PWM comparator (see Figure 13). Keep a position available for C2, and be prepared to install a highfrequency capacitor of between 22pF and 150pF in case any trailing edge jitter problem is noted. Compensation without load-line regulation The non load-line regulated converter is accurately modeled as a voltage-mode regulator with two poles at the L-C resonant frequency and a zero at the ESR frequency. A type-III controller, as shown in Figure 14, provides the necessary compensation.
RC
CC
COMP
FB + RFB VDROOP VDIFF ISL6569
IOUT
FIGURE 13. COMPENSATION CONFIGURATION FOR LOAD-LINE REGULATED ISL6569 CIRCUIT
The feedback resistor, RFB, has already been chosen as outlined in Load-Line Regulation Resistor. Select a target bandwidth for the compensated system, f0. The target bandwidth must be large enough to assure adequate transient performance, but smaller than 1/3 of the perchannel switching frequency. The values of the compensation components depend on the relationships of f0 to the L-C pole frequency and the ESR zero frequency. For
18
ISL6569
The first step is to choose the desired bandwidth, f0, of the compensated system. Choose a frequency high enough to assure adequate transient performance but not higher than 1/3 of the switching frequency. The type-III compensator has an extra high-frequency pole, fHF. This pole can be used for added noise rejection or to assure adequate attenuation at the error-amplifier high-order pole and zero frequencies. A good general rule is to chose fHF = 10 f0, but it can be higher if desired. Choosing fHF to be lower than 10 f0 can cause problems with too much phase shift below the system bandwidth.
C2
resistance of the bulk output-filter capacitance; and VPP is the peak-to-peak sawtooth signal amplitude as described in Figure 5 and Electrical Specifications.
Input Supply Voltage Selection
The VCC input of the ISL6569 can be connected to either a +5V supply directly or through a current limiting resistor to a +12V supply. An integrated 5.8V shunt regulator maintains the voltage on the VCC pin when a +12V supply is used. A 300 resistor is suggested for limiting the current into the VCC pin to approximately 20mA.
Switching Frequency
There are a number of variables to consider when choosing the switching frequency, as there are considerable effects on the upper-MOSFET loss calculation. These effects are outlined in MOSFETs, and they establish the upper limit for the switching frequency. The lower limit is established by the requirement for fast transient response and small outputvoltage ripple as outlined in Input Supply Voltage Selection. Choose the lowest switching frequency that allows the regulator to meet the transient-response requirements. Switching frequency is determined by the selection of the frequency-setting resistor, RT (see the figure Typical Application on page 4). Figure 15 and Equation 29 are provided to assist in the selecting the correct value for RT.
R T = 10
[11.09 - 1.13 log ( f S ) ]
RC
CC
COMP
FB ISL6569 C1 R1 RFB IOUT
VDIFF
FIGURE 14. COMPENSATION CIRCUIT FOR ISL6569 BASED CONVERTER WITHOUT LOAD-LINE REGULATION.
(EQ. 29)
Input Capacitor Selection
In the solutions to the compensation equations, there is a single degree of freedom. For the solutions presented in Equations 28, RFB is selected arbitrarily. The remaining compensation components are then selected according to Equations 28.
C ( ESR ) R 1 = R FB ---------------------------------------LC - C ( ESR ) LC - C ( ESR ) C 1 = ---------------------------------------R FB 0.75V IN C 2 = -----------------------------------------------------------------( 2 ) 2 f 0 f HF LCR FB V PP V PP 2 f 0 f HF LCR FB R C = -------------------------------------------------------------------2f 0.75 V HF LC - 1
IN 2
The input capacitors are responsible for sourcing the ac component of the input current flowing into the upper MOSFETs. Their RMS current capacity must be sufficient to handle the ac component of the current drawn by the upper MOSFETs which is related to duty cycle and the number of active phases.
1000
(EQ. 28)
RT (k)
100
0.75V IN 2f HF LC - 1 C C = -----------------------------------------------------------------( 2 ) 2 f 0 f HF LCR FB V PP
10
10
In Equations 28, L is the per-channel filter inductance divided by the number of active channels; C is the sum total of all output capacitors; ESR is the equivalent-series 19
100 1000 SWITCHING FREQUENCY (KHZ)
10000
FIGURE 15. RT VS SWITCHING FREQUENCY
ISL6569
0.3 INPUT-CAPACITOR CURRENT (IRMS / IO)
0.2
0.1
Next, place the input and output capacitors. Position one high-frequency ceramic input capacitor next to each upper MOSFET drain. Place the bulk input capacitors as close to the upper MOSFET drains as dictated by the component size and dimensions. Long distances between input capacitors and MOSFET drains results in too much trace inductance and a reduction in capacitor performance. Locate the output capacitors between the inductors and the load, while keeping them in close proximity around the microprocessor socket.
IC,PP = 0 IC,PP = 0.5 IO IC,PP = 0.75 IO
0
0
0.2
0.4
0.6
0.8
1.0
DUTY CYCLE (VIN / VO)
The ISL6569 can be placed off to one side or centered relative to the individual phase switching components. Routing of sense lines and PWM signals will guide final placement. Critical small signal components to place close to the controller include the ISEN resistors, RT resistor, feedback resistor, and compensation components. Bypass capacitors for the ISL6569 and HIP660X driver bias supplies must be placed next to their respective pins. Stray trace parasitics will reduce their effectiveness.
FIGURE 16. NORMALIZED INPUT-CAPACITOR RMS CURRENT VS DUTY CYCLE FOR 2-PHASE CONVERTER
For a two phase design, use Figure 16 to determine the input-capacitor RMS current requirement given the duty cycle, maximum sustained output current (IO), and the ratio of the combined peak-to-peak inductor current (IC,PP) to IO. Select a bulk capacitor with a ripple current rating which will minimize the total number of input capacitors required to support the RMS current calculated. The voltage rating of the capacitors should also be at least 1.25 times greater than the maximum input voltage.
Plane Allocation and Routing
Dedicate one solid layer, usually a middle layer, for a ground plane. Make all critical component ground connections with vias to this plane. Dedicate one additional layer for power planes; breaking the plane up into smaller islands of common voltage. Use the remaining layers for small signal wiring. Route PHASE planes of copper filled polygons on the top and bottom once the switching component placement is set. Size the trace width between the driver gate pins and the MOSFET gates to carry 1A of current. When routing components in the switching path, use short wide traces to reduce the associated parasitics.
Layout Considerations
The following multi-layer printed circuit board layout strategies minimize the impact of board parasitics on converter performance. The following sections highlight some important practices which should not be overlooked during the layout process.
Component Placement
Within the allotted implementation area, orient the switching components first. The switching components are the most critical because they switch large amounts of energy and tend to generate large amounts of noise. How the switching components are placed should also take into account power dissipation. Align the output inductors and MOSFETs such that space between the components is minimized while creating the PHASE plane. Place the Intersil HIP660X drivers as close as possible to the MOSFETs they control to reduce the parasitics due to trace length between critical driver input and output signals. If possible, duplicate the same placement of switching components for each phase.
20
ISL6569 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M24.3 (JEDEC MS-013-AD ISSUE C)
24 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 2.35 0.10 0.33 0.23 15.20 7.40 MAX 2.65 0.30 0.51 0.32 15.60 7.60 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0926 0.0040 0.013 0.0091 0.5985 0.2914
MAX 0.1043 0.0118 0.020 0.0125 0.6141 0.2992
A1 B C D E

A1 0.10(0.004) C
e H h L N
0.05 BSC 0.394 0.010 0.016 24 0o 8o 0.419 0.029 0.050
1.27 BSC 10.00 0.25 0.40 24 0o 10.65 0.75 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
21
ISL6569 Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L32.5x5
32 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220VHHD-2 ISSUE C MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P 8 0.25 0.30 2.95 2.95 0.18 MIN 0.80 NOMINAL 0.90 0.20 REF 0.23 5.00 BSC 4.75 BSC 3.10 5.00 BSC 4.75 BSC 3.10 0.50 BSC 0.40 32 8 8 0.60 12 0.50 0.15 3.25 3.25 0.30 MAX 1.00 0.05 1.00 NOTES 9 9 5,8 9 7,8 9 7,8 8 10 2 3 3 9 9 Rev. 1 10/02 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation. 10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 22


▲Up To Search▲   

 
Price & Availability of ISL6569CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X