Part Number Hot Search : 
ER206 MIC809MU RM0033 18F66 104K00 8RM18X N2540 75047
Product Description
Full Text Search
 

To Download ISL6554 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISL6554
TM
Data Sheet
November 2001
File Number
9003.1
Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop
The ISL6554 is the first controller in the Intersil Multi-Phase family without the programmable droop feature. The ISL6554 in combination with the HIP6601A, HIP6602A or HIP6603A companion gate drivers and Intersil MOSFETs form a complete solution for high-current, high slew-rate applications. The ISL6554 regulates output voltage, balances load currents and provides protective functions for two to four synchronous-rectified buck-converter channels. A novel approach to current sensing is used to reduce overall solution cost. The voltage developed across the lower MOSFET's parasitic on-resistance during conduction is sampled and fed back to the controller. This lossless currentsensing approach allows the controller to maintain phasecurrent balance between the power channels and overcurrent protection. A 5-bit DAC allows digital programming of the output voltage in 25mV steps over a range from 0.95V to 1.70V with a system accuracy of 1%. Internal pull ups on each DAC input make external pull-up resistors unnecessary when interfacing with open-drain output signals. The PGOOD signal is held low during Soft-Start until the output voltage increases to within 4% of the programmed. When the CORE voltage falls 9% below the programmed VID level, an undervoltage condition is detected and results in PGOOD transitioning low. In the event of an overvoltage condition, The converter shuts down and turns ON the lower MOSFETs to clamp and protect the microprocessor. Overcurrent protection reduces the regulator RMS output current to 41% of the programmed overcurrent trip value. These features provide monitoring and protection for the microprocessor and power system.
Features
* Multi-Phase Power Conversion * Precision Channel Current Balance - Lossless Current Sampling - Uses rDS(ON) * Precision CORE Voltage Regulation - 1% System Accuracy Over Temperature - No Programmable Droop * Microprocessor Voltage Identification Input - 5-Bit VID Decoder - 0.95V to 1.70V in 25mV Steps * Fast Transient Response * Over Current Protection * Selection of 2, 3, or 4 Phase Operation * High Ripple Frequency (80kHz to 2MHz)
Applications
* Power Supply Controller for Intel(R) ItaniumTM Processor Family * Voltage Regulator Modules * Servers and Workstations
Ordering Information
PART NUMBER ISL6554CB ISL6554CB-T TEMP. (oC) 0 to 70 PACKAGE 20 Ld SOIC PKG. NO. M20.3
20 Ld SOIC Tape and Reel
Pinout
ISL6554 (SOIC) TOP VIEW
VID4 1 VID3 2 VID2 3 VID1 4 VID0 5 COMP 6 FB 7 FS/DIS 8 GND 9 VSEN 10 20 VCC 19 PGOOD 18 PWM4 17 ISEN4 16 ISEN1 15 PWM1 14 PWM2 13 ISEN2 12 ISEN3 11 PWM3
IntelTM is a trademark of Intel Corporation.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2001. All Rights Reserved Intel(R) is a registered trademark of Intel Corporation. ItaniumTM is a trademark of Intel Corporation
ISL6554 Block Diagram
PGOOD VCC
POWER-ON RESET (POR) VSEN X 0.9 + UV OV LATCH S
-
THREE STATE CLOCK AND SAWTOOTH GENERATOR + PWM
FS/EN
OVP + X1.15
-
-
+
PWM1
-
SOFTSTART AND FAULT LOGIC
+
PWM
-
+
PWM2
-
COMP +
VID4 VID3 VID2 VID1 VID0 D/A + E/A
PWM
-
+
PWM3
-
+
PWM +
-
-
PWM4
-
FB
CURRENT CORRECTION I_TOT + + + +
PHASE NUMBER
CHANNEL DETECTOR
ISEN1 ISEN2 ISEN3 ISEN4
+ I_TRIP
-
OC
GND
2
ISL6554 Simplified Power System Diagram
VSEN PWM 1
SYNCHRONOUS RECTIFIED BUCK CHANNEL
PWM 2
SYNCHRONOUS RECTIFIED BUCK CHANNEL MICROPROCESSOR
ISL6554
PWM 3 PWM 4 SYNCHRONOUS RECTIFIED BUCK CHANNEL
VID
SYNCHRONOUS RECTIFIED BUCK CHANNEL
Functional Pin Description
VID4 1 VID3 2 VID2 3 VID1 4 VID0 5 COMP 6 FB 7 FS/DIS 8 GND 9 VSEN 10 20 VCC 19 PGOOD 18 PWM4 17 ISEN4 16 ISEN1 15 PWM1 14 PWM2 13 ISEN2 12 ISEN3 11 PWM3
converter. Pulling this pin to ground disables the converter and three states the PWM outputs. See Figure 10.
GND (Pin 9)
Bias and reference ground. All signals are referenced to this pin.
VSEN (Pin 10)
Power good monitor input. Connect to the microprocessorCORE voltage.
PWM1 (Pin 15), PWM2 (Pin 14), PWM3 (Pin 11) and PWM4 (Pin 18)
PWM outputs for each driven channel in use. Connect these pins to the PWM input of a HIP6601/2/3 driver. For systems which use 3 channels, connect PWM4 high. Two channel systems connect PWM3 and PWM4 high.
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4) and VID0 (Pin 5)
Voltage Identification inputs from microprocessor. These pins respond to TTL and 3.3V logic signals. The ISL6554 decodes VID bits to establish the output voltage. See Table 1.
ISEN1 (Pin 16), ISEN2 (Pin 13), ISEN3 (Pin 12) and ISEN4 (Pin 17)
Current sense inputs from the individual converter channel's phase nodes. Unused sense lines MUST be left open.
COMP (Pin 6)
Output of the internal error amplifier. Connect this pin to the external feedback and compensation network.
PGOOD (Pin 19)
Power good. This pin provides a logic-high signal when the microprocessor CORE voltage is within specified limits and Soft-Start has timed out.
FB (Pin 7)
Inverting input of the internal error amplifier.
VCC (Pin 20)
Bias supply. Connect this pin to a 5V supply.
FS/DIS (Pin 8)
Channel frequency, FSW , select and disable. A resistor from this pin to ground sets the switching frequency of the 3
ISL6554 Typical Application - 2 Phase Converter Using HIP6601 Gate Drivers
+12V VIN = +5V
BOOT PVCC UGATE +5V VCC PHASE
PWM FB VSEN COMP VCC
DRIVER HIP6601
LGATE GND +VCORE
PWM4 PGOOD VID4 VID3 VID2 VID1 VID0 ISEN4 FS/DIS ISEN3 ISEN2 ISEN1 GND NC NC PWM3 PWM2 BOOT PWM1 PVCC UGATE PHASE VCC PWM +12V VIN = +5V
MAIN CONTROL ISL6554
DRIVER HIP6601
LGATE GND
4
ISL6554 Typical Application - 4 Phase Converter Using HIP6602 Gate Drivers
+12V
BOOT1
V IN = +12V
UGATE1 VCC PHASE1
L 01
+5V
LGATE1
DUAL DRIVER HIP6602
FB VSEN COMP VCC
PVCC
+5V V IN +12V
BOOT2
UGATE2 ISEN1 PGOOD VID4 VID3 VID2 VID1 VID0 ISEN3 FS/DIS PWM3 PWM4 GND ISEN4 UGATE3 VCC PHASE3 +12V BOOT3 V IN+12V PWM1 PWM2 ISEN2 PWM1 PWM2 LGATE2 PHASE2
L 02
MAIN CONTROL ISL6554
GND
+VCORE
L 03
LGATE3
DUAL DRIVER HIP6602
PVCC
+5V V IN +12V
BOOT4
UGATE4 PHASE4
L 04
PWM3 PWM4
LGATE4
GND
5
ISL6554
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5KV
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (SOIC - Lead Tips Only)
Recommended Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 5% Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications PARAMETER INPUT SUPPLY POWER Input Supply Current POWER-ON RESET (POR) VCC Rising Threshold VCC Falling Threshold REFERENCE AND DAC Reference Voltage Accuracy DAC Pin Input Low Voltage Threshold DAC Pin Input High Voltage Threshold VID Pull-Up OSCILLATOR Frequency, FSW Adjustment Range Disable Voltage ERROR AMPLIFIER DC Gain Gain-Bandwidth Product Slew Rate Maximum Output Voltage Minimum Output Voltage ISEN Full Scale Input Current Overcurrent Trip Level POWER GOOD Upper Threshold Lower Threshold PGOOD Low Output Voltage PROTECTION Overvoltage Threshold Percent Overvoltage Hysteresis VSEN Rising VSEN Falling after Overvoltage 1.12 1.15 2 1.2 VDAC % VSEN Rising VSEN Falling IPGOOD = 4mA 0.96 0.91 0.18 0.4 VDAC VDAC V 50 82.5 A A RL = 10K to GND CL = 100pF, RL = 10K to GND CL = 100pF, RL = 10K to GND RL = 10K to GND RL = 10K to GND 3.6 72 18 5.3 4.1 0.16 0.5 dB MHz V/s V V RT = 100k, 1% See Figure 10 Maximum Voltage at FS/DIS to Disable Controller. IFS/DIS = 1mA. 224 0.05 280 1.2 336 1.5 1.0 kHz MHz V VIDx = 0V or VIDx = 3V -1 2.0 10 20 1 0.8 40 % V V A 4.25 3.75 4.38 3.88 4.5 4.00 V V RT = 100k 10 15 mA Operating Conditions: VCC = 5V, TA = 0oC to 70oC, Unless Otherwise Specified TEST CONDITIONS MIN TYP MAX UNITS
6
ISL6554
RIN FB VIN
ISL6554
ERROR AMPLIFIER CORRECTION + COMPARATOR + Q1 PWM CIRCUIT PWM1 HIP6601 IL1 Q2 PHASE + L1
-
-
+
-
PROGRAMMABLE REFERENCE DAC
I AVERAGE CURRENT AVERAGING
CURRENT SENSING
ISEN1
RISEN1
VCORE COUT RLOAD
-
+
CURRENT SENSING
ISEN2
RISEN2
VIN PHASE +
-
COMPARATOR + PWM CIRCUIT PWM2 HIP6601
Q3
L2
CORRECTION
-
IL2 Q4
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE ISL6554 VOLTAGE AND CURRENT CONTROL LOOPS FOR A TWO POWER CHANNEL REGULATOR
Operation
Figure 1 shows a simplified diagram of the voltage regulation and current control loops. Both voltage and current feedback are used to precisely regulate voltage and tightly control output currents, IL1 and IL2 , of the two power channels. The voltage loop comprises the error amplifier, comparators, gate drivers and output MOSFETs. The error amplifier is essentially connected as a voltage follower that has as an input, the programmable reference DAC and an output that is the CORE voltage.
circuit with no phase reversal and on to the HIP6601, again with no phase reversal for gate drive to the upper MOSFETs, Q1 and Q3. Increased duty cycle or ON time for the MOSFET transistors results in increased output voltage to compensate for the low output voltage sensed.
Current Loop
The current control loop works in a similar fashion to the voltage control loop, but with current control information applied individually to each channel's comparator. The information used for this control is the voltage that is developed across rDS(ON) of each lower MOSFET, Q2 and Q4, when they are conducting. A single resistor converts and scales the voltage across the MOSFETs to a current that is applied to the current sensing circuit within the ISL6554. Output from these sensing circuits is applied to the current averaging circuit. Each PWM channel receives the difference current signal from the summing circuit that compares the average sensed current to the individual channel current. When a power channel's current is greater than the average current, the signal applied via the summing correction circuit to the comparator, reduces the output pulse width of the comparator to compensate for the detected "above average" current in that channel.
Voltage Loop
Feedback from the CORE voltage is applied via resistor RIN to the inverting input of the error amplifier. This signal can drive the error amplifier output either high or low, depending upon the CORE voltage. Low CORE voltage makes the amplifier output move towards a higher output voltage level. Amplifier output voltage is applied to the positive inputs of the comparators via the correction summing networks. Out-of-phase sawtooth signals are applied to the two comparators inverting inputs. Increasing error amplifier voltage results in increased comparator output duty cycle. This increased duty cycle signal is passed through the PWM
7
ISL6554 Applications and Converter Start-Up
Each PWM power channel's current is regulated. This enables the PWM channels to accurately share the load current for enhanced reliability. The HIP6601, HIP6602 or HIP6603 MOSFET driver interfaces with the ISL6554. For more information, see the HIP6601, HIP6602 or HIP6603 data sheets [1], [2]. The ISL6554 is capable of controlling up to 4 PWM power channels. Connecting unused PWM outputs to VCC automatically sets the number of channels. The phase relationship between the channels is 360 degrees/number of active PWM channels. For example, for three channel operation, the PWM outputs are separated by 120 degrees. Figure 2 shows the PWM output signals for a four channel system. Once the VCC voltage reaches 4.375V (+125mV), a voltage level to insure proper internal function, the PWM outputs are enabled and the Soft-Start sequence is initiated. If for any reason, the VCC voltage drops below 3.875V (+125mV). The POR circuit shuts the converter down and again three states the PWM outputs.
Soft-Start
After the POR function is completed with VCC reaching 4.375V, the Soft-Start sequence is initiated. Soft-Start, by its slow rise in CORE voltage from zero, avoids an overcurrent condition by slowly charging the discharged output capacitors. This voltage rise is initiated by an internal DAC that slowly raises the reference voltage to the error amplifier input. The voltage rise is controlled by the oscillator frequency and the DAC within the ISL6554, therefore, the output voltage is effectively regulated as it rises to the final programmed CORE voltage value. For the first 32 PWM switching cycles, the DAC output remains inhibited and the PWM outputs remain three stated. From the 33rd cycle and for another, approximately 150 cycles the PWM output remains low, clamping the lower output MOSFETs to ground, see Figure 3. The time variability is due to the error amplifier, sawtooth generator and comparators moving into their active regions. After this short interval, the PWM outputs are enabled and increment the PWM pulse width from zero duty cycle to operational pulse width, thus allowing the output voltage to slowly reach the CORE voltage. The CORE voltage will reach its programmed value before the 2048 cycles, but the PGOOD output will not be initiated until the 2048th PWM switching cycle. The Soft-Start time or delay time, DT = 2048/FSW . For an oscillator frequency, FSW , of 200kHz, the first 32 cycles or 160s, the PWM outputs are held in a three state level as explained above. After this period and a short interval described above, the PWM outputs are initiated and the voltage rises in 10.08ms, for a total delay time DT of 10.24ms. Figure 3 shows the start-up sequence as initiated by a fast rising 5V supply, VCC, applied to the ISL6554. Note the short rise to the three state level in PWM 1 output during first 32 PWM cycles. Figure 4 shows the waveforms when the regulator is operating at 200kHz. Note that the Soft-Start duration is a function of the channel frequency as explained previously. Also note the pulses on the COMP terminal. These pulses are the current correction signal feeding into the comparator input (see the Block Diagram). Figure 5 shows the regulator operating from an ATX supply. In this figure, note the slight rise in PGOOD as the 5V supply rises. The PGOOD output stage is made up of NMOS and PMOS transistors. On the rising VCC, the PMOS device becomes active slightly before the NMOS transistor pulls "down", generating the slight rise in the PGOOD voltage.
PWM 1
PWM 2
PWM 3
PWM 4
FIGURE 2. FOUR PHASE PWM OUTPUT AT 500kHz
Power supply ripple frequency is determined by the channel frequency, FSW , multiplied by the number of active channels. For example, if the channel frequency is set to 250kHz and there are three phases, the ripple frequency is 750kHz. The IC monitors and precisely regulates the CORE voltage of a microprocessor. After initial start-up, the controller also provides protection for the load and the power supply. The following section discusses these features.
Initialization
The ISL6554 usually operates from an ATX power supply. Many functions are initiated by the rising supply voltage to the VCC pin of the ISL6554. Oscillator, sawtooth generator, soft-start and other functions are initialized during this interval. These circuits are controlled by POR, Power-On Reset. During this interval, the PWM outputs are driven to a three state condition that makes these outputs essentially open. This state results in no gate drive to the output MOSFETs.
8
ISL6554
Note that Figure 5 shows the 12V gate driver voltage available before the 5V supply to the ISL6554 has reached its threshold level. If conditions were reversed and the 5V supply was to rise first, the start-up sequence would be different. In this case the ISL6554 will sense an overcurrent condition due to charging the output capacitors. The supply will then restart and go through the normal Soft-Start cycle.
PWM 1 OUTPUT
DELAY TIME PGOOD
Fault Protection
VCORE
5V VCC
The ISL6554 protects the microprocessor and the entire power system from damaging stress levels. Within the ISL6554 both Overvoltage and Overcurrent circuits are incorporated to protect the load and regulator.
Overvoltage
VIN = 12V
FIGURE 3. START-UP OF 4 PHASE SYSTEM OPERATING AT 500kHz
The VSEN pin is connected to the microprocessor CORE voltage. A CORE overvoltage condition is detected when the VSEN pin goes more than 15% above the programmed VID level. The overvoltage condition is latched, disabling normal PWM operation, and causing PGOOD to go low. The latch can only be reset by lowering and returning VCC high to initiate a POR and Soft-Start sequence. During a latched overvoltage, the PWM outputs will be driven either low or three state, depending upon the VSEN input. PWM outputs are driven low when the VSEN pin detects that the CORE voltage is 15% above the programmed VID level. This condition drives the PWM outputs low, resulting in the lower or synchronous rectifier MOSFETs to conduct and shunt the CORE voltage to ground to protect the load. If after this event, the CORE voltage falls below the overvoltage limit (plus some hysteresis), the PWM outputs will three state. The HIP6601 family drivers pass the three state information along, and shuts off both upper and lower MOSFETs. This prevents "dumping" of the output capacitors back through the lower MOSFETs, avoiding a possibly destructive ringing of the capacitors and output inductors. If the conditions that caused the overvoltage still persist, the PWM outputs will be cycled between three state and VCORE clamped to ground, as a hysteretic shunt regulator.
V COMP
DELAY TIME PGOOD
VCORE
5V VCC
VIN = 12V
FIGURE 4. START-UP OF 4 PHASE SYSTEM OPERATING AT 200kHz
12V ATX SUPPLY
PGOOD
Undervoltage
The VSEN pin also detects when the CORE voltage falls more than 9% below the VID programmed level. This causes PGOOD to go low, but has no other effect on operation and is not latched. There is also hysteresis in this detection point.
VCORE
5 V ATX SUPPLY
Overcurrent
In the event of an overcurrent condition, the overcurrent protection circuit reduces the RMS current delivered to 41% of the current limit. When an overcurrent condition is detected, the controller forces all PWM outputs into a three state mode. This condition results in the gate driver removing drive to the output stages. The ISL6554 goes into a wait
VIN = 5V, CORE LOAD CURRENT = 31A FREQUENCY 200kHz ATX SUPPLY ACTIVATED BY ATX "PS-ON PIN"
FIGURE 5. SUPPLY POWERED BY ATX SUPPLY
9
ISL6554
delay timing cycle that is equal to the Soft-Start ramp time. PGOOD also goes "low" during this time due to VSEN going below its threshold voltage. To lower the average output dissipation, the Soft-Start initial wait time is increased from 32 to 2048 cycles, then the Soft-Start ramp is initiated. At a PWM frequency of 200kHz, for instance, an overcurrent detection would cause a dead time of 10.24ms, then a ramp of 10.08ms. At the end of the delay, PWM outputs are restarted and the soft start ramp is initiated. If a short is present at that time, the cycle is repeated. This is the hiccup mode. Figure 6 shows the supply shorted under operation and the hiccup operating mode described above. Note that due to the high short circuit current, overcurrent is detected before completion of the start-up sequence so the delay is not quite as long as the normal Soft-Start cycle.
SHORT APPLIED HERE PGOOD
TABLE 1. VOLTAGE IDENTIFICATION CODES (Continued) VOLTAGE IDENTIFICATION CODE AT PROCESSOR PINS VID4 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 VID3 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
VCCCORE (VDC) 1.150 1.175 1.200 1.225 1.250 1.275 1.300 1.325 1.350 1.375 1.400 1.425 1.450 1.475 1.500 1.525 1.550 1.575 1.600 1.625 1.650 1.675 1.700
SHORT CURRENT 50A/DIV.
HICCUP MODE. SUPPLY POWERED BY ATX SUPPLY CORE LOAD CURRENT = 31A, 5V LOAD = 5A SUPPLY FREQUENCY = 200kHz, V IN = 12V ATX SUPPLY ACTIVATED BY ATX "PS-ON PIN"
0 0 0
FIGURE 6. SHORT APPLIED TO SUPPLY AFTER POWER-UP
Current Sensing and Balancing
Overview
The ISL6554 samples the on-state voltage drop across each synchronous rectifier MOSFET, Q2, as an indication of the inductor current in that phase, see Figure 7. Neglecting AC effects (to be discussed later), the voltage drop across Q2 is simply rDS(ON)(Q2) x inductor current (IL). Note that IL, the inductor current, is either 1/2, 1/3, or 1/4 of the total current (ILT), depending on how many phases are in use. The voltage at Q2's drain, the PHASE node, is applied to the RISEN resistor to develop the IISEN current to the ISL6554 ISEN pin. This pin is held at virtual ground, so the current through RISEN is IL x rDS(ON)(Q2) / RISEN. The IISEN current provides information to perform the following functions: 1. Detection of an overcurrent condition 2. Balance the IL currents in multiple channels
CORE Voltage Programming
The voltage identification pins (VID0, VID1,VID2,VID3 and VID4) set the CORE output voltage. Each VID pin is pulled to VCC by an internal 20A current source and accepts opencollector/open-drain/open-switch-to-ground or standard lowvoltage TTL or CMOS signals. Table 1 shows the nominal DAC voltage as a function of the VID codes. The power supply system is 1% accurate over the operating temperature and voltage range.
TABLE 1. VOLTAGE IDENTIFICATION CODES VOLTAGE IDENTIFICATION CODE AT PROCESSOR PINS VID4 1 1 1 1 1 1 1 1 1 VID3 1 1 1 1 1 1 1 1 0 VID2 1 1 1 1 0 0 0 0 1 VID1 1 1 0 0 1 1 0 0 1 VID0 1 0 1 0 1 0 1 0 1
VCCCORE (VDC) Output Off 0.95 0.975 1.000 1.025 1.050 1.075 1.100 1.125
Overcurrent, Selecting RISEN
The current detected through the RISEN resistor is averaged with the current(s) detected in the other 1, 2, or 3 channels. The averaged current is compared with a trimmed, internally generated current, and used to detect an overcurrent condition.
10
ISL6554
RFB FB
RIN
Cc COMP ISL6554 SAWTOOTH COMPARATOR +
VIN Q1 PWM CIRCUIT HIP6601 PWM Q2 IL PHASE L01 VCORE COUT RLOAD
ERROR AMPLIFIER
GENERATOR
-
+ REFERENCE DAC
-
CORRECTION +
DIFFERENCE + -
CURRENT SENSING
ISEN
RISEN
TO OTHER CHANNELS COMPARATOR TO OVER CURRENT TRIP +
AVERAGING REFERENCE
CURRENT SENSING FROM OTHER CHANNELS
ONLY ONE OUTPUT STAGE SHOWN
-
INDUCTOR CURRENT(S) FROM OTHER CHANNELS
FIGURE 7. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
The nominal current through the RISEN resistor should be 50A at full output load current, and the nominal trip point for overcurrent detection is 165% of that value, or 82.5A. Therefore, RISEN = IL x rDS(ON) (Q2) / 50A. For a full load of 25A per phase, and an rDS(ON) (Q2) of 4m, RISEN = 2k. The overcurrent trip point would be 165% of 25A, or ~ 41A per phase. The RISEN value can be adjusted to change the overcurrent trip point, but it is suggested to stay within 25% of nominal.
values of the input and output voltage. Ignoring secondary effects, such as series resistance, the peak to peak value of the sawtooth current can be described by: iPK-PK = (VIN x VCORE - VCORE2) / (L x FSW x VIN) Where: VCORE = DC value of the output or VID voltage VIN= DC value of the input or supply voltage L= value of the inductor FSW= switching frequency Example: For VCORE = 1.6V, VIN= 12V, L= 1.3H, FSW= 250kHz, Then iPK-PK = 4.3A The inductor, or load current, flows alternately from VIN through Q1 and from ground through Q2. The ISL6554 samples the on-state voltage drop across each Q2 transistor to indicate the inductor current in that phase. The voltage drop is sampled 1/3 of a switching period, i/FSW , after Q1 is turned OFF and Q2 is turned on. Because of the sawtooth current component, the sampled current is different from the average current per phase. Neglecting secondary effects, the sampled current (ISAMPLE) can be related to the load current (ILT) by: ISAMPLE = ILT / n + (VINVCORE -3VCORE2) / (6L x FSW x VIN) Where: ILT= total load current n= the number of channels
Current Balancing
The detected currents are also used to balance the phase currents. Each phase's current is compared to the average of all phase currents, and the difference is used to create an offset in that phase's PWM comparator. The offset is in a direction to reduce the imbalance. The balancing circuit can not make up for a difference in rDS(ON) between synchronous rectifiers. If a FET has a higher rDS(ON), the current through that phase will be reduced. Figures 8 and 9 show the inductor current of a two phase system without and with current balancing.
Inductor Current
The inductor current in each phase of a multi-phase Buck converter has two components. There is a current equal to the load current divided by the number of phases (ILT / n), and a sawtooth current, (iPK-PK) resulting from switching. The sawtooth component is dependent on the size of the inductors, the switching frequency of each phase, and the
Example: Using the previously given conditions, and For ILT= 100A, n= 4 Then ISAMPLE = 25.49A
11
ISL6554
resistor RT . To avoid pickup by the FS/DIS pin, it is important to place this resistor next to the pin.
25 20 AMPERES 15 10 5 0
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. These voltage spikes can degrade efficiency, radiate noise into the circuit and lead to device overvoltage stress. Careful component layout and printed circuit design minimizes the voltage spikes in the converter. Consider, as an example, the turnoff transition of the upper PWM MOSFET. Prior to turnoff, the upper MOSFET was carrying channel current. During the turnoff, current stops flowing in the upper MOSFET and is picked up by the lower MOSFET. Any inductance in the switched current path generates a large voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. Contact Intersil for evaluation board drawings of the component placement and printed circuit board. There are two sets of critical components in a DC-DC converter using a ISL6554 controller and a HIP6601 gate driver. The power components are the most critical because they switch large amounts of energy. Next are small signal components that connect to sensitive nodes or supply critical bypassing current and signal coupling. The power components should be placed first. Locate the input capacitors close to the power switches. Minimize the length of the connections between the input capacitors, CIN , and the power switches. Locate the output inductors and output capacitors between the MOSFETs and the load. Locate the gate driver close to the MOSFETs. The critical small components include the bypass capacitors for VCC and PVCC on the gate driver ICs. Locate the bypass capacitor, CBP , for the ISL6554 controller close to the device. It is especially important to locate the resistors associated with the input to the amplifiers close to their respective pins, since they represent the input to feedback amplifiers. Resistor RT , that sets the oscillator frequency should also be located next to the associated pin. It is especially important to place the RSEN resistors at the respective terminals of the ISL6554. A multi-layer printed circuit board is recommended. Figure 11 shows the connections of the critical components for one output channel of the converter. Note that capacitors CIN and COUT could each represent numerous physical capacitors. Dedicate one solid layer, usually the middle layer of the PC board, for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. Keep the metal runs from the PHASE terminal to output inductor short. The power plane should support the input power and output power nodes. Use
FIGURE 8. TWO CHANNEL MULTI-PHASE SYSTEM WITH CURRENT BALANCING DISABLED
25 20 AMPERES 15 10 5 0
FIGURE 9. TWO CHANNEL MULTI-PHASE SYSTEM WITH CURRENT BALANCING ENABLED
As discussed previously, the voltage drop across each Q2 transistor at the point in time when current is sampled is rDSON (Q2) x ISAMPLE. The voltage at Q2's drain, the PHASE node, is applied through the RISEN resistor to the ISL6554 ISEN pin. This pin is held at virtual ground, so the current into ISEN is: ISENSE RIsen where ILT ISAMPLE rDS(ON) (Q2) Then: RISEN ICURRENT TRIP Short circuit ILT = ISAMPLE x rDS(ON) (Q2) / RISEN. = ISAMPLE x rDS(ON) (Q2) / 50A = 100A, = 25.49A, = 4m = 2.04K and = 165% = 165A.
Example: From the previous conditions,
Channel Frequency Oscillator
The channel oscillator frequency is set by placing a resistor, RT, to ground from the FS/DIS pin. Figure 10 is a curve showing the relationship between frequency, FSW , and 12
ISL6554
copper filled polygons on the top and bottom circuit layers for the phase nodes. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the driver IC to the MOSFET gate and source should be sized to carry at least one ampere of current.
1,000 500
Bulk capacitor choices include aluminum electrolytic, OSCon, Tantalum and even ceramic dielectrics. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the equivalent series inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Consult the capacitor manufacturer and measure the capacitor's impedance with frequency to select a suitable component.
200 100 50 RT (k)
Output Inductor Selection
One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Small inductors in a multi-phase converter reduces the response time without significant increases in total ripple current. The output inductor of each power channel controls the ripple current. The control IC is stable for channel ripple current (peak-to-peak) up to twice the average current. A single channel's ripple current is approximately:
V IN - V OUT V OUT I = ------------------------------- x --------------F SW x L V IN
20 50 100 200 500 1,000 2,000 5,000 10,000 CHANNEL OSCILLATOR FREQUENCY, FSW (kHz)
20 10 5
2 1 10
FIGURE 10. RESISTANCE RT vs FREQUENCY
Component Selection Guidelines
Output Capacitor Selection
The output capacitor is selected to meet both the dynamic load requirements and the voltage ripple requirements. The load transient for the microprocessor CORE is characterized by high slew rate (di/dt) current demands. In general, multiple high quality capacitors of different size and dielectric are paralleled to meet the design constraints. Modern microprocessors produce severe transient load rates. High frequency capacitors supply the initially transient current and slow the load rate-of-change seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR determines the output ripple voltage and the initial voltage drop following a high slew-rate transient's edge. In most cases, multiple capacitors of small case size perform better than a single large case capacitor. 13
The current from multiple channels tend to cancel each other and reduce the total ripple current. Figure 12 gives the total ripple current as a function of duty cycle, normalized to the parameter ( Vo ) ( LxF SW ) at zero duty cycle. To determine the total ripple current from the number of channels and the duty cycle, multiply the y-axis value by ( Vo ) ( LxF SW ) . Small values of output inductance can cause excessive power dissipation. The ISL6554 is designed for stable operation for ripple currents up to twice the load current. However, for this condition, the RMS current is 115% above the value shown in the following MOSFET Selection and Considerations section. With all else fixed, decreasing the inductance could increase the power dissipated in the MOSFETs by 30%.
1.0 RIPPLE CURRENT (APEAK-PEAK) SINGLE CHANNEL
0.8 VO / (LX FSW)
0.6 2 CHANNEL 0.4 3 CHANNEL 0.2 4 CHANNEL 0 0 0.1 0.2 0.3 0.4 0.5 DUTY CYCLE (VO/VIN)
FIGURE 11. RIPPLE CURRENT vs DUTY CYCLE
ISL6554
+5VIN +12V CBP VCC PVCC LOCATE NEXT TO IC PIN(S) CBOOT VCC CBP PWM COMP FS/DIS CT RFB LOCATE NEXT TO FB PIN RIN VSEN ISEN FB LOCATE NEXT TO IC PIN RSEN ISL6554 RT HIP6601 PHASE
USE INDIVIDUAL METAL RUNS FOR EACH CHANNEL TO HELP ISOLATE OUTPUT STAGES
CIN LO1
LOCATE NEAR TRANSISTOR VCORE COUT
KEY ISLAND ON POWER PLANE LAYER ISLAND ON CIRCUIT PLANE LAYER VIA CONNECTION TO GROUND PLANE
FIGURE 12. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
Input Capacitor Selection
The important parameters for the bulk input capacitors are the voltage rating and the RMS current rating. For reliable operation, select bulk input capacitors with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. The RMS current required for a multi-phase converter can be approximated with the aid of Figure 13.
0.5 SINGLE CHANNEL
Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use ceramic capacitance for the high frequency decoupling and bulk capacitors to supply the RMS current. Small ceramic capacitors should be placed very close to the drain of the upper MOSFET to suppress the voltage induced in the parasitic circuit impedances. For bulk capacitance, several electrolytic capacitors (Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX or equivalent) may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surgecurrent at power-up. The TPS series available from AVX, and the 593D series from Sprague are both surge current tested.
CURRENT MULTIPLIER
0.4
MOSFET Selection and Considerations
0.3 2 CHANNEL 0.2 3 CHANNEL 0.1 4 CHANNEL
0 0 0.1 0.2 0.3 0.4 0.5 DUTY CYCLE (VO/VIN)
FIGURE 13. CURRENT MULTIPLIER vs DUTY CYCLE
In high-current PWM applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. These losses are distributed between the upper and lower MOSFETs according to duty factor (see the following equations). The conduction losses are the main component of power dissipation for the lower MOSFETs, Q2 and Q4 of Figure 1. Only the upper MOSFETs, Q1 and Q3 have significant switching losses, since the lower device turns on and off into near zero voltage. The equations assume linear voltage-current transitions and do not model power loss due to the reverse-recovery of the lower MOSFETs body diode. The gate-charge losses are dissipated by the Driver IC and don't heat the MOSFETs. However, large gate-charge increases the switching time,
First determine the operating duty ratio as the ratio of the output voltage divided by the input voltage. Find the Current Multiplier from the curve with the appropriate power channels. Multiply the current multiplier by the full load output current. The resulting value is the RMS current rating required by the input capacitor. 14
ISL6554
tSW which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow.
I O x r DS ( ON ) x V OUT I O x V IN x t SW x F SW P UPPER = ----------------------------------------------------------- + --------------------------------------------------------V IN 2 I O x r DS ( ON ) x ( V IN - V OUT ) P LOWER = -------------------------------------------------------------------------------V IN
2 2
References
Intersil documents are available on the web at www.intersil.com/ [1] HIP6601/HIP6603 Data Sheet, Intersil Corporation, File No. 4819 [2] HIP6602 Data Sheet, Intersil Corporation, File No. 4838
A diode, anode to ground, may be placed across Q2 and Q4 of Figure 1. These diodes function as a clamp that catches the negative inductor swing during the dead time between the turn off of the lower MOSFETs and the turn on of the upper MOSFETs. The diodes must be a Schottky type to prevent the lossy parasitic MOSFET body diode from conducting. It is usually acceptable to omit the diodes and let the body diodes of the lower MOSFETs clamp the negative inductor swing, but efficiency could drop one or two percent as a result. The diode's rated reverse breakdown voltage must be greater than the maximum input voltage.
15
ISL6554 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M20.3 (JEDEC MS-013-AC ISSUE C)
20 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 2.35 0.10 0.33 0.23 12.60 7.40 MAX 2.65 0.30 0.51 0.32 13.00 7.60 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0926 0.0040 0.013 0.0091 0.4961 0.2914
MAX 0.1043 0.0118 0.0200 0.0125 0.5118 0.2992
A1 B C D E

e
B 0.25(0.010) M C AM BS A1 0.10(0.004) C
e H h L N
0.050 BSC 0.394 0.010 0.016 20 0o 8o 0.419 0.029 0.050
1.27 BSC 10.00 0.25 0.40 20 0o 10.65 0.75 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation 7585 Irvine Center Drive Suite 100 Irvine, CA 92618 TEL: (949) 341-7000 FAX: (949) 341-7123 Intersil Corporation 2401 Palm Bay Rd. Palm Bay, FL 32905 TEL: (321) 724-7000 FAX: (321) 724-7946 EUROPE Intersil Europe Sarl Ave. C - F Ramuz 43 CH-1009 Pully Switzerland TEL: +41 21 7293637 FAX: +41 21 7293684 ASIA Intersil Corporation Unit 1804 18/F Guangdong Water Building 83 Austin Road TST, Kowloon Hong Kong TEL: +852 2723 6339 FAX: +852 2730 1433
16


▲Up To Search▲   

 
Price & Availability of ISL6554

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X