Part Number Hot Search : 
K4H511 MAX161 LVC245A ADAU1977 APT20M SKY77 MZ4625 810A505
Product Description
Full Text Search
 

To Download ISL3687IRNBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL3687
Data Sheet July 2003 FN8002.1
5GHz RF/IF Converter with Integrated Synthesizer
The ISL3687 is a highly integrated, SiGe, Half Duplex RF/IF Converter with integrated PLL Synthesizer and VCO IC device. It is part of the Intersil PRISM(R) V, 5GHz radio chipset. The ISL3687 directly interfaces with Intersil's ISL3787 1.2GHz IF Converter with AGC and Synthesizer to allow operation with a single SAW filter for both Transmit and Receive functions. The addition of the Intersil's ISL3877 Wireless LAN Media Access Controller and Baseband Processor completes a Wireless LAN radio application for the 802.11a 5GHz standard. The ISL3687 combines all the necessary RF front end functions into a QFN Package suitable for miniPCI and PCMCIA applications..
Features
* RF Input Range . . . . . . . . . . . . . . . . . . . . 5.15 to 5.35GHz * IF Output . . . . . . . . . . . . . . . . . . . . . . . . . .750 to 870MHz * Receive Cascaded Noise Figure . . . . . . . . . . . . . . . 5.4dB * Selectable LNA Gain Step . . . . . . . . . . . . . . . . . . . . .22dB * Transmit Power . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 dBm * Integrates a VCO and a Synthesizer PLL * Internally Matched * Integrated Image and SSB TX filters * Multiplexed Port for Single IF Filter application * Low Supply Operation . . . . . . . . . . . . . . . . . . . . . 2.7-3.3V
Applications
* High Data Rate Wireless LAN Systems Targeting the IEEE 802.11a Standard * PCI, miniPCI and PCMCIA Wireless LAN Adapters
Ordering Information
PART NUMBER ISL3687IR ISL3687IR-TK TEMP. RANGE (OC) -40 to 85 -40 to 85 PACKAGE 48-Lead QFN Tape and Reel PKG. DWG. # L48.7 X 7
* Spread Spectrum WLAN RF Modems * TDMA or CSMA Packet Protocol Radios * PCN/ Wireless PBX/Wireless Local Loop
Pinout
ISL3687 (QFN) TOP VIEW
LNA_GND LNA_GND LNA_GND LNA_GND SYN_VDD LNA_VCC TX_OUT+ TX_OUTTX_GND TX_VCC TX_VCC LNA_IN
Simplified Block Diagram
12 11 10 SYN_GND 13 REF_IN 14 CP_VDD 15 CP_D0 16 CP_RET 17 CP_GND 18 PRE_GND 19 PRE_VCC 20 CLK 21 DATA 22 BIAS_GND 23 BIAS_VCC 24
9
8
7
6
5
4
3
2
1 48 LNA_GND 47 LNA_GND 46 LNA_VCC 45 LNA_GND 44 AGC_WRITE 43 MIX_GND 42 MIX_GND 41 PE1 40 GND 39 PE2 38 GND 37 LD
PLL SYNTH
ISL3687
25 26 27 28 29 30 31 32 33 34 35 36 VT_RET IF_IN_OUTIF_IN_OUT+ BUFF_GND BUFF_VCC VCO_GND VCO_VCC BYP_CAP1 BYP_CAP2 MIX_VCC VTUNE LE_RF
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. All other trademarks mentioned are the property of their respective owners. PRISM(R) is a registered trademark of Intersil Americas Inc. PRISM and design is a trademark of Intersil Americas Inc.


▲Up To Search▲   

 
Price & Availability of ISL3687IRNBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X