Part Number Hot Search : 
SAP51 ITS4142N 75N60 EP2C5 CDRH5D28 RCA33R A1103EUA HBD678
Product Description
Full Text Search
 

To Download IL711 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NVE CORPORATION
IL711/712
Dual Digital Isolator
Features
* +5V and +3.3V CMOS Compatible * 2 ns Typical Pulse Width Distortion * 10 ns Typical Propagation Delay * High Speed: 100 MBaud * 2 ns Channel to Channel Skew * 30 kV/s Typical Transient Immunity * 2500VRMS Isolation (1 min) * 8-pin PDIP and 8-pin SOIC Packages * UL1577 Approved (File # E207481) * IEC 61010-1 Approved (Report # 607057)
ISOLOOP(R)
Functional Diagram
GALVANIC ISOLATION
1IN
1OUT
2IN
2OUT
IL711
Applications
* Isolated Data Transmission * Isolated ADCs and DACs * Fieldbus Isolation * High Speed Digital Systems * Computer Peripheral Interfaces * Logic Level Shifting
GALVANIC ISOLATION
1IN
1OUT
2OUT
2IN
Description
The IL711 and IL712 offer the user a level of true logic integration in an isolation product not previously available. The high speed digital isolators are configured as dual unidirectional in the IL711, and as a bi-directional pair in the IL712. Both devices are integrated with patented* ISOLOOP(R) technology giving them an excellent transient immunity specification. The symmetric magnetic coupling barrier gives these devices a propagation delay of only 10ns and a pulse width distortion of 2 ns. Both the IL711 and the IL712 have 100Mbaud data rates which are independent of direction, i.e. the IL712 operates in full duplex mode making it ideal for many fieldbus bus applications. PROFIBUS / RS485 configurations are achieved by combinations of IL710 and the IL711 or IL712, either combination meeting the overall propagation delay requirements of the specification. Available in 8pin PDIP and 8-pin SOIC packages, the IL711 and IL712 are specified over the temperature range of -40C to +100C without any derating in performance.
IL712
Ordering Information
Package Type 8-PDIP 8-SOIC IL711 -2 -3 IL712 -2 -3 IL711-2 is 8-PDIP package IL712-3 is an 8-SOIC package Model
Isoloop(R) is a registered trademark of NVE Corporation * US Patent number 5,831,426; 6,300,617 and others
1
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL711/712
Absolute Maximum Ratings
Parameters Storage Temperature Ambient Operating Temperature(1) Supply Voltage Input Voltage Input Voltage Output Voltage Drive Channel Output Current Lead Solder Temperature(10s) ESD
ISOLOOP(R)
Symbol TS TA VDD1,VDD2 VI VOE VO IO
Min. -55 -55 -0.5 -0.5 -0.5 -0.5
Max. 175 125 7 VDD1+0.5 VDD2+0.5 VDD2+0.5 10
Units o C
o
C
Volts Volts Volts Volts mAmps
o
260 2kV Human Body Model
C
Recommended Operating Conditions
Parameters Ambient Operating Temperature Supply Voltage Logic High Input Voltage Logic Low Input Voltage Input Signal Rise and Fall Times Symbol TA VDD1,VDD2 VIH VIL tIR,tIF Min. -40 3.0 2.4 0 Max. 100 5.5 VDD1 0.8 1 Units o C Volts Volts Volts sec
Insulation Specifications
Parameter Barrier Impedance Creepage Distance (External) Leakage Current 240 VRMS 60Hz Condition Min. 7.036 (PDIP) 4.026 (SOIC) 0.2 Typ. >1014 ||3 Max. Units || pF mm Amps
Package Characteristics
Parameter Capacitance (Input-Output)(5) Thermal Resistance (PDIP) (SOIC) Package Power Dissipation Symbol CI-O JCT JCT PPD Min. Typ. 2 150 240 150 Max. Units pF
o o
Test Conditions f= 1MHz Thermocouple located at center underside of package
C/W C/W
mW
IEC61010-1
TUV Certificate Numbers: Classification as Table 1. Model IL710-2, IL711-2 IL710-3, IL711-3 Pollution Degree II II Material Group III III Max Working Voltage 300 VRMS 150 VRMS Package Type 8-PDIP 8-SOIC ' ' B 01 07 44230 001 (PDIP) B 01 07 44230 002 (SOIC)
UL 1577
Component Recognition program. File # E207481 Rated 2500Vrms for 1min.
2
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL711/712
Electrical Specifications Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameter DC Specifications Input Quiescent Supply Current IL711 IL712 Output Quiescent Supply Current IL711 IL712 Logic Input Current Logic High Output Voltage Logic Low Output Voltage Switching Specifications Maximum Data Rate Pulse Width Propagation Delay Input to Output (High to Low) Propagation Delay Input to Output ( Low to High) Pulse Width Distortion | tPHL- tPLH |
(2)
ISOLOOP(R)
Symbol IDD1 IDD II VOH VOL 2
3.3 Volt Specifiations Min. Typ. 9 2.2 2.2 2.2 -10 VDD-0.1 VDD 0.8*VDD VDD-0.5 0 0.5 100 110 0.1 0.8 Max. 14 3.3 3.3 3.3 10
5Volt Specifications Min. Typ. 12 3 4 3 -10 VDD-0.1 VDD 0.8*VDD VDD-0.5 0 0.5 100 10 110 0.1 0.8 Max. 20 5 5 5 10
Units A mA mA mA A V V
Test Conditions
IO =-20 A, VI =VIH I = -4 mA, V =V
O I IH
IO = 20 A, VI =VIL I = 4 mA, V =V
O I IL
MBd ns
CL = 15 pF
PW tPHL tPLH PWD tPSK tR tF |CMH| |CML| TCSK
10 12 12 2 4 2 2 20 30 2 3 18 18 3 6 4 4
10 10 2 4 1 1 20 30 2
15 15 3 6 3 3
ns ns ns ns ns ns kV/s
CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF Vcm =300V CL = 15 pF
Propagation Delay Skew(3) Output Rise Time (10-90%) Output Fall Time (10-90%) Transient Immunity (Output Logic High or Logic Low)(4) Channel to Channel Skew
3
ns
Timing Diagram
50%
VIN
tPLH tPHL
90% 50% 90%
VO
tPW tF
10%
10%
tR
Legend
tPLH tPHL tPW tR tF Propagation Delay, Low to High Propagation Delay, High to Low Minimum Pulse Width Rise Time Fall Time
3
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL711/712
Notes:
ISOLOOP(R)
Application Notes:
Power Consumption Isoloop devices achieve their low power consumption from the manner by which they transmit data across the isolation barrier. By detecting the edge transitions of the input logic signal and converting these to narrow current pulses a magnetic field is created around the GMR Wheatstone bridge. Depending on the direction of the magnetic field, the bridge causes the output comparator to switch following the input logic signal. Since the current pulses are narrow, about 2.5ns wide, the power consumption is independent of mark-to-space ratio and solely dependent on frequency. This has obvious advantages over optocouplers whose power consumption is heavily dependent on its on-state and frequency. The approximate power supply current per channel for Isoloop(R) is: I(input)= 40 . f . 1 mA fmax 4 where f= operating frequency fmax= 50 MHz Power Supplies Because the IL711 and IL712 operate internally by using narrow current pulses, it is recommended that low ESR ceramic capacitors be used to decouple the supplies. 47nF capacitors should be placed as close to the device as possible between VDD1 and GND1 as well as between VDD2 and GND2. Signal Status on Start-up and Shut Down To minimize power dissipation, the input signals to the IL711 and IL712 are differentiated and then latched on the output side of the isolation barrier to reconstruct the signal. This could result in an ambiguous output state depending on power up, shutdown and power loss sequencing. Therefore, the designer should consider the inclusion of an initialization signal in his start-up circuit. Electrostatic Discharge Sensitivity This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to complete failure.
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not guarantee performance. 2. PWD is defined as | tPHL- tPLH |. %PWD is equal to the PWD divided by the pulse width. 3. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25OC. 4. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD. CML is the maximum common mode input voltage that can be sustained while maintaining VO < 0.8 V. The common mode voltage slew rates apply to both rising and falling common mode voltage edges. 5. Device is considered a two terminal device: pins 1-4 shorted and pins 5-8 shorted.
4
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL711/712
IR Soldering Profile
250
PRE HEATING RATE 3C + 1C /-0.5C /SEC. REFLOW HEATING RATE 2.5 C 0.5C /SEC.
ISOLOOP(R)
PEAK TEMPERATURE 245 C PEAK TEMPERATURE 240 C PEAK TEMPERATURE 230C
200 C
200
TEMPERATURE ( C )
2.5C 0.5C / SEC
160C 150C 140C
3C+1C /-0.5C
30 SEC 30 SEC
SOLDERING TIME 200C
100
PRE HEATING TIME 150C, 90 30 SEC.
50 SEC
TIGHT
TYPICAL
ROOM TEMPERATURE
LOOSE
0
0
50
100 TIME (SECONDS)
150
200
250
Pin Connections
1 2 3 4 5 6 7 8 VDD1 1IN 2IN GND1 GND2 2OUT 1OUT VDD2 Input Power Supply Channel 1 Logic Input Signal Channel 2 Logic Input Signal Input Power Supply Ground Output Power Supply Ground Channel 2 Logic Output Signal Channel 1 Logic Output Signal Output Power Supply
VDD1 1 1IN 2 2IN 3 GND1 4
8 7
VDD2 1OUT 2OUT GND2
IL711
6 5
1 2 3 4 5 6 7 8
VDD1 1IN 2OUT GND1 GND2 2IN 1OUT VDD2
Input Power Supply Channel 1 Logic Input Signal Channel 2 Logic Output Signal Input Power Supply Ground Output Power Supply Ground Channel 2 Logic Input Signal Channel 1 Logic Output Signal Output Power Supply
VDD1 1 1IN 2 2OUT 3 GND1 4
8 7
VDD2 1OUT 2IN GND2
IL712
6 5
5
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL711/712
IL711-2 and IL712-2 (8-Pin PDIP Package)
Dimensions: inches (mm) min max
ISOLOOP(R)
0.240 (6.096) 0.260 (6.604)
1
2
3
0.370 (9.398) 0.400 (10.160)
0.290 (7.366) 0.310 (7.874) 0.120 (3.048) 0.150 (3.810)
0.55 (1.397) 0.65 (1.651)
0.008 (0.203) 0.015 (0.381) 0.015 (0.381) 0.030 (0.762) 0.045 (1.143) 0.015 (0.380) 0.023 (0.584) 0.035 (0.889) 0.090 (2.286) 0.110 (2.794) 0.045 (1.143) 0.065 (1.651) 0.300 (7.620) 0.370 (9.398) 3 8
IL711-3 and IL712-3 (Small Outline SOIC-8 package)
0.189 (4.80) 0.197 (5.00) 0 8 0.016 (0.40) 0.150 (3.80) 0.228 (5.80) 0.244 (6.20) 0.010 (0.25) 0.020 (0.50) x45 1 2 3 0.008 (0.19) 0.010 (0.25) 0.157 (4.00) 0.050 (1.27)
0.013 (0.33) 0.020 (0.51)
0.054 (1.37) 0.069 (1.75) 0.004 (0.10) 0.040 (1.016) 0.060 (1.524) 0.010 (0.25)
Dimensions: inches (mm) min max
6
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL711/712
Applications Isolated PROFIBUS / RS-485
+VDD1 +VISO RTSAS VCC D RT
ISOLOOP(R)
IL711
GALVANIC ISOLATION
D DE
DE
RS-485 Truth Table D DE A B 1 0 ZZ 0 0 ZZ 1 1 10 0 1 01
A
R X X 1 0
GALVANIC ISOLATION
R RE GND B
R RE
GND1
IL710
GNDISO
65ALS176 (-40C to +85C) 75ALS176 (0C to +70C) VDD1 and VISO should be decoupled with a 10nF capacitor at the IL710 supply pins and a 47 nF capacitor at the IL711.
Isolated DeviceNet / CAN Transceiver
+VDD1 +VISO
TXD 0 1 CANH CANL high low floating floating BUS dominant recessive RXD 0 1
GALVANIC ISOLATION
TXD GND VCC RXD
PCA82C251
RS
CANH
TXD RXD
VREF
CANL
GND1
IL712
GNDISO
VDD1 and VISO should be decoupled with 47nF capacitors at the IL712 supply pins.
7
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com


▲Up To Search▲   

 
Price & Availability of IL711

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X