Part Number Hot Search : 
BAT54 TS1620A 2SK3298 CLM2810 AT5802 CENB1100 AT250 1N925
Product Description
Full Text Search
 

To Download H9435S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200509 Issued Date : 2005.10.01 Revised Date : 2005.10.06 Page No. : 1/4
H9435S
P-Channel Enhancement-Mode MOSFET (-30V, -5.3A)
*
8-Lead Plastic SO-8 Package Code: S
H9435S Symbol & Pin Assignment
Features
* RDS(on)=60m@VGS=-10V, ID=-5.3A * RDS(on)=90m@VGS=-4.5V, ID=-4.2A * Advanced Trench Process Technology * High Density Cell Design for Ultra Low On-Resistance * Fully Characterized Avalanche Voltage and Current * Improved Shoot-Through FOM
5 6 7 8
4 3 2 1
Pin 1 / 2 / 3: Source Pin 4: Gate Pin 5 / 6 / 7 / 8: Drain
Absolute Maximum Ratings (T =25 C, unless otherwise noted)
o A
Symbol VDS VGS ID IDM PD Tj, Tstg RJC RJA Drain-Source Voltage Gate-Source Voltage Drain Current (Continuous) Drain Current (Pulsed) *1
Parameter
Ratings -30 20 -5.3 -20 2.5 -55 to +150 30
*2
Units V V A A W C C/W C/W
Total Power Dissipation @TA=25oC Operating and Storage Temperature Range Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient (PCB mounted)
50
*1: Maximum DC current limited by the package *2: 1-in2 2oz Cu PCB board
H9435S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (TA=25C, unless otherwise noted)
Symbol * Static BVDSS RDS(on) VGS(th) IDSS IGSS gFS * Dynamic Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time VDD=10V, RL=15, ID=-1A, VGEN=-10V, RG=6 VDS=-15V, VGS=0V, f=1MHz VDS=-15V, ID=-5.3A, VGS=-10V Drain-Source Breakdown Voltage Drain-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Current Forward Transconductance VGS=0V, ID=-250uA VGS=-4.5V, ID=-4.2A VGS=-10V, ID=-5.3A VDS=VGS, ID=-250uA VDS=-24V, VGS=0V VGS=20V, VDS=0V VDS=-15V, ID=-5.3A 30 -1 4 Characteristic Test Conditions Min.
Spec. No. : MOS200509 Issued Date : 2005.10.01 Revised Date : 2005.10.06 Page No. : 2/4
Typ.
Max.
Unit
82 50 7
90 60 -3 -1 100 -
V m V uA nA S
9.52 3.43 1.71 551.57 90.96 60.79 10.8 2.33 22.53 3.87
Ns PF nC
* Drain-Source Diode Characteristics IS VSD Maximum Diode Forward Current Drain-Source Diode Forward Voltage VGS=0V, IS=-5.3A -1.9 -1.3 A V
Note: Pulse Test: Pulse Width 300us, Duty Cycle2%
H9435S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SO-8 Dimension
A G
H9435S Marking:
Pb Free Mark
Pb-Free: " . " (Note) H Normal: None
Spec. No. : MOS200509 Issued Date : 2005.10.01 Revised Date : 2005.10.06 Page No. : 3/4
S
8 B
7
6
5 C 4 J H
I
9435 Control Code
Pin 1 Index Date Code
Pin1 Index
Pin Style: 1,2,3: Source 4: Gate 5,6,7,8: Drain Note: Green label is used for pb-free packing Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
2
3
D
E
Part A
K L N O
Part A
DIM A B C D E F G H I J K L M N O
Min. 4.85 3.85 5.80 1.22 0.37 3.74 1.45 4.80 0.05 0.30 0.19 0.37 0.23 0.08 0.00
Max. 5.10 3.95 6.20 1.32 0.47 3.88 1.65 5.10 0.20 0.70 0.25 0.52 0.28 0.13 0.15
M
*: Typical, Unit: mm
F
8-Lead SO-8 Plastic Surface Mounted Package HSMC Package Code: S
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H9435S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : MOS200509 Issued Date : 2005.10.01 Revised Date : 2005.10.06 Page No. : 4/4
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3oC/sec
Pb-Free Assembly <3oC/sec
100oC 150oC 60~120 sec
150oC 200oC 60~180 sec
<3oC/sec
<3oC/sec
183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o
217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245oC 5oC 260 C +0/-5 C
o o
Dipping time 5sec 1sec 5sec 1sec
H9435S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H9435S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X