Part Number Hot Search : 
LS3010 215002 DBLS206G CKF2632 IRFZ44CN AD737AQ 1000B SP100
Product Description
Full Text Search
 

To Download DRD4812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (888) IPD-CONVerters q (888) 473-2668
q
www.ipdconverters.com
DRD SERIES - DUAL OUTPUT, 2 WATT
DESCRIPTION DRD dual output DC/DC converters offer excellent regulation and isolation in an industry standard package. Available in several input versions, the DRD is perfect for industrial, datacom, or telecom applications. The DRD features short circuit protection and 500 VDC isolation. Please see the DRS series for single output applications. FEATURES * Industry Standard Package * Industry Standard Pinout * 85C Case Operation * Short Circuit Protection
* 5V, 12V, 24V, 28V,
* * * *
and 48V Inputs Input Pi Filter 6-Sided Shielding Regulated Outputs 500V Isolation
Selection Chart
Model DRD512 DRD515 DRD1212 DRD1215 DRD2412 DRD2415 DRD2812 DRD2815 DRD4812 DRD4815 Input Range VDC 4.65 - 5.50 4.65 - 5.50 10.90 - 13.2 10.90 - 13.2 21.60 - 26.40 21.60 - 26.40 25.20 - 30.80 25.20 - 30.80 43.20 - 52.80 43.20 - 52.80 Output VDC Output Current 12 15 12 15 12 15 12 15 12 15 0.080 0.065 0.080 0.065 0.080 0.065 0.080 0.065 0.080 0.065
0.40" (10.2mm) 2.00" (50.8mm) 1.00" (25.4mm)
Note: For model options, see the last page of this file.
1
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF
PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
2


▲Up To Search▲   

 
Price & Availability of DRD4812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X