Part Number Hot Search : 
30WQ06FN 1ETTE PS21A79 IRL6342 AN6612S MX18P 1ETTE 2149F
Product Description
Full Text Search
 

To Download DM7402N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM7402 Quad 2-Input NOR Gates
August 1986 Revised February 2000
DM7402 Quad 2-Input NOR Gates
General Description
This device contains four independent gates each of which performs the logic NOR function.
Ordering Code:
Order Number DM7402N Package Number N14A Package Description 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Connection Diagram
Function Table
Y= A+B Inputs A L L H H
H = HIGH Logic Level L = LOW Logic Level
Output B L H L H Y H L L L
(c) 2000 Fairchild Semiconductor Corporation
DS006492
www.fairchildsemi.com
DM7402
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 5.5V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.75 2 0.8 -0.4 16 70 Nom 5 Max 5.25 Units V V V mA mA C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL II IIH IIL IOS ICCH ICCL Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Short Circuit Output Current Supply Current with Outputs HIGH Supply Current with Outputs Low Conditions VCC = Min, II = -12 mA VCC = Min, IOH = Max VIL = Max VCC = Min, IOL = Max VIH = Min VCC = Max, VI = 5.5V VCC = Max, VI = 2.4V VCC = Max, VI = 0.4V VCC = Max (Note 3) VCC = Max VCC = Max -18 8 14 -55 16 27 2.4 3.4 0.2 0.4 1 40 -1.6 Min Typ (Note 2) Max -1.5 Units V V V mA A mA mA mA mA
Note 2: All typicals are at VCC = 5V, TA = 25C. Note 3: Not more than one output should be shorted at a time.
Switching Characteristics
at VCC = 5V and TA = 25C Symbol tPLH tPHL Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Conditions CL = 15 pF RL = 400 Min Max 22 15 Units ns ns
www.fairchildsemi.com
2
DM7402 Quad 2-Input NOR Gates
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 3 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM7402N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X