Part Number Hot Search : 
7620I 2374A LT121 N4744 PW60R045 T24C0 8HC05 30405
Product Description
Full Text Search
 

To Download DCX114EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX143TH DCX114TH
Pb
Lead-free
DCX (xxxx) H
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Built-In Biasing Resistors Lead Free By Design/RoHS Compliant (Note 2)
A
Dim A
SOT-563 Min 0.15 1.10 1.55 0.90 1.50 0.56 0.15 0.10 Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.25 0.18 1.00 1.60 0.60 0.20 0.11 Typ 0.25 1.20 1.60
Mechanical Data
* * * * * *
Case: SOT-563 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Weight: 0.005 grams (approx.)
CXXYM
D G
BC
B C D G H K L M
K H
M
L
All Dimensions in mm
P/N DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX143TH DCX114TH
R1 22KW 47KW 4.7KW 10KW 2.2KW 10KW 4.7KW 10KW
R2 22KW 47KW 4.7KW 47KW 47KW 10KW -
MARKING C17 C20 C08 C14 C06 C13 C07 C12
R1 R 2 R2 R1
R1 R1
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
Maximum Ratings NPN Section
Characteristic Supply Voltage Input Voltage
@ TA = 25C unless otherwise specified Symbol VCC Value 50 -10 to +40 -10 to +40 -10 to +30 -6 to +40 -5 to +12 -10 to +40 -5 Vmax -5 Vmax 30 30 100 70 100 50 100 100 100 150 833 -55 to +150 Unit V
DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX143TH DCX114TH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX143TH DCX114TH All
VIN
V
Output Current
IO
mA
Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Notes:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30422 Rev. 2 - 2
1 of 6 www.diodes.com
DCX (xxxx) H
a Diodes Incorporated
Maximum Ratings PNP Section
@ TA = 25C unless otherwise specified Symbol VCC Value 50 +10 to -40 +10 to -40 +10 to -30 +6 to -40 +5 to -12 +10 to -40 +5 Vmax +5 Vmax -30 -30 -100 -70 -100 -50 -100 -100 -100 150 -55 to +150 Unit V
NEW PRODUCT
Characteristic Supply Voltage Input Voltage DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX143TH DCX114TH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX143TH DCX114TH All
VIN
V
Output Current
IO
mA
Output Current Power Dissipation (Total) Operating and Storage and Temperature Range
IC (Max) Pd Tj, TSTG
mA mW C
Electrical Characteristics NPN Section @ TA = 25C unless otherwise specified
Characteristic (DDC143TH & DDC114TH only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product* Characteristic DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Min 50 50 5 3/4 3/4 3/4 100 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250 Min 0.5 0.5 0.5 0.3 0.5 0.5 Max 3/4 3/4 -0.5 0.5 0.3 600 3/4 Typ 1.1 1.1 1.1 3/4 3/4 1.1 1.9 1.9 1.9 --1.9 Unit V V V mA mA V 3/4 MHz Max Unit Test Condition IC = 50mA IC = 1mA IE = 50mA VCB = 50V VEB = 4V IC/IB = 2.5mA / 0.25mA IC/IB = 1mA / 0.1mA DCX143TH DCX114TH
IC = 1mA, VCE = 5V VCE = 10V, IE = -5mA, f = 100MHz Test Condition
Symbol
Vl(off)
3/4 V
VCC = 5V, IO = 100mA
Input Voltage
Vl(on)
3/4
3.0 3.0 3.0 1.4 1.1 3.0
VO = 0.3V, IO = 5mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 1mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 10mA IO/Il = 10mA / 0.5mA IO/Il = 10mA / 0.5mA IO/Il = 10mA / 0.5mA IO/Il = 5mA / 0.25mA IO/Il = 5mA / 0.25mA IO/Il = 10mA / 0.5mA
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
Il
3/4
3/4
0.36 0.18 1.8 0.88 3.6 0.88 0.5
mA
VI = 5V
Output Current
IO(off)
3/4 56 68 20 68 80 30
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA
DC Current Gain
Gl
3/4
3/4
3/4
* Transistor - For Reference Only
DS30422 Rev. 2 - 2
2 of 6 www.diodes.com
DCX (xxxx) H
Electrical Characteristics PNP Section @ TA = 25C unless otherwise specified
NEW PRODUCT
Characteristic (DCX143TH & DCX114TH only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product*
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT
Min -50 -50 -5 3/4 3/4 3/4 100 3/4
Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250
Max 3/4 3/4 3/4 -0.5 -0.5 -0.3 600 3/4 Typ -1.1 -1.1 -1.1 3/4 3/4 -1.1 -1.9 -1.9 -1.9 3/4 3/4 -1.9
Unit V V V mA mA V 3/4 MHz
Test Condition IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = 2.5mA / 0.25mA IC/IB = 1mA / 0.1mA DCX143TH DCX114TH
IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz
Characteristic DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH DCX124EH DCX144EH DCX143EH DCX114YH DCX123JH DCX114EH
Symbol
Min -0.5 -0.5 -0.5 -0.3 -0.5 -0.5
Max
Unit
Test Condition
Vl(off)
3/4 V
VCC = -5V, IO = -100mA
Input Voltage
Vl(on)
3/4
-3.0 -3.0 -3.0 -1.4 -1.1 -3.0
VO = -0.3V, IO = -5mA VO = -0.3V, IO =- 2mA VO = -0.3V, IO =- -20mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA /- 0.5mA
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
Il
3/4
3/4
-0.36 -0.18 -1.8 -0.88 -3.6 -0.88 -0.5
mA
VI = -5V
Output Current
IO(off)
3/4 56 68 20 68 80 30 3/4
3/4
mA
VCC = 50V, VI = 0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VCE = -10V, IE = -5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Gain-Bandwidth Product* * Transistor - For Reference Only
fT
250
3/4
MHz
DS30422 Rev. 2 - 2
3 of 6 www.diodes.com
DCX (xxxx) H
Ordering Information
(Note 3) Packaging SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
Device DCX124EH-7 DCX144EH-7 DCX143EH-7 DCX114YH-7 DCX123JH-7 DCX114EH-7 DCX143TH-7 DCX114TH-7
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
CXXYM
Date Code Key Year Code Month Code Jan 1 Feb 2 2003 P March 3
CXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: P = 2003 M = Month ex: 9 = September
2004 R Apr 4 May 5
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30422 Rev. 2 - 2
4 of 6 www.diodes.com
DCX (xxxx) H
TYPICAL CURVES - DCX143EH NPN SECTION
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (mW)
1
IC/IB = 10
200
0.1
150
75C -25C 25C
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve - Total
1000
5
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
100
25C
COB, CAPACITANCE (pF)
4
3
-25C
2
10
1 0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
75C 25C
VO = 0.2
Vin, INPUT VOLTAGE (V)
10
-25C
-25C 75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30422 Rev. 2 - 2
5 of 6 www.diodes.com
DCX (xxxx) H
TYPICAL CURVES - DCX143EH PNP SECTION
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
1
1000
hFE, DC CURRENT GAIN (NORMALIZED)
IC/IB = 10
VCE = 10
0.1
75C -25C 25C
75C
100
25C
-25C
0.01
10
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 7 VCE(SAT) vs. IC
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 8 DC Current Gain 100
12
IE = 0mA
100 IC, COLLECTOR CURRENT (mA)
75C VO = 5V 25C
COB, CAPACITANCE (pF)
10 8 6 4 2 0 0 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 9 Output Capacitance
10
VO = 0.2
10
-25C
1
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
Vin, INPUT VOLTAGE (V) Fig. 10 Collector Current Vs. Input Voltage
Vin, INPUT VOLTAGE (V)
-25C
75C
1
25C
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 11 Input Voltage vs. Collector Current
DS30422 Rev. 2 - 2
6 of 6 www.diodes.com
DCX (xxxx) H


▲Up To Search▲   

 
Price & Availability of DCX114EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X