Part Number Hot Search : 
GP100 BSM300GA 74F162A ISPLSI PH311 S25VB20M 7C132 1236A
Product Description
Full Text Search
 

To Download BUT70W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUT70W
HIGH POWER NPN TRANSISTOR
s
s s s s
STMicroelectronics PREFERRED SALESTYPE NPN TRANSISTOR HIGH CURRENT CAPABILITY FAST SWITCHING SPEED VERY LOW SATURATION VOLTAGE AND HIGH GAIN
3 2 1
APPLICATION SWITCHING REGULATORS s MOTOR CONTROL s HIGH FREQUENCY AND EFFICENCY CONVERTERS
s
TO-247
DESCRIPTION The BUT70W is a Multiepitaxial planar NPN transistor in TO-247 plastic package. It's intented for use in high frequency and efficiency converters such us motor controllers and industrial equipment.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEV V CEO V EBO I E(RMS) I EM IB I BM P tot T stg Tj Parameter Collector-emitter Voltage (V BE = -1.5V) Collector-emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Emitter Current Emitter Peak Current Base Current Base Peak Current Total Power Dissipation at T case < 25 C Storage Temperature
o
Value 200 125 7 40 120 8 24 200 -65 to 150 150
Unit V V V A A A A W
o o
C C
Max Operating Junction Temperature
February 2002
1/4
BUT70W
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 0.63
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CER I CEV IEBO Parameter Collector Cut-off Current (R BE = 5) Collector Cut-off Current (V BE = -1.5V) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 200 V V CE = 200 V V CE = 200 V V CE = 200 V V EB = 5 V I C = 0.2 A L = 25 mH 125 T C = 100 o C T C = 100 o C Min. Typ. Max. 1 5 1 4 1 Unit mA mA mA mA mA V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V(BR)EBO Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage
I E = 50 mA
7
V
VCE(sat)
IC IC IC IC IC IC IC IC
= = = = = = = =
70 70 35 35 70 70 35 35
A A A A A A A A
IB IB IB IB IB IB IB IB
= = = = = = = =
7A 7A T C = 100 o C 1.75 A 1.75 A T C = 100 o C 7A 7A T C = 100 o C 1.75 A 1.75 A T C = 100 o C I B1 = 3.5 A T C = 100 o C 140
0.9 1.5 0.9 1.2 1.8 1.9 1.4 1.4
V V V V V V V V A/s
V BE(sat)
Base-Emitter Saturation Voltage
dic /d t
Rated of Rise of on-state Collector Current
V CC = 100 V t p = 3 s
RC = 0
Pulsed: Pulse duration = 300 s, duty cycle < 2 %
INDUCTIVE LOAD
Symbol ts tf tc Parameter Storage Time Fall Time Cross Over Time Test Conditions I C = 35 A V BB = -5 V B1 = 1.75 A V CLAMP = 125V V CC = 90 V R B2 = 1.4 L C = 0.15 mH T C = 100 o C Min. Typ. Max. 1.8 0.2 0.35 Unit s s s
2/4
BUT70W
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M 2 15.3 19.7 14.2 34.6 5.5 3 0.079 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 1.362 0.217 0.118 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
3/4
BUT70W
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of BUT70W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X