Part Number Hot Search : 
MFM65 1062246 MN512K TSOP6156 S2222A BSS51 141000 BSS51
Product Description
Full Text Search
 

To Download BU2173F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multimedia ICs
Clock generator for video CD systems
BU2173F
The BU2173F is an IC that generates the CPU clock signal, system clock signal and video clock signal used in video CD systems. A single crystal resonator can generate three different oscillation frequencies.
*Applications Video CD systems *Featuresfrequency clock signals can be generated 1) Three
with a single attached crystal resonator. 2) Two internal PLL channels. 3) Internal loop filter, eliminating the need to attach a loop. 4) Single 5.0V power supply. 5) SOP 18-pin package.
*Block diagram
XTALI XTALO 13.5MHz DATA1A M U X DATA1B 1/2 PLL1 FOUT1 40.5MHz XTAL OSC. 1/4 FOUT4 3.375MHz
DATA2A 1/3 DATA2B M U X DATA2C 1/2 PLL2 M U X
FOUT2 27.0MHz or 28.6363MHz or 28.375MHz
DATA2D Vref
CTRLC CTRLB CTRLA
AVDD
AVSS
VDD
VSS
VDDIO
VSSIO
TEST
TSTI
TSTO
FOUT3
1
Multimedia ICs
BU2173F
*Pin description
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Pin name VDD TSTO XTALI XTALO CTRLA CTRLB CTRLC TSTI VSS AVSS FOUT3 VSSIO FOUT2 TEST FOUT1 VDDIO FOUT4 AVDD Digital VDD Open in the normal mode (used for testing) Reference oscillation input Reference oscillation output GD-G / VCD clock switching Stays at the high level when the IC is in the normal mode CD-G PAL / NTSC clock switching Connect to Vss when the IC is in the normal mode (used for testing) Digital ground Analog ground Not used (open when the IC is in the normal mode) I / O ground Clock output 2 Setting the test mode (connect to Vss when the IC is in the normal mode) Clock output 1 I / O VDD Clock output 4 Analog VDD Function Type -- B C C A A A A -- -- B -- B A B -- B --
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Symbol VDD Pd Topr Tstg Limits - 0.3 ~ + 7.0 450 - 5 ~ + 70 - 25 ~ + 125 Unit V mW C C
Reduced by 4.5 mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions (Ta = 25C)
Parameter Power supply voltage Input high level voltage Input low level voltage Operating temperature Symbol VDD, AVDD, VDDIO VIH VIL Topr Limits 4.75 ~ 5.25 0.8VDD ~ VDD 0.0 ~ 0.2VDD - 5 ~ + 70 Unit V V V C
2
Multimedia ICs
BU2173F
*Input / output circuits
Type A Type C
Pin Pin
To inside
Type B
Pin
Pin
From inside
To inside
*Electrical characteristics (unless otherwise noted, Ta = 25C, VDD = 5.0V, AVDD = 5.0V, IOVDD = 5.0V)
Parameter Input current, low level Input current, high level Input voltage, low level Input voltage, high level Output voltage, low level Output voltage, high level Operating supply current Reference frequency Output frequency (1) Symbol IIL IIH VIL VIH VOL VOH IDD fREF f1 f2A Output frequency (2) f2B f2C Output frequency Jitter Reference frequency Output frequency (2) (1) fREF2 f1B f2D Output frequency (2) f2E Output frequency (4) f4B -- -- 28.636 3.579 -- -- MHz MHz (4) f4 Min. - 300.0 - 300.0 -- 4.0 -- 2.4 -- -- -- -- -- -- -- -- -- -- -- Typ. 0.0 0.0 -- -- -- -- 30 13.5 40.5 27.000 28.375 28.636 3.375 1.0 14.318 40.5 27.000 Max. 300.0 300.0 1.0 -- 0.5 -- 50 -- -- -- -- -- -- -- -- -- -- Unit A A V V V V mA MHz MHz MHz MHz MHz MHz ns MHz MHz MHz IOL = 4.0mA IOH = - 4.0mA fXTAL = 13.5 MHz, no load Use with CTRLB at the high level f1 = fREF x 96 / 16 / 2 f2A = fREF x 96 / 16 / 3 CTRLA = H, CTRLB = H, CTRLC = H f2B = fREF x 227 / 54 / 2 CTRLA = L, CTRLB = H, CTRLC = L f2C = fREF x 140 / 33 / 2 CTRLA = L, CTRLB = H, CTRLC = H f4 = fREF x 1 / 4 Measure at f2A, f2B, f2C (reference) Use with CTRLB at the low level f1B = fREF2 x 98 / 35 / 2 f2D = fREF2 x 98 / 35 / 3 CTRLA = H, CTRLB = L, CTRLC = H f2E = fREF2 x 80 / 20 / 2 CTRLA = L, CTRLB = L, CTRLC = H f4B = fREF2 x 1 / 4 Conditions -- -- -- --
3
Multimedia ICs
BU2173F
*Measurement circuit
R1 1 X1 R2 1M 2 3 4 C1 10pF C2 10pF 5 6 7 Control A Control C 8 9 VDD TSTO XTALI XTALO CTRLA CTRLB CTRLC TSTI VSS AVDD FOUT4 VDDIO FOUT1 TEST FOUT2 VSSIO FOUT3 AVSS 18 120 17 16 15 14 13 12 11 10 Clock output (2) Clock output (1) Clock output (4)
fREF = 13.5MHz
Note: Certain crystal resonators may require setting XTALI and XTALO to the optimum allowable values.
*Application example
fREF = 13.5MHz R1 1 X1 R2 1M 2 3 4 C1 10pF C2 10pF 5 6 7 Control A Control C 8 9 VDD TSTO XTALI XTALO CTRLA CTRLB CTRLC TSTI VSS AVDD FOUT4 VDDIO FOUT1 TEST FOUT2 VSSIO FOUT3 AVSS 18 120 17 16 15 14 13 12 11 10 Clock output (2) Clock output (1) Clock output (4)
Note: Certain crystal resonators may require setting XTALI and XTALO to the optimum allowable values.
This IC should be used mounted on a PC board. If mounted in
a socket, characteristics of the IC may be adversely affected.
4
Multimedia ICs
BU2173F
*Attached componentsvoltage of AVDD effectively low, R1: To keep the
and to enhance signal stability by separating AVDD and DVDD with an impedance. Be sure to attach. R2: Needed to provide a feedback resistance for the crystal resonator C1 / C2: When f0 must be adjusted according to the crystal resonator used, or when the crystal resonator results in unnecessary oscillation points, attach a PF and adjust according to the value for this capacitor. X1: Use a crystal resonator with an oscillation frequency of 13.5 MHz or 14.318 MHz.
*External dimensions (Units: mm)
11.2 0.2 18 7.8 0.3 5.4 0.2 10
1 1.8 0.1
9
0.11
1.27
0.4 0.1
0.3Min. 0.15
SOP18
0.15 0.1
5


▲Up To Search▲   

 
Price & Availability of BU2173F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X