![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS B40C3700/2200 - B380C3700/2200 3.7A BRIDGE RECTIFIER Features ! ! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A B + ~~- C D Mechanical Data ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 25.3 grams (approx.) Mounting Position: Any Marking: Type Number E HJJ K G RS-5 Dim Min Max 39.40 40.10 A 20.20 21.00 B 21.00 21.70 C 25.40 -- D 0.97 O 1.07 O E 6.20 6.70 G 9.80 10.20 H 7.20 7.60 J 4.60 5.00 K All Dimensions in mm Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. B40C3700/ 2200 100 40 @TA=25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Recommend Input Voltage Average Rectified Output Current @TA = 45C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Repetitive Peak Forward Surge Current Forward Voltage (per element) @IF = 3.0A Symbol VRRM VRWM VR VRMS IO B80C3700/ B125C3700/ B250C3700/ B380C3700/ Unit 2200 2200 2200 2200 200 80 300 125 3.7 600 250 900 380 V V A IFSM IFRM VFM IR I2t RJA Tj, TSTG 100 15 1.0 10 6.0 50 3.0 -55 to +150 A A V A mA A2s K/W C Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 150C Rating for Fusing (t < 8.3ms) (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range *Glass Passivated forms are available upon request. Note: 1. Measured at 3"sq. x 0.11" thick AL. plate. 2. Non-repetitive for t > 1ms and < 8.3ms. B40C3700/2200 - B380C3700/2200 1 of 3 (c) 2002 Won-Top Electronics 6 5 100 IF, INSTANTANEOUS FWD CURRENT (A) I(AV), AVERAGE OUTPUT CURRENT (A) 4 3 10 2 1.0 1 Single Phase Half Wave 60 Hz Resistive or Inductive Load Tj = 25C Pulse Width = 300 ms 0 20 40 60 80 100 120 140 TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element 125 IFSM, PEAK FWD SURGE CURRENT (A) 400 100 Cj, CAPACITANCE (pF) 75 100 50 25 8.3ms Single Half Sine-Wave JEDEC Method Tj = 25C f = 1MHz 0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current IR, INSTANTANEOUS REVERSE CURRENT (mA) 10 10 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance Per Element 1 Tj = 100C 1.0 0.1 Tj = 25C 0.01 0 20 40 60 80 100 120 140 RATED PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics B40C3700/2200 - B380C3700/2200 2 of 3 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. B40C3700/2200 B80C3700/2200 B125C3700/2200 B250C3700/2200 B380C3700/2200 Package Type SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge Shipping Quantity 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics B40C3700/2200 - B380C3700/2200 3 of 3 |
Price & Availability of B125C2200
![]() |