Part Number Hot Search : 
PK40FG 2SC5449 APTGT SA13161 R6200650 TEF3718 SM260BM TSOP11TB
Product Description
Full Text Search
 

To Download AV60C-048L-033F10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Astec Industry Standard
50-150 Watts AV60C
Total Power: Input Voltages: No. of Outputs:
50-150 Watts 48V Single
Electrical Specs
Input
Input range Input Surge Efficiency 36-75 VDC 100V / 100ms 83%@5V
Output
Load regulation Line regulation Ripple and noise Output voltage adjust range Transient Response * Industry standard pin-out & performance 100C baseplate temperature (no derating) * Positive and negative enable function * Low output ripple and noise * Remote sense compensation * Fixed frequency switching (300 kHz) 0.2% max 0.5% max 150mV max (5V) 250mV max (15V) 10% of nominal output (15V)1% max deviation with 50% to 75% full load 200 S (max) recovery (5V)5% max deviation with 50% to 75% full load 250 S (max) recovery
Special Features
Control
Voltage Adjust Enable 90 to 110% TTL compatible (positive & negative enable options)
Environmental
Operating case temperature range: -40C to +100C Storage temperature: -55C to +125C MTBF: >2 million hours
Safety
UL CSA TUV UL1950 CSA22.2-950 EN60950
34
America's (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698
EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355
ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Fwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426
AV60C
Ordering Information
Input Voltage 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V 36-72V Output Voltage 3.3V @ 10A 5.0V @ 10A 12V @ 4.0A 15V @ 3.33A 3.3V @ 15A 5.0V @ 15A 12V @ 6.0A 15V @ 5.0A 3.3V @ 20A 5.0V @ 20A 12V @ 8.0A 15V @ 6.7A 3.3V @ 30A 5.0V @ 30A 12V @ 12.5A 15V @ 10.0A Efficiency 81% 84% 85% 86% 81% 85% 86% 87% 81% 85% 87% 87% 81% 85% 87% 87% Model Number AV60C-048L-033F10 AV60C-048L-050F10 AV60C-048L-120F04 AV60C-048L-150F03 AV60C-048L-033F15 AV60C-048L-050F15 AV60C-048L-120F06 AV60C-048L-150F05 AV60C-048L-033F20 AV60C-048L-050F20 AV60C-048L-120F08 AV60C-048L-150F06 AV60C-048L-033F30 AV60C-048L-050F30 AV60C-048L-120F12 AV60C-048L-150F10
NOTES: Enable Function "N" = negative logic enable (without "N" = positive enable)
.50 [12.7 ]
Pin Assignments
Single Output 1. 2. 3. 4. 5. 6. 7. 8. 9. -Vin Case Enable (on/off) +Vin -5V Rtn - Sense Trim + Sense +5V Out
.20 MIN. [5.0]
NOTE 1
2.30 [58.4]
1.900 [48.26]
1
5
2 2.40 [61.0] 2.000 [50.80] 1.400 [35.56] .600 [15.24] 3
6 7 8
Notes:
1. All specifications are typical at nominal line, full load, and 25C unless otherwise noted. 2. All specifications subject to change without notice. Mechanical drawings are for reference only. 3. Please refer to the Technical Reference Notes for more information. 4. Warranty: 1 yr
4
9
Mounting Inserts M3 X .5 (4 places)
BOTTOM VIEW
www.astec.com
35


▲Up To Search▲   

 
Price & Availability of AV60C-048L-033F10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X