Part Number Hot Search : 
B4131 SC1302D HER151 CA3140AM FST31 EGA16 PMB24 ABV8037
Product Description
Full Text Search
 

To Download AT89S4D12-12JI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT89S4D12
Features
* Compatible with MCS-51TM Products * 128K Bytes of In-System Reprogrammable Flash data memory and 4K Bytes of
Downloadable Flash Program Memory - Endurance: 1,000 Write/Erase Cycles per Sector - Data Retention: 10 Years Sector Programming: 128 Bytes/Sector Single 3.3V 10% Supply On-Chip 12 MHz oscillator Two-Level Program Memory Lock 256-Bytes Internal RAM 5 Programmable I/O Lines Serial Peripheral Interface (SPI) Channel Serial Program Downloading Dual Data Pointer Registers
* * * * * * * * *
Description
The AT89S4D12 is a low-voltage, highly integrated CMOS 8-bit microcomputer with 4K bytes of downloadable Flash program memory and 128K bytes of in-system reprogrammable Flash data memory. The device is manufactured using Atmel's high density Flash memory technology and is compatible with the industry-standard MCS-51TM instruction set. The 128K bytes of on-chip Flash data memory are accessed as two 64K byte blocks. Bit 0 at SFR location 96H is used to select the active block. The MOVX instruction is used to read and write the data memory. Both the program and data memory arrays can be programmed by an external programmer. The downloadable Flash can be changed one page (128 bytes) at a time and is accessible through the SPI serial peripheral interface port. Holding RESET active forces the SPI bus into a slave input mode and allows the program memory to be written-from or read-to unless Lock Bit 2 has been activated. The functional operations of the 128K bytes Flash data memory are equivalent to those on the AT29LV010A 1M Bit Flash memory device.
8-Bit Microcontroller with 132K Bytes Flash Data Memory AT89S4D12
Pin Configurations
SOIC Top View
GND TEST1 RESET SDI/P1.1 SDO/P1.0 TEST2 NC NC NC NC NC NC NC NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC P1.2/DTR P1.3/SCK P1.4/DSR NC NC NC NC NC NC NC NC NC NC
PLCC Top View
P1.1/SDI RESET TEST1 GND VCC P1.2/DTR P1.3/SCK NC NC NC NC NC NC NC 14 15 16 17 18 19 20
P1.0/SDO TEST2 NC NC NC NC NC NC NC 5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
P1.4/DSR NC NC NC NC NC NC NC NC
0921A-A-12/97
4-281
Block Diagram
VCC
GND
128K Flash
RAM ADDR. REGISTER
RAM
4K FLASH
B REGISTER
ACC
STACK POINTER
PROGRAM ADDRESS REGISTER
BUFFER TMP2 TMP1
ALU
PC INCREMENTER
PSW
PROGRAM COUNTER
TIMING AND CONTROL RST
INSTRUCTION REGISTER
DPTR
PORT 1 LATCH
SPI PORT
PROGRAM LOGIC
12MHz OSC
PORT 1 DRIVERS
P1.0 - P1.4
4-282
AT89S4D12
AT89S4D12
Pin Description
VCC Supply voltage. GND Ground. Port 1 Port 1 is a 5-bit bidirectional I/O port with internal pullups. The Port 1 output buffers can sink/source four TTL inputs. When 1s are written to Port 1 pins, they are pulled high by the internal pullups and can be used as inputs. As inputs, Port 1 pins that are externally being pulled low will source current (IIL) because of the internal pullups. In addition, P1.0, P1.1, and P1.3 can be configured as the SPI data output, data input and shift clock input pins, as shown in the following table. Port Pin P1.0 P1.1 P1.3 Alternate Functions SDO (data output pin for SPI channel) SDI (data input pin for SPI channel) SCK (clock input pin for SPI channel)
Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in Table 1. Note that not all of the addresses are occupied, and unoccupied addresses may not be implemented on the chip. Read accesses to these addresses will in general return random data, and write accesses will have an indeterminate effect. User software should not write 1s to these unlisted locations, since they may be used in future products to invoke new features. In that case, the reset or inactive values of the new bits will always be 0. Memory Control Register The MCON register contains the RDY/BSY flag and the most significant Flash address bit A16, for the 128K bytes of on-chip Flash data memory. SPI Registers Control and status bits for the Serial Peripheral Interface are contained in registers SPCR (shown in Table 3) and SPSR (shown in Table 4). The SPI data bits are contained in the SPDR register. Writing the SPI data register during serial data transfer sets the Write Collision bit, WCOL, in the SPSR register. The SPDR is double buffered for writing and the values in SPDR are not changed by Reset. Dual Data Pointer Registers To facilitate data transfer, two banks of 16-bit Data Pointer Registers are provided: DP0 at SFR address locations 82H - 83H and DP1 at 84H 85H. Bit DPS = 0 in SFR MCON selects DP0 and DPS = 1 selects DP1. The user should always initialize the DPS bit to the appropriate value before accessing the respective Data Pointer register.
RST Reset input. A high on this pin for two machine cycles while the oscillator is running resets the device. TEST1 TEST1 is set to VCC during downloading of the Flash program or data memory. This pin can be left unconnected or tied to ground during normal operation. TEST2 Test input. This pin has no user available function and can be left unconnected or tied to ground.
4-283
Table 1. AT89S4D12 SFR Map and Reset Values
0F8H 0F0H 0E8H 0E0H 0D8H 0D0H 0C8H 0C0H 0B8H 0B0H 0A8H 0A0H 98H 90H 88H 80H DP0L 00000000 DP0H 00000000 DP1L 00000000 DP1H 0000000 SPDR XXXXXXXX PCON 0XXX0000 P1 XXX11111 MCON XXXXX010 SPSR 00000000 PSW 00000000 SPCR 000X01XX ACC 00000000 B 00000000 0FFH 0F7H 0EFH 0E7H 0DFH 0D7H 0CFH 0C7H 0BFH 0B7H 0AFH 0A7H 9FH 97H 8FH 87H
4-284
AT89S4D12
AT89S4D12
Table 2. MCON--Memory Control Register
MCON Address = 96H Reset Value = XXXX X010B
Bit 7
6
5
4
3
DPS 2
RDY/BSY 1
A16 0
Symbol DPS
Function Data Pointer Register Select. DPS = 0 selects the first bank of Data Pointer Register, DP0, and DPS = 1 selects the second bank, DP1. DataFlash Ready/Busy Flag. This bit serves as the RDY/BSY flag in a Read-Only mode during DataFlash write. RDY/BSY = 1 means that the DataFlash is ready to be programmed. While programming operations are being executed, the RDY/BSY bit equals 0' and is automatically reset to 1' when programming is completed. Memory Block Select. A16 = 0 selects the lower 64K bytes DataFlash memory block. A16 = 1 selects the upper 64K bytes DataFlash block.
RDY/BSY A16
Table 3. SPCR--SPI Control Register
SPCR Address = D5H Reset Value = 000X 01XXB
SPIE Bit 7
SPE 6
DORD 5
4
CPOL 3
CPHA 2
SPR1 1
SPR0 0
Symbol SPIE SPE DORD CPOL CPHA SPR0 SPR1
Function SPI Interrupt Enable. This bit, enables SPI interrupts: SPIE = 1 enable SPI interrupts. SPIE = 0 disables SPI interrupts. SPI Enable. SPI = 1 enables the SPI channel and connects SDO, SDI and SCK to pins P1.0, P1.1, and P1.3. SPI = 0 disables the SPI channel. Data Order. DORD = 1 selects LSB first data transmission. DORD = 0 selects MSB first data transmission. Clock Polarity. When CPOL = 1, SCK is high when idle. When CPOL = 0, SCK of the master device is low when not transmitting. Please refer to figure on SPI Clock Phase and Polarity Control. Clock Phase. The CPHA bit together with the CPOL bit controls the clock and data relationship between master and slave. Please refer to figure on SPI Clock Phase and Polarity Control. SPI Clock Rate Select. These two bits control the SCK rate of the device configured as master. SPR1 and SPR0 have no effect on the slave. The relationship between SCK and the oscillator frequency, FOSC., is as follows: SPR1 0 0 1 1 SPR0 0 1 0 1 SCK = FOSC. divided by 4 16 64 128
4-285
Table 4. SPSR--SPI Status Register
SPCR Address = AAH Reset Value = 000X 0000B
SPIF Bit 7
WCOL 6
-- 5
-- 4
-- 3
-- 2
-- 1
-- 0
Symbol SPIF
Function SPI Interrupt Flag. When a serial transfer is complete, the SPIF bit is set and an interrupt is generated if SPIE = 1. The SPIF bit is cleared by reading the SPI status register with SPIF and WCOL bits set, and then accessing the SPI data register. Write Collision Flag. The WCOL bit is set if the SPI data register is written during a data transfer. During data transfer, the result of reading the SPDR register may be incorrect, and writing to it has no effect. The WCOL bit (and the SPIF bit) are cleared by reading the SPI status register with SPIF and WCOL set, and then accessing the SPI data register.
WCOL
Table 5. SPDR--SPI Data Register
SPDR Address = 86H Reset Value = unchanged
SPD7 Bit 7
SPD6 6
SPD5 5
SPD4 4
SPD3 3
SPD2 2
SPD1 1
SPD0 0
Data Memory--Flash and RAM
The AT89S4D12 implements 128K bytes of on-chip Flash for data storage and 256 bytes of RAM. The upper 128 bytes of RAM occupy a parallel space to the Special Function Registers. That means the upper 128 bytes have the same addresses as the SFR space but are physically separate from SFR space. When an instruction accesses an internal location above address 7FH, the address mode used in the instruction specifies whether the CPU accesses the upper 128-bytes of RAM or the SFR space. Instructions that use direct addressing access SFR space. For example, the following direct addressing instruction accesses the SFR at location 086H (which is SPDR). MOV 086H, #data Instructions that use indirect addressing access the upper 128 bytes of RAM. For example, the following indirect addressing instruction, where R0 contains 086H, accesses the data byte at address 086H, rather than SPDR (whose address is 086H). MOV @R0, #data Note that stack operations are examples of indirect addressing, so the upper 128 bytes of data RAM are available as stack space. The MOVX instructions are used to access the Flash data memory. Flash write cycles are self-timed and typically take 5 ms per 128-byte page. The progress of Flash write can be monitored by reading the RDY/BSY bit (read-only) in SFR MCON. RDY/BSY = 0 means programming is still in progress and RDY/BSY = 1 means Flash write cycle is completed and another write cycle can be initiated.
4-286
AT89S4D12
AT89S4D12
Serial Peripheral Interface
The serial peripheral interface (SPI) allows high-speed synchronous data transfer between the AT89S4D12 and an SPI master. The AT89S4D12 SPI features include the following: * Full-Duplex, 3-Wire Synchronous Data Transfer * 2 MHz Bit Frequency (max.) * LSB First or MSB First Data Transfer * Four Programmable Bit Rates * End of Transmission Interrupt Flag * Write Collision Flag Protection The interconnection between master and slave CPU with SPI is shown in the following figure. The SCK pin is the clock input. Writing to the SPI data register of the master CPU starts the SPI clock generator, and the data written shifts out of the MOSI pin and into the SDI pin of the slave CPU. After shifting one byte, the SPI clock generator stops, setting the end of transmission flag (SPIF). If the SPI interrupt enable bit (SPIE) is set, an interrupt is requested. There are four combinations of SCK phase and polarity with respect to serial data, which are determined by control bits CPHA and CPOL. The SPI data transfer formats are shown in Figure 3 and Figure 4.
Figure 1. SPI Block Diagram
SDO P1.0
OSCILLATOR MSB LSB
8/16-BIT SHIFT REGISTER
DIVIDER /4/16/64/128
READ DATA BUFFER
SPI CLOCK (MASTER)
CLOCK CLOCK LOGIC
PIN CONTROL LOGIC
SDI P1.1
SELECT
SPR1 SPR0
SCK P1.3
SPI CONTROL
WCOL SPIF
SPE
DORD CPHA CPOL SPR1 SPR0
SPIE
8
SPI STATUS REGISTER
SPI CONTROL REGISTER
8
8
SPI INTERRUPT INTERNAL REQUEST DATA BUS
SPE
DORD
SPE
4-287
Figure 2. SPI Master - Slave Interconnection
MSB
MASTER
LSB
MISO SDO
MSB
SLAVE
LSB
8-BIT SHIFT REGISTER
MOSI SDI
8-BIT SHIFT REGISTER
SPI CLOCK GENERATOR
SCK SS VCC
SCK
Figure 3. SPI Transfer Format with CPHA = 0
* Not defined but normally MSB of character just received. Figure 4. SPI Transfer Format with CPHA = 1
* Not defined but normally LSB of previously transmitted character.
4-288
AT89S4D12
AT89S4D12
Oscillator Characteristics
An on-chip oscillator is provided with a minimum frequency of 12 MHz and maximum frequency of 15 MHz over the recommended operating conditions. Each CPU instruction cycle takes 12 oscillator cycles.
Program Memory Lock Bits
The AT89S4D12 has two lock bits that can be left unprogrammed (U) or can be programmed (P) to obtain the additional features listed in the following table. The self-timed lock bit programming operation typically takes 40 ms. Once programmed, the lock bits can only be unprogrammed with the Chip Erase operation.
Lock Bit Protection Modes(1)(2)
Program Lock Bits LB1 1 2 3 Notes: U P P LB2 U U P Protection Type No internal memory lock feature. Programming of the Flash memory is disabled. Same as mode 2, but verify is also disabled.
1. U = Unprogrammed 2. P = Programmed
Flash Programming Specification
Both the 128K bytes Data and 4K bytes Code flash memory arrays can be programmed using the serial SPI bus while the RESET and TEST1 pins are pulled to VCC = 3.3V (10%). Both memory arrays are organized in 128-byte sectors for programming and are written sector-by-sector, similar to the Atmel AT29LV010A. The serial interface consists of pins SCK (serial shift clock), SDI (serial input) and SDO (serial output). After RESET and TEST1 are set high, the Programming Enable instruction needs to be executed once before programming operations can occur. During device programming, pin TEST2 should be connected to Ground. An auto-erase cycle is built into the self-timed Page Write operation and there is no need to first execute the Chip Erase instruction. The Chip Erase operation is self-timed and typically takes 5 ms. Chip Erase turns the content of every flash memory location in both the Code and Data arrays into FFH. The Code and Data memory arrays have separate address spaces: 0000H to 0FFFH for Code memory and 00000H to 2FFFFH for Data memory. The maximum serial clock (SCK) frequency used during flash programming should be less than 500 KHz. The High time of SCK should be 1.5 s minimum and Low time should be 0.5 s minimum. has been completed, true data are valid on all output data bits, and the next write cycle may begin. DATA Polling may begin any time after a write instruction has been executed.
Toggle Bit
The Toggle Bit provides another method to detect completion of a programming cycle. During a page write or chip erase operation, successive attempts to read data from the memory will result in output bit D6 toggling between `1' and `0'. Once the program cycle has completed, output data bit D6 will stop toggling and valid data will be presented. Examining the toggle bit may begin any time during a program cycle.
Ready/Busy
A third method to monitor the progress of programming is provided by the RDY/BSY output signal. Pin P1.4/DSR is pulled Low during programming to indicate BUSY and is pulled High again when programming is done to indicate READY.
Page Write
The Code and Data memory arrays are programmed on a sector basis. If a byte of data is to be changed, data for the entire 128-byte sector must be serially loaded into the device using the appropriate serial interface instruction. The data in any byte that is not loaded during the programming of its sector will be indeterminate. The AT89S4D12 automatically does a sector erase to turn the whole sector into FFH prior to loading the data into the sector. An erase command is not required. The self-timed Page Write cycle typically takes 5 ms (tWC).
DATA Polling
The AT89S4D12 features DATA Polling to indicate the end of a page write cycle. During a write cycle, an attempted serial read of the last byte written will result in the complement of the written datum at bit D7. Once the write cycle
(continued)
4-289
Once the bytes of a sector are loaded into the device, they are simultaneously programmed during the self-timed programming cycle (tWC). After the first data byte has been loaded into the device, successive bytes need to be entered within 300-s time intervals. If a Page Write instruction is not detected in 300-s after the last write instruction, the load period will end and the internal programming cycle will start. Address bits A7 - A11 and A7 - A16 specify the sector address of the Code and Data memory arrays, respectively. The valid sector address must be entered during each write instruction. Address bits A0 - A6 specify the byte
address within the sector. The bytes may be loaded in any order, sequential loading is not required. Once a programming operation has been initiated, and for a duration of typically 5 ms, a read operation will effectively be a polling operation.
Program Verify
If lock bits LB1 and LB2 have not been programmed, the programmed Code and Data byte can be read back via serial output pin SDO. The state of the lock bits can only be verified indirectly by observing that the lock bit features are enabled.
Serial Programming Instruction Set
Format Instruction Programming Enable Chip Erase Byte 1 10101100 Byte 2 01010011 Byte 3 11111111 Byte 4 11111111 Operation Enable Serial Programming after RST goes high. Chip erase both 128K & 4K memory arrays. Read data at pin SDO for Code memory at address A11:A0. Write data at pin SDI for Code memory at address A11:A0. Read data at pin SDO for Data memory at address A16:A0. Write data at pin SDI for Data memory at address A16:A0. Set LB1, LB2 = `0' to program lock bits. Read device I.D. at address A6:A0.
10101100
10000000
xxxxxxxx
xxxxxxxx
A11 A10 A9 A8
A11 A10 A9 A8
A16
A15 A14 A13 A12 A11 A10 A9 A8
A16
A15 A14 A13 A12 A11 A10 A9 A8
Program Lock Bits
10101100
111000
LB2 LB1
A7 A6 A5 A4 A3 A2 A1 A0 xxxxxxxx A6 A5 A4 A3 A2 A1 A0 x
Page Write Data Memory
A7 A6 A5 A4 A3 A2 A1 A0
Read Data Memory
1010000
A7 A6 A5 A4 A3 A2 A1 A0
Page Write Code Memory
0100000x
A7 A6 A5 A4 A3 A2 A1 A0
Read Code Memory
0010000x
xxxx
DDDDDDDD
xxxx
DDDDDDDD
DDDDDDDD
1100000
DDDDDDDD
xxxxxxxx
Read Signature Notes:
0011000x
xxxxxxxx
DDDDDDDD
1. A16:A0 = Memory byte address 2. `DDDDDDDD' = Data input at pin SDI or data output at pin SDO. 3. `x' = Don't care.
4-290
AT89S4D12
AT89S4D12
Flash Memory Serial Programming Circuit
3.3V INSTRUCTION INPUT DATA OUTPUT CLOCK IN RDY/BUSY SDI/P1.1 SDO/P1.0 SCK/P1.3 DSR/P1.4 TEST2 GND VCC RESET TEST1
Reading the Signature Bytes
The signature bytes are read by executing the Read Signature command at locations 30H and 31H. The values returned are as follows: (30H) = 1EH indicates manufactured by Atmel (31H) = 84H indicates AT89S4D12
Serial Downloading Waveforms
SERIAL CLOCK INPUT SCK/P1.3 SERIAL DATA INPUT SDI/P1.1 SERIAL DATA OUTPUT SDO/P1.0 7 6 5 4 3 2 1 0
MSB
LSB
MSB
LSB
1ST INSTRUCTION BYTE 1 BYTE 2 BYTE 3 BYTE 4
2ND INSTRUCTION BYTE 1 BYTE 2 BYTE 3 BYTE 4 tBLC = 300 S MAX.
4-291
Absolute Maximum Ratings*
Operating Temperature .................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage............................................. 6.0V DC Output Current...................................................... 15.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics
The values shown in this table are valid for TA = -40C to 85C and VCC = 3.0V to 3.6V, unless otherwise noted.
Symbol VIL VIH VIH1 VOL Parameter Input Low Voltage Input High Voltage Input High Voltage Output Low Voltage(1) (Except RST) (RST) IOL = 1.6 mA IOH = -60 A VOH Output High Voltage IOH = -25 A IOH = -10 A IIL ITL RRST CIO ICC Notes: Logical 0 Input Current Logical 1 to 0 Transition Current Reset Pulldown Resistor Pin Capacitance Power Supply Current Test Freq. = 1 MHz, TA = 25C Active Mode VIN = 0.45V VIN = 2V 50 2.4 0.75 VCC 0.9 VCC -50 -650 300 10 20 Condition Min -0.5 0.2 VCC + 0.9 0.7 VCC Max 0.2 VCC - 0.1 VCC + 0.5 VCC + 0.5 0.5 Units V V V V V V V A A K pF mA
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL per port pin: 10 mA Maximum IOL per 5 bit port: 15 mA If IOL exceeds the test condition, VOL may exceeed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions. 2. Minimum VCC for Power Down is 2V.
4-292
AT89S4D12
AT89S4D12
Ordering Information
Speed (MHz) 12 Power Supply 3.3V 10% Ordering Code AT89S4D12-12JC AT89S4D12-12RC AT89S4D12-12JI AT89S4D12-12RI Package 32J 28R 32J 28R Operation Range Commercial (0C to 70C) Industrial (-40C to 85C)
Package Type 32J 28R 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) 28-Lead, Plastic Gull Wing Small Outline (SOIC)
4-293


▲Up To Search▲   

 
Price & Availability of AT89S4D12-12JI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X