Part Number Hot Search : 
CV311 RCA34R 2SD880O 2SK1315L 5553CRM W91430N MNR4G FSDM0565
Product Description
Full Text Search
 

To Download APT15D60K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO -22 0
1 - Cathode 2 - Anode Back of Case - Cathode
1 2
APT15D60K
600V
15A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* * * * *
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT15D60K UNIT
600
Volts
Maximum Average Forward Current (TC = 90C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
15 25 110 -55 to 150 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Maximum Forward Voltage IF = 30A IF = 15A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-802 8 Phone: (33) 5 57 92 15 15 FAX: (541) 388-036 4 FAX: (33) 5 56 47 97 61
MIN
TYP
MAX
UNIT
1.8 1.6 1.6 150 500 16 10
A pF nH
053-6010 Rev G
Volts
USA
405 S.W. Columbia Street
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 15A, diF /dt = -100A /s, VR = 350V (See Figure 10) Characteristic Reverse Recovery Time, IF = 1.0A, diF/ dt = -15A /s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 15A, di F /dt = -100A /s, VR = 350V Forward Recovery Time IF = 15A, di F /dt = 100A /s, VR = 350V Reverse Recovery Current IF = 15A, di F /dt = -100A /s, VR = 350V Recovery Charge IF = 15A, di F /dt = -100A /s, VR = 350V Forward Recovery Voltage IF = 15A, di F /dt = 100A /s, VR = 350V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT15D60K
MAX UNIT
40 40 80 170 170 2.5 3 50
50
ns
5 6
Amps
nC
120 2.2
Volts
2.2 200
A/s
100
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance MIN TYP MAX UNIT C/W oz gm
2.0 80 0.07
Package Weight
1.9 6.4
Maximum Mounting Torque (Screw Type = 6-32 or 3.5mm Machine)
lb*in N*m
Torque
0.7
3.0
D=0.5 1.0 , THERMAL IMPEDANCE (C/W) 0.5 0.2 0.1 0.05 0.1 0.02 0.05 0.01 SINGLE PULSE 0.01
NOTE:
PDM
t1 t2 DUTY FACTOR D = t1 / t2
053-6010 Rev G
Z
JC
PEAK TJ =PDM x Z JC + TC
0.005 10-5
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) Figure 1, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-4
10
APT15D60K
60 50 IF, FORWARD CURRENT (AMPERES) Qrr, REVERSE RECOVERY CHARGE (nano-COULOMBS) 1200
TJ = 100C VR = 350V
1000 800
40
T J = 150C TJ = 100C T J = 25C
30A
30 20
600 400 200 15A
T J = -55C 10 0
7.5A
0 1 2 3 VF, ANODE-TO-CATHODE VOLTAGE (VOLTS) Figure 2, Forward Voltage Drop vs Forward Current 40 IRRM , REVERSE RECOVERY CURRENT (AMPERES)
TJ = 100C V R = 350V
0 10 50 100 500 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 3, Reverse Recovery Charge vs Current Slew Rate 2.0
Kf, DYNAMIC PARAMETERS (NORMALIZED)
30A 30
1.6 Qrr trr 1.2 trr IRRM Qrr
20 15A 7.5A
0.8
10
0.4
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 4, Reverse Recovery Current vs Current Slew Rate 100 30A 80 15A 7.5A
-25 0 25 50 75 100 125 150 T J, JUNCTION TEMPERATURE (C) Figure 5, Dynamic Parameters vs Junction Temperature 500 tfr , FORWARD RECOVERY TIME (nano-SECONDS)
TJ = 100C V R = 350V IF = 15A
0.0
-50
25 Vfr, FORWARD RECOVERY VOLTAGE (VOLTS)
trr, REVERSE RECOVERY TIME (nano-SECONDS)
400
20
60
TJ = 100C VR = 350V
300
Vfr
15
40
200
10
20
100 tfr
5
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 6, Reverse Recovery Time vs Current Slew Rate 200
0 0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate
CJ, JUNCTION CAPACITANCE (pico-FARADS)
100
50
10 0.01
0.05
0.1
0.5 1 5 V R, REVERSE VOLTAGE (VOLTS)
10
50
100
200
Figure 8, Junction Capacitance vs Reverse Voltage
053-6010 Rev G
Vr
APT15D60K
D.U.T. 30H
trr/Qrr Waveform
+15v diF /dt Adjust 0v -15v
PEARSON 411 CURRENT TRANSFORMER
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
1 2 3 4
IF - Forward Conduction Current diF /dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. Zero IRRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF 3 Current Falling Through Zero to a Tangent Line { 6 diM/dt} Extrapolated Through Zero Defined by 0.75 and 0.50 IRRM. 5 0.5 IRRM 0.75 IRRM 2 Qrr = 1/2 (trr . IRRM) 1 4 6
5 6
Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Figure 10, Diode Reverse Recovery Waveform and Definitions
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-220AB Package Outline
10.66 (.420) 9.66 (.380) 5.33 (.210) 4.83 (.190) 6.85 (.270) 5.85 (.230) 16.51 (.650) 14.23 (.560) 3.42 (.135) 2.54 (.100) 4.08 (.161) Dia. 3.54 (.139)
1.39 (.055) 0.51 (.020)
Cathode
6.35 (.250) MAX. 14.73 (.580) 12.70 (.500)
0.50 (.020) 0.41 (.016) 2.92 (.115) 2.04 (.080) 4.82 (.190) 3.56 (.140)
Cathode Anode
1.01 (.040) 2-Plcs. 0.38 (.015) 5.33 (.210) 4.83 (.190)
1.77 (.070) 2-Plcs. 1.15 (.045)
053-6010 Rev G
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT15D60K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X