|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ICs for Compact Disc/CD-ROM Player AN8814SB 4-channel driver IC for optical disk drive I Overview The AN8814SB is a BTL system 4-channel driver and is encapsulated in the SMD package which excels in heat radiation characteristic. 18.400.20 (5.15) (4.80) 28 22 21 15 (1.315) Unit: mm 8.300.20 (1.20) (6.40) 0.80 0.35 -0.05 +0.10 I Applications * MD, CD/CD-ROM drive * DVD/DVD-ROM drive Seating plane HSOP042-P-0400 Note) The package of this product will be changed to lead-free type (HSOP042-P-0400D). See the new package dimensions section later of this datasheet. I Block Diagram 20 PV CC1 0.100.10 * Wide output dynamic range regardless of reference voltage of the system * Driver I/O gain setting is possible with an additional external resistor * 3.3 V supply voltage is available due to an external PNP-tr. * Additional OP-amp. built-in 0.30 -0.05 +0.10 I Features 10.930.30 0 to 10 1 7 8 14 2.700.20 0.650.20 18 VO1+ 17 VO1- 16 VO2+ 15 VO2- 14 VO3+ 13 VO3- 12 VO4+ 11 VO4- 21 1 PVCC 2 6 1 PV CC 2 9 PVCC2 8 4 VCC 5 Direction detector Direction detector Direction detector Direction detector VCC 7V CC detector Thermal protection Fin GND circuit 22 V REF 1 2 3.3 V reg. 19 23 24 25 26 27 28 10 PGND2 PGND1 IN1 IN2 IN3 PC1 PC2 IN4 Publication date: November 2001 SDD00015BEB 1 AN8814SB I Pin Descriptions Pin No. 1 Description Base control pin for an external transistor of 3.3 V regulator 2 3 4 5 6 7 8 9 10 11 12 13 14 3.3 V regulator output monitor pin N.C. pin Op-amp. output pin Op-amp. inverted input pin Op-amp. non-inverted input pin Power supply pin 1/2 PVCC output pin 2 Driver power supply pin 2 Driver GND pin 2 Motor driver-4 reverse rotation output pin Motor driver-4 forward rotation output pin Motor driver-3 reverse rotation output pin Motor driver-3 forward rotation output pin Pin No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Fin Description Motor driver-2 reverse rotation output pin Motor driver-2 forward rotation output pin Motor driver-1 reverse rotation output pin Motor driver-1 forward rotation output pin Driver GND pin 1 Driver power supply pin 1 1/2 PVCC output pin 1 VREF input pin Motor driver-1 input pin PC (power cut) input pin 1 Motor driver-2 input pin PC (power cut) input pin 2 Motor driver-3 input pin Motor driver-4 input pin GND pin I Absolute Maximum Ratings Parameter Supply voltage Supply current Power dissipation *2 *1 Symbol SVCC ICC PD Topr Tstg Rating 17 542 -30 to +85 -55 to +150 Unit V mA mW C C Operating ambient temperature Storage temperature *1 Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: Ta = 85C. Referring to "I Application Circuit Example", following the allowable power dissipation characteristic curve of "I Application Notes". I Recommended Operating Range Parameter Supply voltage Symbol SVCC , PVCC1 , PVCC2 Range 4.0 to 14 Unit V 2 SDD00015BEB AN8814SB I Electrical Characteristics at Ta = 25C Parameter Current consumption with no load Motor driver 1 to motor driver 4 Input offset voltage Output offset voltage Gain Maximum output amplitude (+) Maximum output amplitude (-) Motor driver 1 High-level threshold voltage Low-level threshold voltage Motor driver 2 High-level threshold voltage Low-level threshold voltage Reset circuit Reset operation release supply voltage 3.3 V regulator Output voltage Output load fluctuation Supply voltage fluctuation Op-amp. Input offset voltage Input bias current High-level output voltage Low-level output voltage Output driving current sink Output driving current source VOF IBOP VOH VOL ISIN ISOU VCC = 5 V VCC = 5 V VCC = 5 V VCC = 5 V VCC = 5 V VCC = 5 V -10 4.0 2.0 2.0 0 150 10 500 1.5 mV nA V V mA mA VREG VR VV VCC = 5 V VCC = 5 V VCC = 5 V/12 V 3.1 -50 -5 3.3 0 0 3.5 50 5 V mV mV VRST IIN = 10 A, R1 to R 4 = 10 k 2.1 2.3 2.5 V VPCH2 VPCL2 VCC = 5 V, RL2 = 8 , R2 = 10 k VCC = 5 V, RL2 = 8 , R2 = 10 k 2.0 0.5 V V VPCH1 VPCL1 VCC = 5 V, RL1 = 8 , R1 = 10 k VCC = 5 V, RL1 = 8 , R1 = 10 k 2.0 0.5 V V VIOF VOOF G VL+ VL- VCC = 5 V, VPC1 = VPC2 = 0 V, RL1 to RL4 = 8 k, R1 to R4 = 10 k VCC = 5 V, VPC1 = VPC2 = 0 V, RL1 to RL4 = 8 k, R1 to R4 = 10 k VCC = 5 V, VPC1 = VPC2 = 0 V, RL1 to RL4 = 8 k, R1 to R4 = 10 k VCC = 5 V, VPC1 = VPC2 = 0 V, RL1 to RL4 = 8 k, R1 to R4 = 10 k VCC = 5 V, VPC1 = VPC2 = 0 V, RL1 to RL4 = 8 k, R1 to R4 = 10 k -10 -50 18.0 2.4 0 0 20.0 2.7 -2.7 10 50 22.0 -2.4 mV mV dB V V Symbol ITOT VCC = 5 V Conditions Min 5 Typ 10 Max 15 Unit mA SDD00015BEB 3 AN8814SB I Electrical Characteristics at Ta = 25C (continued) * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Thermal protection circuit Operating temperature equilibrium value Operating temperature hysteresis width Symbol Conditions Min Typ Max Unit C C TTHD TTHD 180 45 I Usage Notes 1. Avoid the short-circuits between output and VCC , and between output pin and GND. Otherwise, the IC is likely to break down or emit smoke. 2. An appropriate prior study should be done for use of dip soldering. I Application Notes * PD Ta curves of HSOP042-P-0400 PD T a 2.500 2.240 2.000 Power dissipation PD (W) Mounted on standard board (glass epoxy: 75 mm x 75 mm x t1.6 mm) Rth(j-a) = 55.8C/W 1.500 1.042 1.000 Independent IC without a heat sink Rth(j-a) = 119.9C/W 0.500 0.000 0 25 50 75 100 125 150 Ambient temperature Ta (C) 4 SDD00015BEB AN8814SB I Application Circuit Example RL1 VREF R4 RL2 V4 R3 V3 R2 V2 R1 V1 PVCC1 Fin 28 27 26 25 24 23 22 20 19 18 17 16 13 Fin 3 4 5 6 7 8 21 10 11 12 SVCC PVCC2 RL4 RL3 When the AN8814SB is use, take into account the following cautions and follow the power dissipation characteristic curve. 1. Load current IP1 flowing into load RL1, RL2 is supplied through pin 20. | V18 -V17 | | V16 -V15 | IP1 = + RL1 RL2 2. Load current IP2 flowing into load RL3, RL4 is supplied through pin 9. | V14 -V13 | | V12 -V11 | IP2 = + RL3 RL4 3. Dissipation increase (PD) inside the IC (power output stage) caused by loads RL1, RL2, RL3 and RL4 is as follows: | V18 -V17 | | V16 -V15 | PD = (PVCC1 - | V18 -V17 |) x + (PVCC1 - | V16 - V15 |) + RL1 RL2 | V14 -V13 | | V12 -V11 | = (PVCC2 - | V14 -V13 |) x + (PVCC2 - | V12 - V11 |) x RL3 RL4 4. Dissipation increase (PS) inside the IC (signal block supplied from pin 7) caused by loads RL1, RL2, RL3 and RL4 comes roughly as follows: V V PS = 3 x { 1 x (2 x SVCC + | V18 -V17 |) + 2 x (2 x SVCC + | V16 -V15 |) R1 R2 V3 V4 + x (2 x SVCC + | V14 -V13 |) + x (2 x SVCC + | V12 -V11 |)} R3 R4 5. Dissipation increase in a driver operating mode is PD + PS . 6. Allowable power dissipation without load (PD1) can be found as follows: PD1 = SVCC x ISVCC + PVCC1 x IPVCC1 + PVCC2 x IPVCC2 7. Allowable power dissipation in a load operating mode (PD) comes roughly as follows: PD = PD1 + PD + PS 14 1 2 9 15 SDD00015BEB 5 AN8814SB I New Package Dimensions (Unit: mm) * HSOP042-P-0400D (Lead-free package) 18.400.20 (5.15) (4.80) 28 22 21 15 (1.315) 0.30-0.05 8.300.20 10.930.30 +0.10 0 to 10 0.500.20 (6.40) 0.80 2.700.20 0.100.10 1 (1.20) 7 8 14 0.35+0.10 -0.05 Seating plane Seating plane 6 SDD00015BEB Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of AN8814SB |