Part Number Hot Search : 
A200006 AT28C MAX1858 DT8C10 TEA1066 1N6289 D1937 N74LS1
Product Description
Full Text Search
 

To Download AH282Z-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH282
Hall-Effect Smart Fan Motor Controller Features
- On chip Hall sensor - Rotor-locked shutdown - Automatically restart - Frequency generator (FG) output - Buil t-in Zener protection for output driver - Operating voltage: 10V~20V, driver start up: 8V (minimum) - Output current: IO( AVE ) = 300 mA
General Description
AH282 is a monolithic fan motor controller with Hall sensor's capability. It contains two complementary open-collector transistors as motor coil drivers, automatic lock current shutdown, and recovery protections. Additional, frequency generator (FG) output is for speed detection relatively. To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This function repeats while the rotor is blocked. Until the blocking is removed, the motor recovers running normally.
- Package: SIP-5L, SOT89-5L
Pin Configuration
282 ( Front View )
1 : FG 2 : VCC 3 : DO 4 : DOB 5 : GND
123 45
Pin Descriptions
Symbol Description
FG VCC DO DOB GND
Frequency generation Input power Output pin Output pin Ground
SIP-5L
VCC 1 GND 2 DO 3 SOT89-5L AH282 7 DOB 4 5 FG
Ordering Information
AH282 X - X X X
Wafer Body Blank or A~Z : if necessary to specify
Package P: SIP-5L Y: SOT89-5L
Lead L : Lead Free Blank: Normal
Packing Blank : Tube or Bulk A : Tape & Reel
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 0.4 Apr 16, 2004 1/7
AH282
Hall-Effect Smart Fan Motor Controller Block Diagram (SIP5)
VCC 2
Lock shutdown and Automatic recovery Regulator
3
Hall Plate
DO
Amp.
Control Logic
4
DOB
5 GND
1 FG
Typical Application Circuit
D1 Vcc (12V) R pu
+ 282
Coil2
1 2 3 4 5
C1 10uF Coil1
FG
GND
12V DC Brush-less Fan with FG output function
Anachip Corp. www.anachip.com.tw 2/7
Rev 0.4 Apr 16, 2004
AH282
Hall-Effect Smart Fan Motor Controller Absolute Maximum Ratings
Characteristics
(Ta = 25C)
Symbol Rating Unit
Output Zener-breakdown Voltage Operating Supply Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Maximum Junction Temp. PD
Vz VCC IO(AVE) IO(PEAK) SIP5 SOT89-5 Topr Tstg Tj
38 28 300 400 550 800 -20 ~ 100 -55 ~ 150 150
V V mA mW
C C C
Electrical Characteristics (Ta = 25 C, VCC = 12V, unless otherwise notice)
Characteristics Symbol Conditions Min. Typ. Max. Unit
Supply Voltage Supply current Locked Protection On Locked Protection Off
Output saturation voltage Output On resistance FG output Vds
Vcc
Icc Tlrp-on Tlrp-off VOUT( sat ) Rds(on) Vol
Operating
Operating
10
2 0.4 2.4 375 625 2.6 0.5
20
4
V
mA Sec Sec
IO=150mA IO=250mA IO=10mA
-
-
mV ohm V
Magnetic Characteristics (Ta = 25 C, VCC = 12V, unless otherwise specified)
(1mT=10 Gauss)
Characteristics Symbol Min. Typ. Max. Unit
Operate Point Release Point Hysteresis
Bop Brp Bhy
-60 -
30 -30 60
60 -
Gauss Gauss Gauss
Anachip Corp. www.anachip.com.tw 3/7
Rev 0.4 Apr 16, 2004
AH282
Hall-Effect Smart Fan Motor Controller Operating Characteristics
DOB
Output Voltage in Volts Output Voltage in Volts 12 10 8 6 4 ON Brp 0 2 Bop OP
DO
12 10 8 6 4 RP Brp 0 2 Bop ON
RP
OFF
OFF
OP
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
Performance Characteristics (SIP5)
Ta (C) 25 50 60 70 80 85 90 95 100 105 110 115 120
Pd (mW) 550 440 396 352 308 286 264 242
P d (m W ) 600 500 400 300 200 100 0 25 50 75 P o w e r D is s ip a tio n C u rve
220
198
176
154
132
100
125
150 T a ( C )
Anachip Corp. www.anachip.com.tw 4/7
Rev 0.4 Apr 16, 2004
AH282
Hall-Effect Smart Fan Motor Controller Marking Information
(1)SIP-5L
( Top View ) Part Number
282 X XX X X
Blank : normal L : Lead Free Package ID Code Nth week: 01~52 Year: "1" = 2001 "2" = 2002 ~
(2)SOT89-5L
5
4
7
282 Y M X
1
2
3
ID code A~Z: Non-Lead Free a~z : Lead Free M : Month: A~L Y : Year: 0-9
Anachip Corp. www.anachip.com.tw 5/7
Rev 0.4 Apr 16, 2004
AH282
Hall-Effect Smart Fan Motor Controller Package Information
(1)Package type: SIP-5L
( unit: mm / [inch] )
5.22 0.1 [0.206 0.003]
2 ~ 3
2-0.3C [0.079-0.012C]
2 ~ 5 1.55 0.1 [0.061 0.003]
4.2 REF [0.165 REF]
0.73 0.1 [0.029 0.003]
2 ~ 5
2 ~ 3
3.65 0.1 [0.144 0.003] 0.48 0.1 [0.019 0.003]
14.3 0.3 [0.563 0.012]
0.38 0.03 [0.015 0.001]
0.95 0.03 [0.037 0.001]
0.38 0.03 [0.015 0.001]
Location of Sensing Point
2.006 mm [0.079 inch]
( Top View)
1.016 mm [0.04 inch]
1
2
3
4
5
Anachip Corp. www.anachip.com.tw 6/7
Rev 0.4 Apr 16, 2004
AH282
Hall-Effect Smart Fan Motor Controller
(2) Package type: SOT89-5L
A C D F
E
B K
J F L I H G
Package Sensor Location
Y
X
Symbol
A B C D E F G H I J K L X Y
Dimensions In Millimeters Min. Nom. Max. 4.40 4.50 4.60 4.05 4.15 4.25 1.50 1.60 1.70 1.30 1.40 1.50 2.40 2.50 2.60 0.80 3.00 Ref. 1.50 Ref. 0.40 0.46 0.52 1.40 1.50 1.60 0.35 0.39 0.43 5o Typ. 1.90 1.65 -
Dimensions In Inches Min. Nom. Max. 0.173 0.177 0.181 0.159 0.163 0.167 0.059 0.063 0.067 0.051 0.055 0.059 0.094 0.098 0.102 0.031 0.118 Ref. 0.059 Ref. 0.016 0.018 0.020 0.055 0.059 0.063 0.014 0.015 0.017 5o Typ. 0.075 0.065 -
Anachip Corp. www.anachip.com.tw 7/7
Rev 0.4 Apr 16, 2004


▲Up To Search▲   

 
Price & Availability of AH282Z-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X