Part Number Hot Search : 
MTP2N20 V38CP20 6047611 CY8C241 MPW2033 LH1056A 06PBF 66101
Product Description
Full Text Search
 

To Download AA3020YT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.0mm SINGLE COLOR SURFACE MOUNT LED LAMPS
AA3020 EC AA3020SGC AA3020YC AA3020IT AA3020SGT AA3020YT
Features
3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM SPACE REQUIRED. SUITABLE FOR COMPACT OPTOELECTRONIC APPLICATIONS. LOW POWER CONSUMPTION. EMBOSSED TAPING.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
AA3020-1
Selection Guide
Part No. AA3020IT AA3020EC AA3020YT AA3020YC AA3020SGT AA3020SGC Dice HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP) Lens Type RED TRANS. WATER CLEAR YELLOW TRANS. WATER CLEAR GREEN TRANS. WATER CLEAR 8 8 8 8 8 8 Iv (mcd) @ 20 mA Min. Typ. 40 40 30 30 30 30 Viewing Angle 21/2 90 90 90 90 90 90
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak Par ameter Peak Wavelength Dev ic e High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow All Ty p . 625 565 590 45 30 35 12 45 10 2.0 2.2 2.1 2.5 2.5 2.5 10 Max . Un i t s nm Tes t Co n d itio n s IF=20mA
1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF IR
Forward Voltage Reverse Current
V uA
IF=20mA VR = 5V
Absolute Maximum Ratings at T)=25C
Par ameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Soldering Temperature [2]
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hig h Effic ien c y Red 105 30 150 5
Su p er B r ig h t Gr een 105 25 150 5 -40C To +85C 260C For 5 Seconds
Yello w 105 30 150 5
Un i t s mW mA mA V
AA3020-2
High Efficiency Red AA3020EC,AA3020IT
AA3020-3
Super Bright Green AA3020SGC,AA3020SGT
Yellow AA3020YC,AA3020YT
AA3020-4
AA3020 SERIES SMT Reflow Soldering Instruction
AA3020 SERIES Recommended Soldering Pattern (Units : mm)
AA3020-5
AA3020 SERIES Tape Specifications (Units : mm)
AA3020-6


▲Up To Search▲   

 
Price & Availability of AA3020YT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X