Part Number Hot Search : 
65V10 UM1522 C5002 05W27 FR2905 MB90F MC68340D UVTOP310
Product Description
Full Text Search
 

To Download 74ABT08N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ABT08 Quad 2-input AND gate
Product specification IC23 Data Handbook 1995 Sep 18
Philips Semiconductors
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
QUICK REFERENCE DATA
SYMBOL PARAMETER Propagation delay An or Bn to Yn Output to Output skew Input capacitance Total supply current CONDITIONS Tamb = 25C; GND = 0V TYPICAL UNIT
LOGIC DIAGRAM
A0 B0 A1 B1 1 2 4 5 9 10 12 13 11 3 Y0
6
tPLH tPHL tOSLH tOSHL CIN ICC
CL = 50pF; VCC = 5V
2.4 1.9 0.4
Y1
ns
A2 B2
8
Y2
ns
VCC = Pin 14 GND = Pin 7
A3 B3
Y3
VI = 0V or VCC Outputs disabled; VCC = 5.5V
3 50
pF A
SA00344
PIN DESCRIPTION
PIN NUMBER 1, 2, 4, 5, 9, 10, 12, 13 SYMBOL An-Bn Yn GND VCC NAME AND FUNCTION Data inputs Data outputs Ground (0V) Positive supply voltage
PIN CONFIGURATION
A0 B0 Y0 A1 B1 Y1 GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC B3 A3 Y3 B2 A2 Y2
3, 6, 8, 11 7 14
LOGIC SYMBOL (IEEE/IEC)
1 2
&
3
SA00342
4 6 5 1 2 4 5 9 10 12 13
LOGIC SYMBOL
9 8 10
A0 B0 A1 B1 A2 B2 A3 B3
12 11 13
Y0 Y1 Y2 Y3
SA00363
VCC = Pin 14 GND = Pin 7
3
6
8
11
FUNCTION TABLE
SA00343
INPUTS An L L H H NOTES: H = High voltage level L = Low voltage level Bn L H L H
OUTPUT Yn L L L H
ORDERING INFORMATION
PACKAGES 14-Pin Plastic DIP 14-Pin plastic SO 14-Pin Plastic SSOP Type II 14-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74ABT08 N 74ABT08 D 74ABT08 DB 74ABT08 PW NORTH AMERICA 74ABT08 N 74ABT08 D 74ABT08 DB 74ABT08PW DH DWG NUMBER SOT27-1 SOT108-1 SOT337-1 SOT402-1
1995 Sep 18
2
853-1806 15752
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current Storage temperature range VO < 0 output in Off or High state output in Low state VI < 0 CONDITIONS RATING -0.5 to +7.0 -18 -1.2 to +7.0 -50 -0.5 to +5.5 40 -65 to 150 UNIT V mA V mA V mA C
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Low-level input voltage High-level output current Low-level output current Input transition rise or fall rate Operating free-air temperature range 0 -40 PARAMETER LIMITS MIN 4.5 0 2.0 0.8 -15 20 5 +85 MAX 5.5 VCC UNIT V V V V mA mA ns/V C
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C MIN VIK VOH VOL II IOFF ICEX IO ICC ICC Input clamp voltage High-level output voltage Low-level output voltage Input leakage current Power-off leakage current Output High leakage current Output current1 Quiescent supply current Additional supply current per input pin2 VCC = 4.5V; IIK = -18mA VCC = 4.5V; IOH = -15mA; VI = VIL or VIH VCC = 4.5V; IOL = 20mA; VI = VIL or VIH VCC = 5.5V; VI = GND or 5.5V VCC = 0.0V; VO or VI 4.5V VCC = 5.5V; VO = 5.5V; VI = GND or VCC VCC = 5.5V; VO = 2.5V VCC = 5.5V; VI = GND or VCC VCC = 5.5V; One data input at 3.4V, other inputs at VCC or GND -50 2.5 TYP -0.9 2.9 0.35 0.01 5.0 5.0 -75 2 0.25 0.5 1.0 100 50 -180 50 500 -50 MAX -1.2 2.5 0.5 1.0 100 50 -180 50 500 Tamb = -40C to +85C MIN MAX -1.2 V V V A A A mA A A UNIT
NOTES: 1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. This is the increase in supply current for each input at 3.4V.
1995 Sep 18
3
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM MIN tPLH tPHL tOSHL tOSLH1 Propagation delay An or Bn to Yn Output to Output skew An or Bn to Yn 1 2 1.0 1.0 Tamb = +25C VCC = +5.0V TYP 2.4 1.9 0.4 0.4 MAX 3.4 2.8 0.5 0.5 Tamb = -40C to +85C VCC = +5.0V 0.5V MIN 1.0 1.0 MAX 4.0 3.0 0.5 0.5 ns ns UNIT
NOTE: 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An, Bn
VM tPHL
VM tPLH
INPUT
OUTPUT Yn VM VM
tPHL
MIN
SA00345
OUTPUT N same part
tPLH
MIN
Waveform 1. Propagation Delay for Non-Inverting Outputs
tPLH
MAX
tPHL
MAX
tOSLH
tOSHL
SA00381
Waveform 2. Common edge skew
TEST CIRCUIT AND WAVEFORMS
VCC 90% NEGATIVE PULSE VIN D.U.T. RT CL RL POSITIVE PULSE VOUT VM 10% tTHL (tF) tTLH (tR) 90% VM tW 90% VM 10% 0V 10% 0V PULSE GENERATOR tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V)
Test Circuit for Outputs
10%
VM = 1.5V Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators. INPUT PULSE REQUIREMENTS FAMILY Amplitude 74ABT 3.0V Rep. Rate 1MHz tW 500ns tR 2.5ns tF 2.5ns
SH00067
1995 Sep 18
4
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1
1995 Sep 18
5
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1995 Sep 18
6
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
1995 Sep 18
7
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
1995 Sep 18
8
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
NOTES
1995 Sep 18
9
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ABT08
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 Philips Semiconductors and Philips Electronics North America Corporation register eligible circuits under the Semiconductor Chip Protection Act. (c) Copyright Philips Electronics North America Corporation 1995 All rights reserved. Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of 74ABT08N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X