Part Number Hot Search : 
1N414 HMC1105 43020 43020 A1512 HAT2099H 48000 00BGXI
Product Description
Full Text Search
 

To Download 5082-A513-00400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Black Surface Seven Segment Displays Technical Data
HDSP-AX11/-AX13 Series HDSP-FX11/-FX13 Series HDSP-GX11/-GX13 Series HDSP-HX11/-HX13 Series HDSP-KX11/-KX13 Series
Features
* Black Surface and Color Tinted Epoxy * Industry Standard Size * Industry Standard Pinout * Choice of Character Size 7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.) * Choice of Colors AlGaAs Red, High Efficiency Red (HER), Green, Orange * Excellent Appearance Evenly Lighted Segments 50 Viewing Angle
* Design Flexibility Common Anode or Common Cathode Single and Two Digit * Categorized for Luminous Intensity Categorized for Color: Green Use of Like Categories Yields a Uniform Display * Excellent for Long Digit String Multiplexing
finish. All devices are available as either common anode or common cathode. Typical applications include appliances, channel indicators of TV, CATV converters, game machines, and point of sale terminals.
Description
These devices use industry standard size package and pinout. Available with black surface
Devices
Orange HDSPA411 A413 F411 F413 G411 G413 H411 H413 K411 K413 AlGaAs Red HDSPA111 A113 F111 F113 G111 G113 H111 H113 K111 K113 HER HDSPA211 A213 F211 F213 G211 G213 H211 H213 K211 K213 Green HDSPA511 A513 F511 F513 G511 G513 H511 H513 K511 K513 Description 7.6 mm Common Anode Right Hand Decimal 7.6 mm Common Cathode Right Hand Decimal 10 mm Common Anode Right Hand Decimal 10 mm Common Cathode Right Hand Decimal 10 mm Two Digit Common Anode Right Hand Decimal 10 mm Two Digit Common Cathode Right Hand Decimal 14.2 mm Common Anode Right Hand Decimal 14.2 mm Common Cathode Right Hand Decimal 14.2 mm Two Digit Common Anode Right Hand Decimal 14.2 mm Two Digit Common Cathode Right Hand Decimal Package Drawing A B C D E F G H I J
2
Part Numbering System
5082 -X X X X-X X X X X HDSP-X X X X-X X X X X Mechanical Options[1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color[1] 1: Common Anode 3: Common Cathode Device Specific Configuration[1] Refer to Respective Datasheet Package[1] A: 7.6 mm (0.3 inch) Single Digit Seven Segment Display F: 10 mm (0.4 inch) Single Digit Seven Segment Display G: 10 mm (0.4 inch) Dual Digit Seven Segment Display H: 14.2 mm (0.56 inch) Single Digit Seven Segment Display K: 14.2 mm (0.56 inch) Dual Digit Seven Segment Display
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
3
Package Dimensions (7.6 mm Series)
Internal Circuit Diagram
Package Dimensions (10 mm Series: Single)
Internal Circuit Diagram
4
Package Dimensions (10 mm Series: Two Digit)
Internal Circuit Diagram
5
Package Dimensions (14.2 mm Series: Single)
Internal Circuit Diagram
Package Dimensions (14.2 mm Series: Two Digit)
Internal Circuit Diagram
2
DIGIT NO. 1 CATHODE 1
6
Absolute Maximum Ratings
AlGaAs Red HDSP-X11X Series 37 45 15[5] -20 to +100 3.0 250 HER/Orange HDSP-X21X/X41X Series 105 90[1] 30[2] -40 to +100 -55 to +100 Green HDSP-X51X Series 105 90[3] 30[4]
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wave Soldering Temperature for 3 Seconds (1.60 mm [0.063 in.] below Body)
Units mW mA mA C C V C
Notes: 1. See Figure 5 to establish pulsed conditions. 2. Derate above 53C at 0.45 mA/C (see Figure 7). 3. See Figure 6 to establish pulsed conditions. 4. Derate above 39C at 0.37 mA/C (see Figure 7). 5. Derate above 91C at 0.53 mA/C (see Figure 1).
Electrical/Optical Characteristics at TA = 25C
AlGaAs Red
Device Series HDSPA11X Parameter Luminous (Digit Average) Intensity/Segment[1,2] Symbol IV Min. 315 Typ. 600 3600 F11X, G11X 330 650 3900 H11X, K11X All Devices Forward Voltage/Segment or DP VF 400 700 4200 1.6 1.7 1.8 Peak Wavelength Dominant Wavelength[3] DP[4] PEAK d VR VF /C RJ-PIN 3.0 645 637 15 -2 255 320 400 22 nm nm V mV/C C/W/ Seg. IR = 100 A 2.0 V Max. Units cd Test Conditions IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 20 mA Peak
Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP A11X F11X, G11X H11X, K12X Thermal Resistance LED Junction-to-Pin
7
Orange
Device Series HDSPA41X F41X, G41X H41X, K41X All Devices Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] DP[4] VF PEAK d VR VF /C RJ-PIN 3.0 Parameter Luminous Intensity/Segment (Segment Average)[1,2] Symbol IV Min. Typ. 0.70 1.0 2.37 2.0 600 603 30 2.5 V nm nm V mV/C C/W/ Seg. IR = 100 A Max. Units mcd Test Conditions IF = 5 mA IF = 5 mA IF = 10 mA IF = 20 mA
Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP A41X F41X, G41X H41X, K41X Thermal Resistance LED Junction-to-Pin
-2
200 320 345
High Efficiency Red
Device Series HDSPA21X Parameter Luminous (Digit Average) Intensity/Segment[1,2] Symbol IV Min. 360 Typ. 980 5390 F21X, G21X H21X, K21X 420 900 1200 2800 3700 All Devices Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] DP[4] VF PEAK d VR VF /C RJ-PIN 3.0 2.0 635 626 30 -2 200 320 345 2.5 V nm nm V mV/C C/W/ Seg. IR = 100 A Max. Units cd Test Conditions IF = 5 mA IF = 20 mA IF = 5 mA IF = 10 mA IF = 60 mA Peak: 1/6 Duty Factor IF = 20 mA
Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP A21X F21X, G21X H21X, K21X Thermal Resistance LED Junction-to-Pin
8
High Performance Green
Device Series HDSPA51X Parameter Luminous Intensity/Segment[1,2] (Digit Average) Symbol IV Min. 860 Typ. 3000 6800 F51X, G51X H51X, K51X 1030 900 3500 2500 3100 All Devices Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3,5] DP[4] VF PEAK d VR VF /C RJ-PIN 3.0 2.1 566 571 50 -2 200 320 345 577 2.5 V nm nm V mV/C C/W/ Seg. IR = 100 A Max. Units cd Test Conditions IF = 10 mA IF = 20 mA IF = 10 mA IF = 10 mA IF = 60 mA Peak: 1/6 Duty Factor IF = 10 mA
Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP A51X F51X, G51X H51X, G51X Thermal Resistance LED Junction-to-Pin
Notes: 1. Case temperature of device immediately prior to the intensity measurement is 25C. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. Green (HDSP-A51X/F51X/G51X/H512X/K51X) series displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
9
AlGaAs Red
I F AVE. MAX - MAXIMUM AVERAGE FORWARD CURRENT PER SEGMENT - mA
20 18
I F - FORWARD CURRENT PER SEGMENT - mA
50.0
R = 770C/W
16 14 12 10 8 6 4 2 0 20 30 40 50 60
J-A
20.0 10.0 5.0 2.0 1.0 0.5 0.1 0 0.5 1.0 1.5 2.0 2.5
70 80
90 100 110 120
V F - FORWARD VOLTAGE - V
T A - AMBIENT TEMPERATURE - C
Figure 1. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
20
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 1 mA)
1.3
PEAK- RELATIVE EFFICIENCY - NORMALIZED TO 1 AT 1 mA
10 5
1.2
1.1
2 1 0.5
1.0
0.9 0.5 mA 0.8 0.7
0.2 0.1 0.1 0.2 0.5 1 2 5 10 20
0
5
10
20
30
40
50
I F - FORWARD CURRENT PER SEGMENT - mA
I PEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
10
HER, Green, Orange
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE DERATING OF I DC MAXIMUM 10
I F PEAK RATIO OF MAXIMUM OPERATING PEAK CURRENT TO TEMPERATURE I DC MAX DERATED DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE DERATING OF I DC MAXIMUM
10
1H
3K Hz z
30
30
10
10 KH
10
3K
1K
10 0 H z
DC OPERATION 10000
0H
0H
0H
z
KH
Hz
Hz
z
z
z
1 1 10
1 1 10
DC OPERATION 10000
z
100
1000
100
1000
t P - PULSE DURATION - s
t P - PULSE DURATION - s
Figure 5. Maximum Tolerable Peak Current vs. Pulse Duration - HER, Orange.
Figure 6. Maximum Tolerable Peak Current vs. Pulse Duration - Green.
50
I DC MAX - MAXIMUM DC CURRENT PER SEGMENT - mA
IF - FORWARD CURRENT PER SEGMENT - mA
100
45 40 35 30 25 20 15 10 5 0 20 30 40 50 60
R
J-A
= 770C/W
80
60
HER / ORANGE GREEN
40 HER / ORANGE 20 GREEN 0 0 1.0 2.0 3.0 4.0 5.0
70 80
90 100 110 120
T A - AMBIENT TEMPERATURE - C
V F - FORWARD VOLTAGE - V
Figure 7. Maximum Allowable DC Current vs. Ambient Temperature.
Figure 8. Forward Current vs. Forward Voltage Characteristics.
12
PEAK - RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 5 mA FOR HER, AND TO 1 AT 10 mA FOR GREEN)
PEAK - RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 5 mA FOR HER, AND 10 mA FOR GREEN)
1.8
10 HER / ORANGE
1.6
HER / ORANGE
8
1.4 GREEN 1.2
6
4
GREEN
2 0 0 5 10 15 20 25 30
1.0
0.8 0 20 40 60 80 100
IF - FORWARD CURRENT PER SEGMENT - mA
I PEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 9. Relative Luminous Intensity vs. DC Forward Current.
Figure 10. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
11
Intensity Bin Limits (mcd) AlGaAs Red
HDSP-A1xx IV Bin Category Min. E 0.315 F 0.428 G 0.621 H 0.945 I 1.40 J 2.10 K 3.14 L 4.70 Max. 0.520 0.759 1.16 1.71 2.56 3.84 5.75 8.55
Orange
IV Bin Category A B C D E F G H I J K L M N HDSP-A41X Min 0.284 0.354 0.443 0.554 0.692 0.856 1.082 1.352 1.692 2.114 2.641 3.300 4.127 5.157 Max 0.433 0.541 0.677 0.846 1.057 1.322 1.652 2.066 2.581 3.227 4.034 5.042 6.303 7.878
HDSP-F1xx/G1xx IV Bin Category Min. D 0.391 E 0.532 F 0.755 G 1.13 H 1.70
Max. 0.650 0.923 1.39 2.08 3.14
HDSP-H1xx/K1xx IV Bin Category Min. C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.690 0.990 1.50 2.20 3.30 5.00 7.50
HDSP-F41X/G41X IV Bin Category Min C 0.485 D 0.728 E 1.091 F 1.636 G 2.454 H 3.682
Max 0.890 1.333 2.000 3.000 4.500 6.751
HDSP-H41X/K41X IV Bin Category Min B 0.77 C 0.95 D 1.19 E 1.49 F 1.85 G 2.32 H 2.90
Max 1.17 1.45 1.82 2.27 2.89 3.54 4.43
12
Intensity Bin Limits (mcd), continued HER
IV Bin Category B C D E F G H HDSP-A2xx Min. 0.342 0.516 0.774 1.160 1.740 2.610 3.915 Max. 0.630 0.946 1.418 2.127 3.190 4.785 7.177
IV Bin Category C D E F G H
HDSP-F2xx/G2xx Min. 0.485 0.728 1.091 1.636 2.454 3.682
Max. 0.890 1.333 2.000 3.000 4.500 6.751
HDSP-H2xx/K2xx IV Bin Category Min. E 0.91 F 1.37 G 2.05 H 3.08 I 4.62 J 6.93 K 10.39
Max. 1.67 2.51 3.76 5.64 8.64 12.70 19.04
13
Intensity Bin Limits (mcd), continued Green
IV Bin Category H I J K L HDSP-A5xx Min. 0.86 1.29 1.94 2.90 4.37 Max. 1.58 2.37 3.55 5.33 8.01
Contrast Enhancement
For information on contrast enhancement, please see Application Note 1015.
Soldering/Cleaning
For information on soldering LEDs, please refer to Application Note 1029.
Electrical/Optical
For more information on electrical/optical characteristics, please see Application Note 1005.
IV Bin Category H I J K L
HDSP-F5xx/G5xx Min. 1.54 2.31 3.46 5.18 7.78
Max. 2.82 4.23 6.34 9.50 14.26
HDSP-H5xx/K5xx IV Bin Category Min. E 0.91 F 1.37 G 2.05 H 3.08 I 4.61
Max. 1.67 2.51 3.76 5.64 8.46
Color Categories
Color Green Bin 2 3 4 5 Dominant Wavelength (nm) Min. Max. 573.00 577.00 570.00 574.00 567.00 571.00 564.00 568.00
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your Agilent representatives for further clarification/information.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5988-1742EN July 17, 2004 5988-4433EN
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 5082-A513-00400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X