Part Number Hot Search : 
RL257 228M00 PQ1CG21H K4S1616 20020 BT24005 BT24005 2SC32
Product Description
Full Text Search
 

To Download 350-90-116-00-006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 350 / 450
PCB connectors 2.54 mm Single row / double row Solder tail
43
Pin connectors, solder tail With screw-machined pins 0.47 mm For corresponding receptacles see pages 36 to 42 and 47, 48 New: Pin connectors with selective plated precision screw machined pin, plating code Z1. Connecting side 1: gold plated soldering/PCB side 2: tin plated Platings 10 90 Z1 Sleeve Clip Pin 0.25 m Au 5 m Sn Pb 1: 0.25 m Au 2: 5 m Sn Pb Ordering information Replace xx with the number of poles, e.g. 450-10-2xx-00-001 for a double row version with 8 pins per row becomes: 450-10-216-00-001
350-10-1xx-00-006 350-90-1xx-00-006 350-Z1-1xx-00-006
Straight pin connector: solder tail, single row Availability from: 1 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
450-10-2xx-00-006 450-90-2xx-00-006 450-Z1-2xx-00-006
Straight pin connector: solder tail, double row Availability from: 4 to 72 contacts Standard number of contacts 40, 44, 56, 64, 72
350-10-1xx-01-666 350-90-1xx-01-666 350-Z1-1xx-01-666
Straight pin connector with clinched (right/left) solder tails, single row Availability from: 3 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 350-90-116-00-006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X