Part Number Hot Search : 
MS3102 MC14013B C7SZ1 2N3903 IDT74A SOA06 SBG1035 AK2301BX
Product Description
Full Text Search
 

To Download 2SK3925-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3925-01
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
TO-220AB 200406
FUJI POWER MOSFET
Super FAP-G Series
Features
High speed switching No secondary breadown Avalanche-proof Low on-resistance Low driving power
Applications
Switching regulators DC-DC converters UPS (Uninterruptible Power Supply)
Maximum ratings and characteristic
Absolute maximum ratings (Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous Drain Current Pulsed Drain Current Gate-Source Voltage Maximum Avalanche current Non-Repetitive Maximum Avalanche Energy Repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Peak Diode Recovery -di/dt Max. Power Dissipation Operating and Storage Temperature range Symbol VDS VDSX ID ID(puls] VGS IAR EAS EAR dVDS/dt dV/dt -di/dt PD Tch Tstg Ratings 250 220 34 136 30 34 665.7 27 20 5 100 270 2.02 +150 -55 to +150 Unit V V A A V A mJ mJ kV/s kV/s A/s W C C Remarks VGS=-30V
Equivalent circuit schematic
Drain(D)
Gate(G)
Note *1 Note *2 Note *3 VDS< 250V = Note *4 Note *5 Tc=25C Ta=25C
Source(S) Note *1:Tch < 150C,Repetitive and Non-repetitive = Note *2:StartingTch=25C,IAS=14A,L=5.71mH, VCC=48V,RG=50 EAS limited by maximum channel temperature and avalanch current. See to the `Avalanche Energy' graph Note *3:Repetitive rating:Pulse width limited by maximum channel temperature. See to the `Transient Theemal impedance' graph < < < Note *4:IF = -ID, -di/dt=100A/s,VCC= BVDSS,Tch= 150C < < < Note *5:IF= -ID, dv/dt=5kV/s,VCC BVDSS,Tch= 150C =
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-Source Breakdown Voltaget Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Drain-Source On-State Resistance Forward Transcondutance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time ton Turn-Off Time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol BVDSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VSD trr Qrr Symbol Rth(ch-c) Rth(ch-a)
Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS Tch=25C VDS=250V VGS=0V Tch=125C VDS=200V VGS=0V VGS=30V VDS=0V ID=17A VGS=10V ID=17A VDS=25V VDS=75V VGS=0V f=1MH VCC=48V ID=17A VGS=10V RGS=10 VCC=125V ID=34A VGS=10V IF=34A VGS=0V Tch=25C IF=34A VGS=0V -di/dt=100A/s Tch=25C Test Conditions channel to case channel to ambient
Min.
250 3.0
Typ.
Max.
5.0 25 2.0 100 110
Units
V V A mA nA m S pF
13
85 26 1850 2800 220 330 21 32 20 30 19 29 56 85 19 29 56 85 20 30 19 29 1.00 1.50 140 250 0.5 1.25
ns
nC
V ns C
Thermalcharacteristics
Item Thermal resistance www.fujielectric.co.jp/fdt/scd
Min.
Typ.
Max.
0.463 62
Units
C/W C/W
1
2SK3925-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
300
100 90
Typical Output Characteristics ID=f(VDS):80 s pulse test,Tch=25C
20V 10V
250 80 70 200 60
7.5V
ID [A]
PD [W]
7V 50 40 6.5V
150
100
30 20
50 10 0 0 25 50 75 100 125 150 0 0 2 4 6 8 10 12
VGS=6V
14
16
Tc [C]
VDS [V]
100
Typical Transfer Characteristic ID=f(VGS):80 s pulse test,VDS=25V,Tch=25C
100
Typical Transconductance gfs=f(ID):80 s pulse test,VDS=25V,Tch=25C
10 10
ID[A]
1
gfs [S]
1 0 1 2 3 4 5 6 7 8 9 10 0.1 0.1
0.1
0.01
1
10
100
VGS[V]
ID [A]
0.20
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80 s pulse test,Tch=25C
VGS=6.5V 7.0V
0.30
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=17A,VGS=10V
0.18
0.25
0.16
RDS(on) [ ]
0.14
10V 20V
RDS(on) [ ]
7.5V 8V
0.20
0.15
max.
0.12
0.10 0.10
typ.
0.08
0.05
0.06 0 10 20 30 40 50 60 70 80 90
0.00 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3925-01
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250uA
FUJI POWER MOSFET
7
24
Typical Gate Charge Characteristics VGS=f(Qg):ID=34A,Tch=25C
6
20 Vcc= 50V max. 16
5
250V 200V
VGS(th) [V]
4
VGS [V]
75 100 125 150
12
3
min.
8 2
1
4
0 -50 -25 0 25 50
0 0 20 40 60 80 100 120 140
Tch [C]
Qg [nC]
10n
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80 s pulse test,Tch=25C 100
Ciss 1n 10
C [F]
Coss 100p 1
Crss 10p -1 10
0 1 2 3
IF [A]
0.1 0.00
10
10
10
10
0.25
0.50
0.75
1.00
1.25
1.50
VDS [V]
VSD [V]
10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=48V,VGS=10V,RG=10
700
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=48V,I(AV)<=34A
IAS=14A
600 tf 500 10
2
td(off) td(on) 10
1
EAV [mJ]
400 IAS=21A
t [ns]
300 IAS=34A 200
tr 100
10
0
0
-1
10
10
0
10
1
10
2
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3925-01
FUJI POWER MOSFET
10
2
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=48V
Single Pulse
Avalanche Current I AV [A]
10
1
10
0
10 -8 10
-1
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3 -6 -5 -4 -3 -2 -1 0
10
10
10
10
10
10
10
t [sec]
http://www.fujielectric.co.jp/fdt/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3925-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X