Part Number Hot Search : 
2SC25 M62303FP AP300 AHE8I L064A 81007 BNP22 78L08A
Product Description
Full Text Search
 

To Download 2SK3469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3469-01MR
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Outline Drawings
TO-220F
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Symbol Ratings Unit V VDS 500 A ID 12 A ID(puls] 48 V VGS 30 A IAR *2 12 mJ EAS *1 217 kV/s dVDS/dt 20 dV/dt *3 5 kV/s PD Ta=25C 2.16 W Tc=25C 50 +150 Operating and storage Tch C -55 to +150 temperature range Tstg C < < < < *1 L=2.77mH, Vcc=50V *2 Tch=150C *3 IF=-ID, -di/dt=50A/s, Vcc=BVDSS, Tch=150C Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID=250A VGS=0V ID= 250A VDS=VGS VDS=500V VGS=0V Tch=25C VDS=400V VGS=0V Tch=125C VGS=30V VDS=0V ID=6A VGS=10V ID=6A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V ID=6A VGS=10V RGS=10 VCC=250V ID=12A VGS=10V L=2.77mH Tch=25C IF=12A VGS=0V Tch=25C IF=12A VGS=0V -di/dt=100A/s Tch=25C
Min.
500 3.0
Typ.
Max.
5.0 25 250 100 0.52
Units
V V A nA S pF
10 0.40 5.5 11 1200 1800 140 210 6.0 9.0 17 26 15 23 34 51 7 11 30 45 11 16.5 10 15 12 1.00 1.50 0.7 4.5
ns
nC
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
2.50 58.0
Units
C/W C/W
1
2SK3469-01MR
Characteristics
Allowable Power Dissipation PD=f(Tc)
60
FUJI POWER MOSFET
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=50V,I(AV)<=12A
300
50
250
40
200
30
EAV [mJ]
0 25 50 75 100 125 150
PD [W]
150
20
100
10
50
0
0 0 25 50 75 100 125 150
Tc [C]
starting Tch [ C]
Typical Output Characteristics
ID=f(VDS):80s Pulse test,Tch=25C
30 28 26 24 22 20 18 7.5V 10 20V 10V 8V
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
ID [A]
16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 VGS=6.5V 7.0V
ID[A]
1 0.1 0
1
2
3
4
5
6
7
8
9
10
VDS [V]
VGS[V]
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
100
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
1.4 VGS=6.5V 1.2 7.0V 7.5V
1.0
RDS(on) [ ]
10
8V 0.8
10V 20V
gfs [S]
0.6
1
0.4
0.2
0.1 0.1 1 10
0.0 0 5 10 15 20 25 30
ID [A]
ID [A]
2
2SK3469-01MR
FUJI POWER MOSFET
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=6A,VGS=10V
1.4 1.3 1.2 1.1 1.0 7.0 6.5 6.0 5.5 5.0
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250uA
max.
RDS(on) [ ]
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50 75 100 125 150 typ. max.
VGS(th) [V]
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
Tch [C]
Tch [C]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=12A, Tch=25C
24 22 20 Vcc= 120V 18 300V 16 14 480V 1n 10n
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Ciss
VGS [V]
12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80
C [F]
100p
Coss
10p Crss
1p 10
-1
10
0
10
1
10
2
10
3
Qg [nC]
VDS [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=300V, VGS=10V, RG=10
10
10
2
tr td(off)
IF [A]
t [ns]
td(on) 10
1
tf
1
10
0.1 0.00
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
10
0
10
1
VSD [V]
ID [A]
3
2SK3469-01MR
FUJI POWER MOSFET
Transient Thermal Impedance Zth(ch-c)=f(t):D=t/T
10
1
D=0.5 10
0
0.2 0.1 0.05
Zth(ch-c) [ C/W]
o
10
-1
0.02 0.01
t
-2
10
0
T
D=
t T
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
Maximum Avalanche Current Pulsewidth
IAV=f(tAV):starting Tch=25C. Vcc=50V
10
2
Avalanche current IAV [A]
10
1
Single Pulse
10
0
10
-1
10
-2 -8
10
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
4


▲Up To Search▲   

 
Price & Availability of 2SK3469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X