Part Number Hot Search : 
N037T ADM690 TM9316 D2498 SP708R 050DZ01 AD7854 OMT250
Product Description
Full Text Search
 

To Download 2SD2562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Equivalent circuit
C
Darlington
2SD2562
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=150V VEB=5V IC=30mA VCE=4V, IC=10A IC=10A, IB=10mA IC=10A, IB=10mA VCE=12V, IE=-2A VCB=10V, f=1MHz 2SD2562 100max 100max 150min 5000min 2.5max 3.0max 70typ 120typ V V MHz pF
16.2
B
(7 0 )
E
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1649) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2562 150 150 5 15 1 85(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
A
V
9.50.2
A
23.00.3
a b
1.75 2.15 1.05 5.450.1 1.5 4.4
+0.2 -0.1
3.3
0.8
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
sTypical Switching Characteristics (Common Emitter)
VCC (V) 40 RL () 4 IC (A) 10 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 10 IB2 (mA) -10 ton (s) 0.8typ tstg (s) 4.0typ tf (s) 1.2typ
5.450.1 1.5
0.65 +0.2 -0.1
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
15
VCE( sa t ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V) 3
IC - V BE Temperature Characteristics (Typical)
15 (V CE= 4V)
10mA
50mA
3mA
2m A
1.5 mA
1. 0m A
Collector Current I C( A)
10
0.5mA
2
Collector Current I C (A)
0. 8m A
10
emp
mp)
IC=.15A IC=.10A 1 IC=.5A
)
e Te
eT
Cas
C (
I B= 0.3mA
5
25C
0
0
2
4
6
0 0.2
0.5
1
5
10
50
100 200
0
0
1 Base-Emittor Voltage V B E( V)
-30C
125
(Cas
5
(Cas
e Te
mp)
2
3.0
2.2
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
(VCE=4V) 50000 DC Cur r ent Gai n h F E DC Cur r ent Gai n h F E 50000
12 5C
(VCE=4V)
j- a( C/ W)
hFE - IC Characteristics (Typical)
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
3.0
Typ
10000 5000
Transient Thermal Resistance
10000 5000
1.0
25
C
0.5
-30
C
1000 500 02 0.5 1 Collector Current I C( A) 5 10 15
1000 500 02 0.5 1 Collector Current I C( A) 5 10 15
0.1
1
10
100 Time t(ms)
1000 2000
fT - IE Characteristics (Typical)
(V C E= 12V) 80
Safe Operating Area (Single Pulse)
100
P c - T a Derating
Maxim um Power Dissipatio n P C( W)
Cu t-off Fre quen cy f T( M H Z)
80
60
W ith In
60
fin ite
40
he at si nk
40
20
20 Without Heatsink 0 25 50 75 100 125 150
0 -0.02 -0.05 -01
-0.5
-1
-5
-10
3.5 0
Emitter Current I E( A)
Ambient Temperature Ta(C)
160
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SD2562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X