Part Number Hot Search : 
1212S 4ALVCH1 DFLZ27Q BD3930FP MJE5730U 620NM PWW6MS 00158
Product Description
Full Text Search
 

To Download 2SC2206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC2206
Silicon NPN epitaxial planer type
For high-frequency amplification Complementary to 2SA1254
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
Unit: mm
s Features
q q q
1.5 R0.9 R0.9
0.85
0.550.1
0.450.05
1.250.05
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO CEBO IC PC Tj Tstg
(Ta=25C)
Ratings 30 20 5 30 400 150 -55 ~ +150 Unit V V V mA mW C C
1:Base 2:Collector 3:Emitter
2.5 2.5 3 2 1
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise figure Common emitter reverse transfer capacitance Reverse transfer impedance
(Ta=25C)
Symbol VCBO VCEO VEBO hFE
*
Conditions IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCB = 10V, IE = -1mA IC = 10mA, IB = 1mA VCE = 10V, IC = 1mA VCB = 10V, IE = -1mA, f = 200MHz VCB = 10V, IE = -1mA, f = 5MHz VCE = 10V, IC = 1mA, f = 10.7MHz VCB = 10V, IE = -1mA, f = 2MHz
min 30 20 5 70
typ
max
4.10.2
Optimum for RF amplification of FM/AM radios. High transition frequency fT. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
1.00.1
R
0.
4.50.1
7
Unit V V V
220 0.1 0.7 V V MHz 4 1.5 50 dB pF
VCE(sat) VBE fT NF Cre Zrb
150
300 2.8
*h
FE
Rank classification
B 70 ~ 140 C 110 ~ 220 hFE
Rank
1
Transistor
PC -- Ta
500 12 Ta=25C 450 10 IB=100A 12.5
2SC2206
IC -- VCE
15.0 VCE=10V Ta=25C
IC -- I B
Collector power dissipation PC (mW)
Collector current IC (mA)
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
8
80A
Collector current IC (mA)
18
400
10.0
6
60A
7.5
4
40A
5.0
2
20A
2.5
0 0 6 12
0 0 20 40 60 80 100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (A)
IB -- VBE
120 VCE=10V Ta=25C 100 50 60
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 VCE=10V
VCE(sat) -- IC
IC/IB=10
Collector current IC (mA)
Base current IB (A)
80
40 Ta=75C 30
25C
-25C
60
Ta=75C 0.3 25C 0.1 0.03 0.01 0.1 -25C
40
20
20
10
0 0 0.2 0.4 0.6 0.8 1.0
0 0 0.4 0.8 1.2 1.6 2.0
0.3
1
3
10
30
100
Base to emitter voltage VBE (V)
Base to emitter voltage VBE (V)
Collector current IC (mA)
hFE -- IC
240 VCE=10V 400 350 300 250 200 150 100 50 0 0.1 0 - 0.1 - 0.3
fT -- I E
60 VCB=10V 6V
Zrb -- IE
Reverse transfer impedance Zrb ()
Ta=25C VCB=10V f=2MHz Ta=25C
Forward current transfer ratio hFE
200
Transition frequency fT (MHz)
50
160
Ta=75C 25C
40
120 -25C 80
30
20
40
10
0.3
1
3
10
30
100
-1
-3
-10
-30
-100
0 - 0.1
- 0.3
-1
-3
-10
Collector current IC (mA)
Emitter current IE (mA)
Emitter current IE (mA)
2
Transistor
Cre -- VCE
Common emitter reverse transfer capacitance Cre (pF)
3.0 f=10.7MHz Ta=25C 2.5 20 24
2SC2206
PG -- IE
f=100MHz VCE=10V Ta=25C 12 VCB=6V f=100MHz Rg=50 Ta=25C
NF -- IE
10
2.0 IC=3mA 1.5 1mA
16
Noise figure NF (dB)
-1 -3 -10 -30 -100
Power gain PG (dB)
8
12
6
1.0
8
4
0.5
4
2
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
0 - 0.1
- 0.3
-1
-3
-10
Collector to emitter voltage VCE (V)
Emitter current IE (mA)
Emitter current IE (mA)
bie -- gie
24 0
bre -- gre
Reverse transfer susceptance bre (mS)
yie=gie+jbie VCE=10V yre=gre+jbre VCE=10V
bfe -- gfe
Forward transfer susceptance bfe (mS)
f=10.7MHz 0
- 0.1mA f=10.7MHz 58 10.7
-1mA 100
Input susceptance bie (mS)
20 -4mA 16
IE=-1mA
10- 0.1 IE=-1mA
-20
58 -2mA 100
-7mA 100
-2mA
58
- 0.2
-40
12
- 0.3
58
-60
IE=-4mA 100 58
8 f=10.7MHz 4
- 0.4
100
-80
- 0.5
-100 yfe=gfe+jbfe VCE=10V 0 20 40 60 80 100
0 0 8 16 24 32 40
- 0.6 - 0.5
-120 - 0.4 - 0.3 - 0.2 - 0.1 0
Input conductance gie (mS)
Reverse transfer conductance gre (mS)
Forward transfer conductance
gfe (mS)
boe -- goe
1.2 yoe=goe+jboe VCE=10V
Output susceptance boe (mS)
1.0
0.8
IE=-1mA 100
0.6 58 0.4
0.2 f=10.7MHz 0 0 0.1 0.2 0.3 0.4 0.5
Output conductance goe (mS)
3


▲Up To Search▲   

 
Price & Availability of 2SC2206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X