Part Number Hot Search : 
82559 C1208 0100S TX14D 2SK207 FG035 PC2430W BYP60K4
Product Description
Full Text Search
 

To Download 2N7522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet
Repetitive Avalanche and dv/dt Rated MOSFET Transistor P-Channel
200Volt, 0.505 , RAD Hard MOSFET Package: SMD-0.5 Product Summary
Hex Size 3 Technology RAD Hard BV DSS -200V RDS (on) 0.505 ID -8.0A
2N7522 R5
Absolute Maximum Ratings
Parameter ID @ VGS = -12V, TC = 25C ID @ VGS = -12V, TC = 100C PD @ TC = 25C VGS EAS IAR EAR TJ Continuous Drain Current Continuous Drain Current Power Dissipation Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Operating Junction Range Value -8.0 -5.0 75 20 75 -8.0 7.5 -55 to 150 Units A A W V mJ A mJ C
Pre-Irradiation Electrical Characteristics @ T J = 25 C (Unless Otherwise Specified)
Parameter BVDSS RDS(on) VGS (th) IDSS IDSS IGSS IGSS Qg Drain-to-Source Breakdown Voltage Static Drain-to-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Zero Gate Voltage Drain Current Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Min -200 -2.0 Typ. Max 0.505 -4.0 -10 -25 -100 100 43 Units V V A A nA nA nC Test Conditions VGS=0V, ID=-1.0mA
VGS=-12V, ID=-5.0A
VDS=VGS, ID=-1.0mA VDS= -160V, VGS=0V
VDS =-160V, TJ=125C
VGS=-20V VGS=20V
VGS=-12V, ID=-8.0A
Thermal Resistance
Parameter RthJC Junction-to-Case Min Typ. Max 1.67 Units C/W 01/23/01 Test Conditions


▲Up To Search▲   

 
Price & Availability of 2N7522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X