|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D TO-254 G S POWER MOS IV MAXIMUM RATINGS Symbol VDSS VGS ID IDM IAR Parameter Drain-Source Voltage Gate-Source Voltage TM 2N7228 500 Volt JX2N7228* JV2N7228* 0.415 *QUALIFIED TO MIL-S-19500/592 31/7/92 JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS All Ratings: TC = 25C unless otherwise specified. 2N7228 UNIT Volts 500 20 12 ed at R he MIN Continuous Drain Current @ TC = 25C Continuous Drain Current @ TC = 100C Pulsed Drain Current Avalanche Current 1 1 8 Amps 48 12 150 Watts Total Power Dissipation @ TC = 25C PD Total Power Dissipation @ TC = 100C Linear Derating Factor EAS EAR TJ,TSTG TL Single Pulse Avalanche Energy Repetitive Avalanche Energy 60 1.2 750 15 -55 to 150 300 C W/K mJ Operating and Storage Junction Temperature Range Max. Lead Temp. for Soldering Conditions: 0.063" from Case for 10 Sec. STATIC ELECTRICAL CHARACTERISTICS Symbol BVDSS VGS(TH) IDSS IGSS ID(ON) Characteristic / Test Conditions va la nc TYP MAX UNIT Volts Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) Gate Threshold Voltage 500 2 4 25 250 100 12 0.415 0.900 0.515 A (VDS = VGS, ID = 250A) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 20V, VDS = 0V) On State Drain Current 2 A nA Amps (VDS > I D(ON) x R DS(ON) Max, VGS = 10V) 2 2 2 Drain-Source On-State Resistance RDS(ON) Drain-Source On-State Resistance Drain-Source On-State Resistance (VGS = 10V, ID = 8.0A) (VGS = 10V, ID = 8.0A, TC = 125C) (VGS = 10V, ID = 12.0A) Ohms CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. APT Website - http://www.advancedpower.com USA 405 S.W. Columbia Street Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61 EUROPE Avenue J.F. Kennedy Bat B4 Parc Cadera Nord 051-5015 Rev D DYNAMIC CHARACTERISTICS Symbol CDC Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Drain-to-Case Capacitance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions f = 1 MHz VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 2.35 MIN TYP MAX 2N7228 UNIT 12 2410 356 125 103 14 42 14 21 38 12 24 2900 pF 530 235 150 21 70 35 190 ns nC 170 130 SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage 1 2 MIN TYP MAX UNIT Amps Volts ns C 12 48 1.7 296 3.5 1600 8.8 (Body Diode) (VGS = 0V, IS = -ID [Cont.]) Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s) THERMAL CHARACTERISTICS Symbol RJC RJA 1 2 Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT K/W 3 0.83 31 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 1.0 , THERMAL IMPEDANCE (C/W) 0.5 D=0.5 0.2 0.1 0.05 0.1 0.05 0.02 0.01 0.01 0.005 SINGLE PULSE Note: PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC 051-5015 Rev D Z 0.001 10-5 JC 10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION 10-4 2N7228 20 I D , DRAIN CURRENT (AMPERES) VGS=6V, 6.5V & 10V I D , DRAIN CURRENT (AMPERES) 20 VGS=10V VGS=6.5V VGS=6V 5.5V 16 5.5V 12 5V 8 4.5V 4V 0 50 100 150 200 250 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS 20 0 16 12 5V 8 4.5V 4 4 4V 2 4 6 8 10 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 3.0 V GS 0 0 TJ = -55C VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE I D , DRAIN CURRENT (AMPERES) NORMALIZED TO = 10V @ 0.5 I [Cont.] D 16 2.5 12 TJ = +125C 2.0 VGS=10V 8 TJ = +125C TJ = +25C TJ = -55C 1.5 4 1.0 VGS=20V 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 16 0 0 0.5 0 10 20 30 40 50 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT 1.2 BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) VGS(TH), THRESHOLD VOLTAGE (VOLTS) (NORMALIZED) I D , DRAIN CURRENT (AMPERES) 1.1 12 1.0 8 0.9 4 0.8 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5 I = 0.5 I [Cont.] D D 0 25 0.7 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4 V GS = 10V 2.0 1.2 1.5 1.0 1.0 0.8 0.5 0.6 051-5015 Rev D 0.0 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE 0.4 -50 -25 2N7228 50 OPERATION HERE LIMITED BY R (ON) DS 100S 7,000 5,000 I D , DRAIN CURRENT (AMPERES) 1mS 10 5 10mS Ciss C, CAPACITANCE (pF) 1,000 Coss 500 Crss 1 0.5 TC =+25C TJ =+150C SINGLE PULSE 0.1 1 5 10 50 100 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA 100mS DC 100 70 0.1 0.5 1 5 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE I = I [Cont.] D D 16 VDS=100V VDS=250V IDR, REVERSE DRAIN CURRENT (AMPERES) 20 100 50 VGS , GATE-TO-SOURCE VOLTAGE (VOLTS) 20 T = +150C J 10 5 T = +25C J 12 VDS=400V 8 4 2 1 50 100 150 200 250 Qg , TOTAL GATE CHARGE (nC) g FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE 0 0 0 .5 1.0 1.5 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE TO-254AA Package Outline 13.84 (.545) 13.59 (.535) 1.27 (.050) 1.02 (.040) 6.91 (.272) 6.81 (.268) 3.78 (.149) Dia. 3.53 (.139) 20.32 (.800) 20.07 (.790) 13.84 (.545) 13.59 (.535) 17.40 (.685) 16.89 (.665) 31.37 (1.235) 30.35 (1.195) Drain Source Gate 3.81 (.150) BSC 6.60 (.260) 6.32 (.249) 051-5015 Rev D 1.14 (.045) Dia. Typ. .89 (.035) 3 Leads 3.81 (.150) BSC Dimensions in Millimeters and (Inches) |
Price & Availability of 2N7228 |