Part Number Hot Search : 
PKS30A 2SC2810 SP915 LT397 UD6004 CAT25C33 PIC18F24 APE6800
Product Description
Full Text Search
 

To Download 1N4248 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4245 THRU 1N4249
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 200 to 1000 Volts
D TE *
DO-204AP
Forward Current - 1.0 Ampere
FEATURES
TE A P
N
0.034 (0.86) 0.028 (0.71) DIA. 1.0 (25.4) MIN.
0.240 (6.1) MAX.
0.150 (3.8) 0.100 (2.5) DIA.
High temperature metallurgically bonded construction 1.0 Ampere operation TA=55C with no thermal runaway Typical IR less than 0.1A Hermetically sealed package Capable of meeting environmental standards of MIL-S-19500 High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.02 ounce, 0.56 gram
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N4245
1N4246
1N4247
1N4248
1N4249
UNITS
* Maximum repetitive peak reverse voltage Maximum RMS voltage * Maximum DC blocking voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55C * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) * Maximum instantaneous forward voltage at 1.0A * Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length at TA=55C * Maximum reverse current at Rated DC blocking voltage Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) * Operating junction temperature range * Storage temperature range TA=25C TA=125C
VRRM VRMS VDC I(AV)
200 140 200
400 280 400
600 420 600 1.0
800 560 800
1000 700 1000
Volts Volts Volts Amp
IFSM VF IR(AV) IR CJ RJA TJ TSTG
50.0 1.2 50.0 1.0 25.0 15.0 55.0 -65 to +160 -65 to +200
Amps Volts A A pF C/W C C
NOTES: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted *JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N4245 THRU 1N4249
FIG. 1 - FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.0
PEAK FORWARD RECTIFIED SURGE CURRENT, AMPERES AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
60 HZ RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
50
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.8
40
0.6
30
0.4
20
0.2
10
0
0
25
50
75
100
125
150
175
0
1
10
NUMBER OF CYCLES AT 60 Hz
100
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD RECTIFIED CURRENT, AMPERES INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
10
TJ=125C
TJ=150C PULSE WIDTH=300s 1% DUTY CYCLE
1
1
TJ=25C
TJ=75C
0.1
0.1
TJ=25C
0.01 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
30
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
10
1 1 10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of 1N4248

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X