Part Number Hot Search : 
SQ418 SG6513S ILMS5360 IP317AK SQ2319ES 2SB16 R350403A WPM2006
Product Description
Full Text Search
 

To Download 135D306X0006C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 135D
Vishay Sprague
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55C to + 200C Operation
FEATURES
Standard and Extended Ratings. Model 135D tantalum-case tantalum electrolytic capacitors incorporate the advantages of all the varieties of electrolytic capacitors and eliminate most of the disadvantages. These units have a 3 volt reverse voltage capability at + 85C and a higher ripple current capability than any other electrolytic type with similar combinations of capacitance and case size. Designed for the aerospace applications, this capacitor was developed under partial sponsorship of the Marshall Space Flight Center, National Aeronautics and Space Administration. The capacitors have a high resistance to damage from shock and vibration. Extended range ratings are available.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C. (To + 200C with voltage derating.) Capacitance Tolerance: At 120 Hz, + 25C. 20% standard. 10%, 5% available as special. DC Leakage Current (DCL Max.): At + 25C and above: Leakage current shall not exceed the values listed in the Standard Ratings Tables.
Model 135D capacitors are commercial equivalents of Military Style CLR79 and CLR81, designed to meet the performance requirements of Military Specification MIL-C39006/22/25. Capacitors to meet MIL-C-39006/22/25 should be ordered by part numbers shown in that specification. Life Test: Capacitors are capable of withstanding a 2000 hour life test at a temperature of + 85C or + 125C at the applicable rated DC working voltage. Following life test: 1. DCL, measured at + 85C rated voltage, shall not be in excess of the original requirement.. 2. The equivalent series resistance shall not exceed 150% of the initial requirement. 3. Change in capacitance shall not exceed 10% from the initial measurement.
DIMENSIONS in inches [millimeters]
E L1 E D
0.0253 0.002 [0.64 0.05] Dia. (No. 22 AWG) Tinned Nickel Leads Solderable and Weldable
Weld L2 Tantalum
CASE CODE TYPE 135D C F T K CLR 79/81 EQUIV. T1 T2 T3 T4 D 0.188 0.016 [4.78 0.41] 0.281 0.016 [7.14 0.41] 0.375 0.016 [9.53 0.41] 0.375 0.016 [9.53 0.41] L1 0.453 + 0.031 - 0.016 [11.51 + 0.79 - 0.41] 0.641 + 0.031 - 0.016 [16.28 + 0.79 - 0.41] 0.766 + 0.031 - 0.016 [19.46 + 0.79 - 0.41] 1.062 + 0.031 - 0.016 [26.97 + 0.79 - 0.41] L2 (Max.) 0.734 [18.64] 0.922 [23.42] 1.047 [26.59] 1.343 [34.11] E 1.500 0.250 [38.10 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35]
WEIGHT IN GRAMS (Max.) 2.6 6.2 11.6 17.7
*For insulated parts, add 0.007" [0.178] to the diameter. The insulation shall lapover the ends of the capacitor body.
www.vishay.com 88
Document Number: 40024 Revision 15-Jan-01
Model 135D
Vishay Sprague
ORDERING INFORMATION
135D MODEL
306 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
X0 CAPACITANCE TOLERANCE X0 = X9 = X5 = 20% 10% 5%
006 DC VOLTAGE RATING AT + 85C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts).
C CASE CODE See Ratings and Case Codes Table.
2 STYLE NUMBER 0 = No outer tube. 2 = Outer polyester film insulation. 6 = High temperature film insulation (above + 125C).
Packaging: The use of formed plastic trays for packaging this type of axial lead component is standard. Tape and reel is not recommended due to the unit weight.
STANDARD RATINGS
Max. ESR @ + 25C 120 Hz (Ohms) Max. IMP. @ - 55C 120 Hz (Ohms) Max. DCL (A) @ + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) @ - 55C + 85C + 125C Max. RIPPLE 40kHz Irms (mA)
CAPACITANCE (F)
CASE CODE
PART NUMBER*
6 WVDC @ + 85C . . . 4 WVDC @ + 125C 30 68 140 270 330 560 1200 C C F F T T K 135D306X0006C2 135D686X0006C2 135D147X0006F2 135D277X0006F2 135D337X0006T2 135D567X0006T2 135D128X0006K2 4.0 2.9 2.2 2.0 1.4 1.3 1.0 100 60 40 25 20 25 20 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 40 - 40 - 40 - 44 - 44 - 64 - 80 + 10.5 + 14 + 14 + 12.5 + 14 + 17.5 + 25 + 12 + 16 + 16 + 20 + 16 + 20 + 25 820 960 1200 1375 1800 1900 2265
8 WVDC @ + 85C . . . 5 WVDC @ + 125C 25 56 120 220 290 430 850 C C F F T T K 135D256X0008C2 135D566X0008C2 135D127X0008F2 135D227X0008F2 135D297X0008T2 135D437X0008T2 135D857X0008K2 4.0 3.3 2.6 2.4 1.8 1.4 1.0 100 59 50 30 25 25 22 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 40 - 40 - 44 - 44 - 64 - 64 - 80 + 10.5 + 14 + 17.5 + 17.5 + 17.5 + 17.5 + 25 + 12 + 16 + 20 + 20 + 20 + 20 + 25 820 900 1230 1320 1745 1825 2330
10 WVDC @ + 85C . . . 7 WVDC @ + 125C 20 47 100 180 250 390 750 C C F F T T K 135D206X0010C2 135D476X0010C2 135D107X0010F2 135D187X0010F2 135D257X0010T2 135D397X0010T2 135D757X0010K2 4.0 3.7 2.4 2.2 1.8 1.5 1.0 120 90 60 40 30 25 23 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 32 - 36 - 36 - 36 - 40 - 64 - 80 + 10.5 + 14 + 14 + 14 + 14 + 17.5 + 25 + 12 + 16 + 16 + 16 + 16 + 20 + 25 820 855 1200 1300 1720 1800 2360
15 WVDC @ + 85C . . . 10 WVDC @ + 125C 15 33 70 120 170 270 540 C C F F T T K 135D156X0015C2 135D336X0015C2 135D706X0015F2 135D127X0015F2 135D177X0015T2 135D277X0015T2 135D547X0015K2 4.4 4.0 2.8 2.6 2.4 2.2 1.0 155 90 75 50 35 30 23 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 24 - 28 - 28 - 28 - 32 - 56 - 80 + 10.5 + 14 + 14 + 17.5 + 14 + 17.5 + 25 + 12 + 16 + 16 + 20 + 16 + 20 + 25 780 820 1150 1230 1480 1500 2300
Document Number: 40024 Revision 15-Jan-01
www.vishay.com 89
Model 135D
Vishay Sprague
STANDARD RATINGS
Max. ESR @ + 25C 120 Hz (Ohms) Max. IMP. @ - 55C 120 Hz (Ohms) Max. DCL (A) @ + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) @ - 55C + 85C + 125C Max. RIPPLE 40kHz Irms (mA)
CAPACITANCE (F)
CASE CODE
PART NUMBER*
25 WVDC @ + 85C . . . 15 WVDC @ + 125C 10 22 50 100 120 180 350 C C F F T T K 135D106X0025C2 135D226X0025C2 135D506X0025F2 135D107X0025F2 135D127X0025T2 135D187X0025T2 135D357X0025K2 5.3 4.2 3.0 2.8 2.6 2.2 1.3 220 140 70 50 38 32 24 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 16 - 20 - 28 - 28 - 32 - 48 - 70 +8 + 10.5 + 13 + 13 + 13 + 13 + 25 +9 + 12 + 15 + 15 + 15 + 15 + 25 715 800 1130 1215 1420 1460 1970
30 WVDC @ + 85C . . . 20 WVDC @ + 125C 8 15 40 68 100 150 300 C C F F T T K 135D805X0030C2 135D156X0030C2 135D406X0030F2 135D686X0030F2 135D107X0030T2 135D157X0030T2 135D307X0030K2 6.6 6.2 4.0 2.9 2.7 2.3 1.4 275 175 65 60 40 35 25 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 16 - 20 - 24 - 24 - 28 - 48 - 60 +8 + 10.5 + 10.5 + 13 + 10.5 + 13 + 25 + 12 + 12 + 12 + 15 + 12 + 15 + 25 640 660 1025 1195 1450 1525 1950
35 WVDC @ + 85C . . . 22 WVDC @ + 125C 7 15 35 68 82 120 270 C C F F T T K 135D705X0035C2 135D156X0035C2 135D356X0035F2 135D686X0035F2 135D826X0035T2 135D127X0035T2 135D277X0035K2 7.0 6.2 4.2 2.9 2.5 2.4 1.4 315 175 75 60 45 40 26 0.75 0.75 1.0 1.0 2.0 2.0 3.0 1.5 1.5 2.0 2.0 6.0 6.0 12.0 - 16 - 20 - 23 - 24 - 32 - 41 - 58 +7 + 10.5 + 10.5 + 13 + 13 + 13 + 25 + 10 + 12 + 12 + 15 + 15 + 15 + 25 620 660 1000 1195 1400 1490 1950
50 WVDC @ + 85C . . . 30 WVDC @ + 125C 5 10 25 47 60 82 160 C C F F T T K 135D505X0050C2 135D106X0050C2 135D256X0050F2 135D476X0050F2 135D606X0050T2 135D826X0050T2 135D167X0050K2 8.0 6.4 4.6 3.7 2.9 2.5 1.5 400 250 95 70 45 45 27 0.75 0.75 1.0 1.0 2.0 2.0 4.0 2.0 2.0 3.0 3.0 7.0 7.0 16.0 - 16 - 24 - 20 - 28 - 16 - 32 - 50 +5 +8 + 10.5 + 13 + 10.5 + 13 + 25 +6 +9 + 12 + 15 + 12 + 15 + 25 580 640 950 1065 1285 1400 1900
60 WVDC @ + 85C . . . 40 WVDC @ + 125C 4 8.2 20 39 50 68 140 C C F F T T K 135D405X0060C2 135D825X0060C2 135D206X0060F2 135D396X0060F2 135D506X0060T2 135D686X0060T2 135D147X0060K2 9.3 6.6 4.7 4.1 2.9 2.5 1.5 550 275 105 90 50 50 28 0.75 0.75 1.0 1.0 2.0 2.0 4.0 2.0 2.0 4.0 4.0 7.0 7.0 16.0
- 16
- 24 - 16 - 28 - 16 - 32 - 40
+5 +8 +8 + 10.5 + 10.5 + 10.5 + 20
+6 +9 +9 + 15 + 12 + 15 + 20
525 625 930 1015 1270 1365 1850
75 WVDC @ + 85C . . . 50 WVDC @ + 125C 3.5 6.8 15 33 40 56 110 C C F F T T K 135D355X0075C2 135D685X0075C2 135D156X0075F2 135D336X0075F2 135D406X0075T2 135D566X0075T2 135D117X0075K2 9.5 6.8 5.3 4.2 3.0 2.6 1.5 650 300 150 90 60 60 29 1.0 1.0 1.0 1.0 2.0 2.0 4.0 2.0 2.0 4.0 4.0 8.0 8.0 20.0 - 16 - 20 - 16 - 24 - 16 - 28 - 35 +5 +8 +8 + 10.5 + 10.5 + 10.5 + 20 +6 +9 +9 + 15 + 12 + 15 + 20 525 610 890 1000 1250 1335 1850
*Part Numbers listed are for units with 20% capacitance tolerance insulated capacitors. For 10% tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5%, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6".
www.vishay.com 90 Document Number: 40024 Revision 15-Jan-01
Model 135D
Vishay Sprague
STANDARD RATINGS
Max. ESR @ + 25C 120 Hz (Ohms) Max. IMP. @ - 55C 120 Hz (Ohms) Max. DCL (A) @ + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) @ - 55C + 85C + 125C Max. RIPPLE 40kHz Irms (mA)
CAPACITANCE (F)
CASE CODE
PART NUMBER*
100 WVDC @ + 85C . . . 70 WVDC @ + 125C 2.5 4.7 11 22 30 43 86 1.7 3.6 9 14 18 25 56 C C F F T T K C C F F T T K 135D255X0100C2 135D475X0100C2 135D116X0100F2 135D226X0100F2 135D306X0100T2 135D436X0100T2 135D866X0100K2 135D175X0125C2 135D365X0125C2 135D905X0125F2 135D146X0125F2 135D186X0125T2 135D256X0125T2 135D566X0125K2 10.6 8.5 6.0 4.8 3.3 2.6 1.6 15.6 11.1 7.4 5.7 3.7 3.2 1.6 950 500 200 100 80 70 30 1250 600 240 167 129 93 32 1.0 1.0 1.0 1.0 2.0 2.0 4.0 1.0 1.0 1.0 1.0 2.0 2.0 4.0 2.0 2.0 4.0 4.0 8.0 8.0 20.0 2.0 2.0 4.0 4.0 8.0 8.0 20.0 - 16 - 16 - 16 - 16 - 16 - 20 - 25 - 16 - 16 - 16 - 16 - 16 - 16 - 25 +7 +7 +7 +7 +7 +7 + 15 +7 +7 +7 +7 +7 +7 + 15 +8 +8 +8 +8 +8 +8 + 15 +8 +8 +8 +8 +8 +8 + 15 505 565 835 935 1200 1335 1800 415 495 755 860 1130 1200 1800
125 WVDC @ + 85C . . . 85 WVDC @ + 125C
EXTENDED RATINGS
6 WVDC @ + 85C . . . 4 WVDC @ + 125C 180 220 560 820 1200 1500 1800 2200 C C F F T T K K 135D187X0006C2 135D227X0006C2 135D567X0006F2 135D827X0006F2 135D128X0006T2 135D158X0006T2 135D188X0006K2 135D228X0006K2 2.7 3.0 1.8 2.5 1.3 1.5 1.0 1.0 33 36 21 18 16 18 13 13 2 2 3 3 5 5 6 6 6 9 9 14 18 20 24 24 - 50 - 64 - 77 - 88 - 88 - 90 - 90 - 90 14 13 16 16 20 20 25 25 16 16 20 20 25 25 30 30 1010 1000 1550 1500 1930 1900 2330 2300
8 WVDC @ + 85C . . . 5 WVDC @ + 125C 150 180 470 680 1000 1500 1500 1800 C C F F T T K K 135D157X0008C2 135D187X0008C2 135D477X0008F2 135D687X0008F2 135D108X0008T2 135D158X0008T2 135D158X0008K2 135D188X0008K2 3.0 3.0 1.9 2.5 1.3 1.5 1.0 1.0 36 45 21 22 16 18 13 14 2 2 3 3 6 5 7 7 6 9 9 14 18 20 24 25 - 45 - 60 - 70 - 83 - 82 - 90 - 88 - 90 14 13 16 16 20 20 25 25 16 16 20 20 25 25 30 30 960 1000 1500 1500 1930 1900 2330 2300
10 WVDC @ + 85C . . . 7 WVDC @ + 125C 120 150 390 560 820 1200 1200 1500 C C F F T T K K 135D127X0010C2 135D157X0010C2 135D397X0010F2 135D567X0010F2 135D827X0010T2 135D128X0010T2 135D128X0010K2 135D158X0010K2 3.2 3.0 2.0 2.5 1.3 1.5 1.0 1.0 39 54 22 27 16 18 13 15 2 2 3 3 6 5 7 7 6 9 9 16 18 20 25 25 - 40 - 55 - 66 - 77 - 77 - 88 - 82 - 88 14 13 16 16 20 20 25 25 16 16 20 20 25 25 30 30 930 900 1470 1450 1930 1850 2330 2300
15 WVDC @ + 85C . . . 10 WVDC @ + 125C 82 100 270 390 680 820 1000 C C F F T T K 135D826X0015C2 135D107X0015C2 135D277X0015F2 135D397X0015F2 135D687X0015T2 135D827X0015T2 135D108X0015K2 3.3 3.9 2.1 2.5 1.4 1.7 1.0 43 72 25 31 16 22 13 2 2 3 3 6 6 8 6 9 9 16 18 24 32 - 35 - 44 - 62 - 66 - 74 - 77 - 77 12 13 16 16 20 20 25 16 16 15 20 25 25 30 915 900 1430 1450 1860 1800 2330
* Part Numbers listed are for units with 20% capacitance tolerance insulated capacitors. For 10% tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5%, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6".
Document Number: 40024 Revision 15-Jan-01
www.vishay.com 91
Model 135D
Vishay Sprague
EXTENDED RATINGS
Max. ESR @ + 25C 120 Hz (Ohms) Max. IMP. @ - 55C 120 Hz (Ohms) Max. DCL (A) @ + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) @ - 55C + 85C + 125C Max. RIPPLE 40kHz Irms (mA)
CAPACITANCE (F)
CASE CODE
PART NUMBER*
25 WVDC @ + 85C . . . 15 WVDC @ + 125C 56 68 180 270 470 560 680 C C F F T T K 135D566X0025C2 135D686X0025C2 135D187X0025F2 135D277X0025F2 135D477X0025T2 135D567X0025T2 135D687X0025K2 3.5 4.2 2.2 2.7 1.5 1.7 1.2 51 90 27 33 17 24 14 2 2 3 3 6 7 8 6 9 9 16 18 28 32 - 25 - 40 - 54 - 62 - 65 - 72 - 72 12 12 13 13 18 20 25 15 15 15 16 25 25 30 890 850 1400 1400 1800 1750 2120
30 WVDC @ + 85C . . . 20 WVDC @ + 125C 47 56 150 220 390 470 560 C C F F T T K 135D476X0030C2 135D566X0030C2 135D157X0030F2 135D227X0030F2 135D397X0030T2 135D477X0030T2 135D567X0030K2 4.0 5.2 2.4 2.5 1.6 1.8 1.3 57 100 29 36 18 25 15 2 2 3 3 6 8 9 6 9 9 16 18 32 36 - 23 - 38 - 42 - 60 - 55 - 65 - 65 12 12 13 13 18 20 25 15 15 15 16 25 25 30 830 800 1340 1200 1740 1500 2040
35 WVDC @ + 85C . . . 22 WVDC @ + 125C 39 120 330 370 C F T K 135D396X0035C2 135D127X0035F2 135D337X0035T2 135D477X0035K2 4.1 2.5 1.8 1.3 61 31 20 15 2 3 6 9 6 10 18 36 - 22 - 40 - 50 - 60 12 13 16 25 14 15 25 30 820 1315 1640 2040
50 WVDC @ + 85C . . . 30 WVDC @ + 125C 33 100 120 270 330 C F F T K 135D336X0050C2 135D107X0050F2 135D127X0050F2 135D277X0050T2 135D337X0050K2 4.4 2.8 2.4 2.0 1.3 135 35 49 29 22 2 4 4 8 9 9 12 24 32 36 - 29 - 36 - 42 - 46 - 46 10 13 12 20 25 12 15 15 25 30 700 1240 1200 1450 1900
60 WVDC @ + 85C . . . 40 WVDC @ + 125C 27 82 100 220 270 C F F T K 135D276X0060C2 135D826X0060F2 135D107X0060F2 135D227X0060T2 135D277X0060K2 5.0 2.9 2.5 1.4 1.4 144 37 54 29 23 3 4 4 8 9 12 16 20 32 36 - 24 - 30 - 36 - 40 - 45 10 15 12 16 20 12 15 15 20 25 700 1220 1100 1400 1850
75 WVDC @ + 85C . . . 50 WVDC @ + 125C 22 68 82 180 220 C F F T K 135D226X0075C2 135D686X0075F2 135D826X0075F2 135D187X0075T2 135D227X0075K2 5.0 3.0 2.4 2.2 1.5 157 40 63 30 24 3 4 4 9 10 12 16 24 36 40 - 19 - 25 - 30 - 35 - 40 10 12 12 16 20 12 15 15 20 25 600 1200 1000 1300 1800
100 WVDC @ + 85C . . . 65 WVDC @ + 125C 10 39 68 120 C F T K 135D106X0100C2 135D396X0100F2 135D686X0100T2 135D127X0100K2 5.9 3.5 2.2 2.7 200 80 40 30 3 5 10 12 12 24 40 48 - 17 - 20 - 30 - 35 10 12 14 15 12 15 16 17 800 1300 1600 2000
125 WVDC @ + 85C . . . 85 WVDC @ + 125C 6.8 27 47 82 C F T K 135D685X0125C2 135D276X0125F2 135D476X0125T2 135D826X0125K2 11.7 3.5 2.2 2.8 300 90 50 32 3 5 10 12 12 24 40 48 - 14 - 18 - 26 - 30 10 12 14 15 12 15 16 17 700 1200 1500 1900
*Part Numbers listed are for units with 20% capacitance tolerance insulated capacitors. For 10% tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5%, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6".
www.vishay.com 92
Document Number: 40024 Revision 15-Jan-01


▲Up To Search▲   

 
Price & Availability of 135D306X0006C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X