Part Number Hot Search : 
DTA115ED LPC47M X25642S8 ADT6051 MP18A KBU1001 SMC15C NJM386BL
Product Description
Full Text Search
 

To Download 13003BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200211 Issued Date : 2000.08.01 Revised Date : 2002.05.08 Page No. : 1/3
HMJE13003T
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HMJE13003T is designed for high voltage. High speed switching inductive circuits and amplifier applications.
Features
* High Speed Switching * Low Saturation Voltage * High Reliability
TO-126
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -50 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C).................................................................................... 3.5 W Total Power Dissipation (Tc=25C) ..................................................................................... 30 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage..................................................................................... 600 V BVCEO Collector to Emitter Voltage.................................................................................. 400 V BVEBO Emitter to Base Voltage............................................................................................ 8 V IC Collector Current (DC) ...................................................................................................... 1 A IC Collector Current (Pulse) .................................................................................................. 2 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 Min. 600 400 8 10 10 6 Typ. Max. 10 10 0.8 0.9 1.2 1.8 50 Unit V V V uA uA V V V V Test Conditions IC=1mA, IE=0 IC=10mA, IB=0 IE=1mA, IC=0 VCB=600V, IE=0 VBE=9V, IC=0 IC=0.1A, IB=10mA IC=0.3A, IB=30mA IC=0.1A, IB=10mA IC=0.3A, IB=30mA IC=0.3A, VCE=5V IC=0.5A, VCE=5V IC=1A, VCE=5V
*Pulse Test: Pulse Width 380us, Duty Cycle2%
HMJE13003T
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100
Spec. No. : HT200211 Issued Date : 2000.08.01 Revised Date : 2002.05.08 Page No. : 2/3
Saturation Voltage & Collector Current
1000 VCE(sat) @ IC=3IB
125 C
o
75 C
o
Saturation Voltage (mV)
75 C
o
25 C
o
hFE
10
100 125 C
o
hFE @ VCE=2V
25 C
o
1 0.1 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 VCE(sat) @ IC=4IB
10000
Saturation Voltage & Collector Current
VCE(sat) @ IC=5IB
Saturation Voltage (mV)
1000 75 C 125 C 100
o o
Saturation Vpltage (mV)
1000 75 C 125 C 100 25 C
o o o
25 C
o
10 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 VBE(sat) @ IC=4IB
Saturation Voltage & Collector Current
10000 VBE(sat) @ IC=5IB
Saturation Voltage (mV)
Saturation Voltage (mV)
75 C 1000 25 C
o
o
75 C 1000 25 C
o
o
125 C
o
125 C
o
100 1 10 100 1000 10000
100 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
HMJE13003T
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-126 Dimension
D A B 123 G C I E J K M
Spec. No. : HT200211 Issued Date : 2000.08.01 Revised Date : 2002.05.08 Page No. : 3/3
Marking:
3 4
HSMC Logo Part Number Date Code
Product Series
Ink Marking
Style: Pin 1.Emitter 2.Collector 3.Base
F H
L
1 2
3-Lead TO-126 Plastic Package HSMC Package Code: T
*: Typical
DIM 1 2 3 4 A B C D E
Inches Min. Max. *3 *3 *3 *3 0.1500 0.1539 0.2752 0.2791 0.5315 0.6102 0.2854 0.3039 0.0374 0.0413
Millimeters Min. Max. *3 *3 *3 *3 3.81 3.91 6.99 7.09 13.50 15.50 7.52 7.72 0.95 1.05
DIM F G H I J K L M
Inches Min. Max. 0.0280 0.0319 0.0480 0.0520 0.1709 0.1890 0.0950 0.1050 0.0450 0.0550 0.0450 0.0550 *0.0217 0.1378 0.1520
Millimeters Min. Max. 0.71 0.81 1.22 1.32 4.34 4.80 2.41 2.66 1.14 1.39 1.14 1.39 *0.55 3.50 3.86
Notes: 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMJE13003T
HSMC Product Specification
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 13003BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X