Part Number Hot Search : 
BA7605N FZT649TC T32AP E000464 MMBT3906 SOT23 SCA31X0 M27C32
Product Description
Full Text Search
 

To Download 1106A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Single Phase Bridge
1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time
1102A - 1110A 1102FA - 1110FA 1102UFA - 1110UFA
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 1102A 1106A 1110A 1102FA 1106FA 1110FA 1102UFA 1106UFA 1110UFA Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
1.5 1.5 1.5 1.5 1.5 1.5 1.4 1.4 1.4
1.0 1.0 1.0 1.0 1.0 1.0 0.9 0.9 0.9
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.1 1.1 1.1 1.3 1.3 1.3 1.7 1.7 1.7
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
50 50 50 25 25 25 25 25 25
10 10 10 6.0 6.0 6.0 5.0 5.0 5.0
3000 3000 3000 150 150 150 70 70 70
22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55C to +150C Stg. Temp.= -55C to +150C
10
.375(9.53)
.187(4.75) AC
.125(3.18)
_
.063(1.60)
+ AC
_
AC
+
.125 (3.18) .75(19.05) MIN.
.125(3.18) .025(.635) DIA.
.375(9.53) AC
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
215
1102A - 1110A * 1102FA - 1110FA * 1102UFA - 1110UFA
1.6 1.4
1100A-FA
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.6 2.4 2.2 Forward Voltage (V) 2.0
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
Maximum Current (I)
1.2 1
1100UFA 1100UFA
1.8 1.6 1.4 1.2
1100A 1100FA
0.8 0.6 0.4 0.2 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150
1.0 0.8 0.6 0 1 2 3 4 5 6 Forward Current (A) 7 8 9
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
216


▲Up To Search▲   

 
Price & Availability of 1106A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X