Part Number Hot Search : 
1N4700C TL072BCN 1GT101DC 74LV1G PAM2845 HT3810H A3010 VP531
Product Description
Full Text Search
 

To Download 0809LD30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R.0.2P.991602-BEHRE
0809LD30P
30 WATT, 28V, 1 GHz LDMOS FET
PRELIMINARY ISSUE
GENERAL DESCRIPTION
The 0809LD30P is a common source N-Channel enhancement mode lateral MOSFET capable of providing 30 Watts of RF power from HF to 1 GHz. The device is nitride passivated and utilizes gold metallization to ensure high reliability and supreme ruggedness.
CASE OUTLINE 55QU Common Source
ABSOLUTE MAXIMUM RATINGS
Power Dissipation Device Dissipation @25C (Pd) Thermal Resistance (JC) Voltage and Current Drain-Source (VDSS) Gate-Source (VGS) Temperatures Storage Temperature Operating Junction Temperature 110 W 1.5C/W 65V 20V -65 to +200C +200C
ELECTRICAL CHARACTERISTICS @ 25C SYMBOL Vdss Idss Igss Vgs(th) Vds(on) gFS Ciss Crss Coss CHARACTERISTICS Drain-Source Breakdown Drain-Source Leakage Current Gate-Source Leakage Current Gate Threshold Voltage Drain-Source On Voltage Forward Transconductance Input Capacitance Reverse Transfer Capacitance Output Capacitance TEST CONDITIONS Vgs = 0V, Id = 2ma Vds = 28V, Vgs= 0V Vgs = 20V, Vds = 0V Vds = 10V, Id = 10ma Vgs = 10V, Id = 2A Vds = 10V, Id = 3A Vds = 28V, Vgs = 0V, F = 1 MHz Vds = 28V, Vgs = 0V, F = 1 MHz Vds = 28V, Vgs = 0V, F = 1 MHz 2 4 1.0 1.4 60 2.5 32 MIN 65 TYP 70 1 1 5 MAX UNITS V
A A
V V S pF pF pF
FUNCTIONAL CHARACTERISTICS @ 25C GPS d IMD3 Common Source Power Gain Drain Efficiency Intermodulation Distortion, 3rd Order Load Mismatch Vds = 28V, Idq = 0.15A, F = 900MHz, Pout = 30W Vds = 28V, Idq = 0.15A, F = 900MHz, Pout = 30W Vds = 28V, Idq = 0.3A, Pout =30WPEP, F1 = 900 MHz, F2 = 900.1 MHz Vds = 28V, Idq = 0.15A, F = 900MHz, Pout = 30W 14 50 -30 dB % dBc
10:1
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120


▲Up To Search▲   

 
Price & Availability of 0809LD30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X