Part Number Hot Search : 
R1210 1485815 LH1546 854668 KDS128U O55CC MX29LV 150CA
Product Description
Full Text Search
 

To Download 0675600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Ceramic Body
3.6 x 10 mm Slo-Blo
(R)
Fuse 675 Series
UL (R)
(R)
* Designed to UL/CSA 248 Standard. * Slo-Blo, ceramic body fuse in a compact package. * This space saving fuse is ideally suited for lighting, power supply, and adapter applications.
ELECTRICAL CHARACTERISTICS: % of Ampere Opening Rating Time
100% 200% 4 hours, Minimum 60 seconds, Max.
AGENCY APPROVALS: Listed by Underwriters Laboratories
and Certified by CSA from 0.100 through 5 Amps.
INTERRUPTING RATING:
50A @ 250V AC
PACKAGING OPTIONS: Please refer to the following suffixes when ordering:
Bulk (1000 pieces): Add MXE suffix to the catalog part number. Tape and Reel (1500 pieces): Add DRT4 suffix to the catalog part number.
3.9 (.153")
675 000 Series
0.6 (.024")
TAPE AND REEL SPECIFICATIONS:
Per EIA-296 with 10mm pitch and 56.5mm inside tape spacing.
11.0 (.433") 30.0 (1.181") TYP.
Axial Lead Material: Solder coated copper.
500m
ORDERING INFORMATION:
Catalog Number 0675.100 0675.125 0675.200 0675.250 0675.300 0675.400 0675.500 0675.600 0675.800 0675 001. 0675 01.5 0675 01.6 0675 002. 0675 02.5 0675 003. 0675 004. 0675 005. Ampere Rating .100 .125 .200 .250 .300 .400 .500 .600 .800 1.00 1.50 1.60 2.00 2.50 3.00 4.00 5.00 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Nominal Resistance Melting i2t Cold mOhms A2Sec. 7.5100 0.00250 2.9750 0.00360 2.4850 0.0158 1.7520 0.0250 1.1710 0.0322 0.3035 0.0750 0.2270 0.132 0.1504 0.469 0.1110 0.926 0.0930 1.22 0.0510 3.51 0.0490 3.71 0.0405 6.70 0.0342 9.25 0.0245 18.3 0.0193 28.1 0.0113 58.8
Average Time Current Curves
1.6A 2A 3A 3.5A 4A 5A 6A 8A 10A 1A
1000
11
100
10
TIME IN SECONDS
1
0.1
0.01
0.001 0.1
1 10 CURRENT IN AMPERES
100
1000
w w w. l i t t e l f u s e . c o m
435
AXIAL LEAD AND CARTRIDGE FUSES


▲Up To Search▲   

 
Price & Availability of 0675600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X