Part Number Hot Search : 
MA4ST350 00158 00BZXI ADG1436Y TLP59 2C2907A ENN7426 KP1500A
Product Description
Full Text Search
 

To Download 0232125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to METI Standard
RoHS
Pb
5 x 20 mm Medium-Acting Fuse 232 Series
* Designed to Japanese Standard JIS C6575. * Available in Cartridge, Axial and Radial Lead Format. * Available in ratings of 1A to 10A. * RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 130% 160% 200% 1000% Opening Time 1 hour, Minimum 1 hour, Maximum 2 minutes, Maximum .01 sec, Minimum
INTERRUPTING RATING:
1A-5A 10,000A @ 125VAC, 0.7-0.8 power factor 6.3A-10A 300A @ 125VAC, 0.7-0.8 power factor 100 amperes at 250 VAC, 0.7-0.8 power factor
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number Catalog Number 0232 001. 0232 1.25 0232 01.6 0232 002. 0232 02.5 0232 003. 0232 3.15 0232 004. 0232 005. 0232 06.3 0232 008. 0232 010. Ampere Rating 1 1.25 1.6 2 2.5 3 3.15 4 5 6.3 8 10 Voltage Rating* 125/250 125/250 125/250 125/250 125/250 125/250 125/250 125/250 125/250 125/250 125/250 125/250 Nominal Resistance Cold Ohms 0.0957 0.0707 0.0567 0.0385 0.0297 0.0257 0.0235 0.018 0.0145 0.0105 .0076 .0061 Nominal Melting I2t A2 Sec 1.41 4.22 7.14 8.47 14.25 17.65 22.55 38.75 58.25 92.85 187.5 298.5
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C)
Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS: Material: Body: Glass
Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
*To order 125V rating, add part number suffix X125
422
w w w. l i t t e l f u s e . c o m
Axial Lead and Cartridge Fuses
RoHS
Pb
5 x 20 mm Medium-Acting Fuse 232 Series
0232 0001
Ampere Range 1A - 5A 125V 10,000A 6.3A - 10A 125V 300A 1A - 5A 125V 10,000A 6.3A - 10A 125V 300A 1A - 10A (125V) 1A - 10A
5.1+0.6 5.1+0.6 20+0.5 5.2+0.1 -0.2
Agency Approvals
Agency Approvals Certificate No. Cartridge NBK010702-E10480 A NBK290502-E10480 C Leaded NBK010702-E10480 B NBK290502-E10480 E SU05001-2001
20+0.5
0232 000 XW
2
Certificate No.
0.64 20.64+2.0
25.0+0.5
40
22.5 MAX
5.8 MAX
0232 000 XE2
0.65* All dimensions in mm Notes: * Ratings above 6.3A have 0.8 mm dia lead 1 For RoHS compliant parts add suffix 'XP' 2 For RoHS compliant parts add suffix 'P'
Average Time Current Curves
1A 1.25A 1.6A 2A 2.5A 3A 3.15A 4A 5A 6.3A 8A 10A
11
AXIAL LEAD AND CARTRIDGE FUSES
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01
0.001 1 10 CURRENT IN AMPERES 100 1000
w w w. l i t t e l f u s e . c o m
423


▲Up To Search▲   

 
Price & Availability of 0232125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X