Part Number Hot Search : 
SUD50N IC18F BF909 SUD50N A117F D27512 SUD50N SHD11
Product Description
Full Text Search
 

To Download ZVN1409A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 2 - MARCH 94 FEATURES * 90 Volt VDS * Low input capacitance * Fast switching
ZVN1409A
D G
S
E-Line TO92 Compatible
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current Pulsed Drain Current Gate Source Voltage Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V DS ID I DM V GS P tot T j :T stg VALUE 90 10 40 20 625 -55 to +150 UNIT V mA mA V mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Breakdown Voltage Gate Body Leakage Zero Gate Voltage Drain Current On State Drain Current (1) Static Drain Source On State Resistance (1) SYMBOL BV DSS V GS(th) I GSS I DSS MIN. 90 0.8 2.4 100 MAX. UNIT V V nA CONDITIONS. I D=0.1mA, V GS=0V ID=0.1mA, V DS= V GS V GS= 20V, V DS=0V V DS=90V, V GS=0V V DS=72V, V GS=0V, T=125C V DS=25 V, V GS=10V V GS=10V,I D=5mA V DS=25V,I D=10mA
1 A 100 (2) A 10 250 2 6.5 3 0.65 0.3 0.5 0.35 0.5 mA mS pF pF pF ns ns ns ns
I D(on) R DS(on)
Forward Transconductance (1)( g fs 2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3)(4) Rise Time (2)(3)(4) Turn-Off Delay Time (2)(3)(4) Fall Time (2)(3)(4) C iss C oss C rss t d(on) tr t d(off) tf
V DS=25 V, V GS=0V f=1MHz
V DD 25V, I D=5mA
3-358
( 1
ZVN1409A
TYPICAL CHARACTERISTICS
70 60 VGS= 10V 8V 40 30 20 10 6V 5V 4V 3V 0 0 10 20 30 40 50 0 2 4 6 8 10 50 VGS= 10V 8V
ID-Drain Current (mA)
50
ID-Drain Current (mA)
40 30
6V 5V 4V 3V
20
10
VDS - Drain Source Voltage (Volts)
VDS - Drain Source Voltage (Volts)
Output Characteristics
Saturation Characteristics
10
50
VDS-Drain Source Voltage (Volts)
ID-Drain Current (mA)
8
40
VDS= 10V
6
30 20 10
4
ID= 24mA 18mA 12mA
2
0 2 4 6 8 10
0
2
4
6
8
10
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Voltage Saturation Characteristics
Transfer Characteristics
VGS=4V 5V
6V 8V 10V 2.4
RDS-Drain Source Resistance ()
1000
Normalised RDS(on) and VGS(th)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -80 -60 -40 -20
500
r ou -S in ra D
R ce an ist VGS=10V es R ID=5mA ce
VGS=VDS ID=1mA
n) (o DS
Gate Thresh old
Voltage VG S(t
h)
100 1 10 100
0 20 40 60 80 100 120 140 160
ID-Drain Current (mA)
Tj-Junction Temperature (C)
On-resistance v drain current
Normalised RDS(on) and VGS(th) vs Temperature
3-359
ZVN1409A
TYPICAL CHARACTERISTICS
10 10
gfs-Transconductance (mS)
gfs-Transconductance (mS)
8 6 4 2 0 0 10 20 30 40 50 VDS=10V
8 6 4 2 0 0 2 4 6
VDS=10V
8
10
ID(on)- Drain Current (mA)
VGS-Gate Source Voltage (Volts)
Transconductance v drain current
Transconductance v gate-source voltage
16
VGS-Gate Source Voltage (Volts)
10 8 6 4 2 0 0 10 20 30 40 50 Crss
14 12 10 8 6 4 2 0 0
ID=25mA VDS= 30V 60V 90V
C-Capacitance (pF)
Coss Ciss
0.1
0.2
0.3
0.4
0.5
0.6
VDS-Drain Source Voltage (Volts)
Q-Charge (nC)
Capacitance v drain-source voltage
Gate charge v gate-source voltage
3-360


▲Up To Search▲   

 
Price & Availability of ZVN1409A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X