|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VTSRC, VSSRC, VSORC-AA Vishay Thin Film 25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks FEATURES * Resistors and capacitors on a single chip * Saves board space * Reduces total assembly costs Small Outline, Surface Mount, EMI/RFI Reduction Actual Size * Uniform performance characteristics * Compatible with automatic surface mounting equipment * UL 94V-0 flame resistant * Rugged, molded case construction Vishay Thin Film's T filter network is an integrated thin film network on a single die. Noise suppression is at a maximum with the use of thin film technology. The T filter network, schematic AA is designed to suppress EMI/RFI noise with such applications as I/O ports of personal computers and peripherals, workstations and Local Area Networks. With a rugged molded case to protect the circuit from the environment and an integrated thin film network this product is your choice when reduced size, improved accuracy and surface mount capability are your goals. Available packages SOIC, SSOP and TSSOP. TYPICAL PERFORMANCE TCR RESISTOR CAPACITOR MODELS VSSRC X X X X X X X X X X X X X 200 TCC 200 TOLERANCE 10% TOLERANCE 20% STANDARD VALUES R (Ohms) C (pF) 10 47 10 100 15 47 25 50 25 150 25 200 47 33 50 100 100 33 100 390 SCHEMATIC AA 20 19 18 17 16 15 14 13 12 11 VSORC X VTSRC X X 1 2 3 4 5 6 7 8 9 10 X X STANDARD ELECTRICAL SPECIFICATIONS TEST MATERIAL Resistance Range TCR: Tracking Absolute SPECIFICATIONS TANTALUM NITRIDE ON SILICON 10 ohms to 750 ohm 10ppm/C 200ppm/C 10% standard (R) 20% standard (C) 1W - (T)SSOP 1.2W - SOIC 10pF to 150pF - (T)SSOP/10pF to 250pF - SOIC 2% > 2kV 35 - 50V 0 to + 70C - 55C to + 125C 100mW 1000 hrs. MIL-STD-883, Method 3015 @ 1MHz & VRMS over + 10C to + 70C Power Rating: Package See Derating Curve 0C to + 70C CONDITIONS RC NETWORKS Tolerance: Absolute Absolute Capacitance Range Stability ( R Ratio) ESD Protection Breakdown Voltage Operating Temperature Range Storage Temperature Range Power Rating/Resistor VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081 www.vishay.com 176 Document Number: 60083 Revision 06-Aug-02 VTSRC, VSSRC, VSORC-AA 25 or 50 Mil Pitch, T-Filter R/C Networks Vishay Thin Film DIMENSIONS AND IMPRINTING in inches and millimeters MODEL B Model RES/CAP Date Code C xxxxx INCHES A B (Ref.) C (Ref.) D E (Typ.) Pin #1 A VTSRC20-AA MILLIMETERS 6.5 0.08 0.65 0.22 0.10 0.61 4.39 0.08 0.38 6.4 0.13 0.13 VSSRC20-AA INCHES MILLIMETERS 0.351 Max. 0.025 0.010 0.006 0.025 0.154 0.003 0.015 x 45 0.236 0.008 0.010 8.91 Max. 0.64 0.25 0.15 0.64 3.9 0.38 6.0 0.20 0.25 1.6 VSORC20-AA INCHES MILLIMETERS 0.500 0.010 0.050 0.016 0.008 0.030 0.293 0.003 0.025 x 45 0.406 0.005 0.010 0.100 0.005 12.7 0.25 1.27 0.41 0.20 0.76 7.44 0.64 10.31 0.25 2.59 0.256 0.003 0.025 0.0087 0.004 0.024 0.173 0.003 0.015 x 45 0.252 0.005 0.005 xxx/xxx xxxx F G H D J (Ref.) W 0.043 0.005 1.09 0.13 0.064 0.005 NOTE: Mold flash not included in body dimensions. RES/CAP IMPRINTING E VSORC, VSSRC, VTSRC MODEL 20 PIN COUNT AA SCHEMATIC XXX / XXX RESISTANCE / CAPACITANCE Code: e.g. Code: e.g. 100 = 10 ohm 101 = 100pF F G J W H XXXX Date Code *Optional marking MECHANICAL SPECIFICATIONS Resistive Element Substrate Material Body Terminals Plating Lead Coplanarity Marking Resistance to Solvents Tantalum Nitride Silicon Molded Epoxy Copper Alloy Tin Lead 0.0005 Inches Permanency testing per MIL-STD-202, Method 215 Percent of Rated Power 100 80 60 40 20 0 -50 DERATING CURVE 0 25 70 125 150 Ambient Temperature C PACKING MODEL VTSRC (TSSOP) VSSRC (SSOP) VSORC (SOIC) LEADS 20 20 20 TAPE AND REEL 2,500 2,500 1,000 TUBES 74 55 38 RC NETWORKS How to Order MODEL VTSRC VSSRC VSORC Number of LeadsSchematic 20 20 20 AA AA AA Resistance Value (Code ) Capacitor Tolerance (Code pF) xxxK / xxxM First 2 digits are significant figures. Last digit specifies number of zeros to follow. K =10% M = 20% Packaging Tape & Reel or Tubes VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081 Document Number: 60083 Revision 06-Aug-02 www.vishay.com 177 |
Price & Availability of VSSRC-AA |