Part Number Hot Search : 
10180 AE9964 KV2151 UD4015 PD7801 PK25F120 TA0506A PK25F120
Product Description
Full Text Search
 

To Download UPD160062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD160062
420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
DESCRIPTION
The PD160062 is a source driver for TFT-LCDs capable of dealing with displays with 64-gray scale. Data input is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors by output of 64 values -corrected by an internal D/A converter and 5-by-2 external power modules. Because the output dynamic range is as large as VSS2 +0.1 V to VDD2 -0.1 V, level inversion operation of the LCD's common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and column line inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a clock frequency of 45 MHz when driving at 2.3 V, this driver is applicable to SXGA+ standard TFT-LCD panels.
FEATURES
* CMOS level input (2.3 to 3.6 V) * 420 outputs * Input of 6 bits (gray scale data) by 6 dots * Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter (R-DAC) * Logic power supply voltage (VDD1) : 2.3 to 3.6 V * Driver power supply voltage (VDD2) : 8.0 to 9.0 V * High-speed data transfer: fCLK = 45 MHz (internal data transfer speed when operating at VDD1 = 2.3 V) * Output dynamic range VSS2 +0.1 V to VDD2 -0.1 V * Apply for dot-line inversion, n-line inversion and column line inversion * Output voltage polarity inversion function (POL) * Input data inversion function (capable of controlling by each input port) (POL21, POL22) * Current consumption control function (LPC, HPC, Bcont) * Slim chip
ORDERING INFORMATION
Part Number Package TCP (TAB package)
PD160062N-xxx
Remark The TCP's external shape is customized. To order the required shape, please contact one of our sales representatives.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. S16449EJ1V0DS00 (1st edition) Date Published July 2003 NS CP(K) Printed in Japan
2002
PD160062
1. BLOCK DIAGRAM
STHR R,/L CLK STB C1 C2 STHL VDD1 VSS1 C69 C70
70-bit bidirectional shift register
D00 to D05 D10 to D15 D20 to D25 D30 to D35 D40 to D45 D50 to D55 POL21, POL22
Data register
POL
Latch
VDD2 Level shifter VSS2
V0 to V9
D/A converter
HPC LPC Bcont
Voltage follower output
S1
S2
S3
S420
Remark /xxx indicates active low signal.
2. RELATIONSHIP BETWEEN OUTPUT CIRCUIT AND D/A CONVERTER
S1 S2 S419 S420
V0 V4 V5 V9 Multiplexer
5
6-bit D/A converter 5
POL
2
Data Sheet S16449EJ1V0DS
PD160062
3. PIN CONFIGURATION ( PD160062N-xxx: TCP) (Copper Foil Surface, Face-up)
STHL D55 D54 D53 D52 D51 D50 D45 D44 D43 D42 D41 D40 D35 D34 D33 D32 D31 D30 VDD1 R,/L V9 V8 V7 V6 V5 VDD2 VSS2 Bcont V4 V3 V2 V1 V0 HPC VSS1 LPC CLK STB POL POL21 POL22 D25 D24 D23 D22 D21 D20 D15 D14 D13 D12 D11 D10 D05 D04 D03 D02 D01 D00 STHR
S420 S419 S418 S417
Copper Foil Surface
S4 S3 S2 S1
Remark This figure does not specify the TCP package.
Data Sheet S16449EJ1V0DS
3
PD160062
4. PIN FUNCTIONS
(1/2)
Pin Symbol S1 to S420 D00 to D05 D10 to D15 D20 to D25 D30 to D35 D40 to D45 D50 to D55 R,/L Shift direction control Input The shift direction control pin of shift register. The shift directions of the shift registers are as follows. R,/L = H (right shift) : STHR input, S1 S420, STHL output R,/L = L (left shift) : STHL input, S420 S1, STHR output STHR Right shift start pulse I/O These refer to the start pulse I/O pins when driver ICs are connected in cascade. Fetching of display data starts when H is read at the rising edge of CLK. R,/L = H (right shift) : STHR input, STHL output STHL Left shift start pulse I/O R,/L = L (left shift) : STHL input, STHR output A H level should be input as the pulse of one cycle of the clock signal. If the start pulse input is more than 2 CLK, the first 1 CLK of the H level input is valid. CLK Shift clock Input Refers to the shift register's shift clock input. The display data is incorporated into the data register at the rising edge. At the rising edge of the 70th clock after the start pulse input, the start pulse output reaches the high level, thus becoming the start pulse of the next-level driver. If 72 clock pulses are input after input of the start pulse, input of display data is halted automatically. The contents of the shift register are cleared at the STB's rising edge. STB Latch Input The contents of the data register are transferred to the latch circuit at the rising edge. And, at the falling edge, the gray scale voltage is supplied to the driver. It is necessary to ensure input of one pulse per horizontal period. POL Polarity input Input POL = L: The S2n-1 output uses V0 to V4 as the reference supply. The S2n output uses V5 to V9 as the reference supply. POL = H: The S2n-1 output uses V5 to V9 as the reference supply. The S2n output uses V0 to V4 as the reference supply. S2n-1 indicates the odd output and S2n indicates the even output. Input of the POL signal is allowed the setup time (tPOL-STB) with respect to STB's rising edge. POL21, POL22 Data inversion Input Data inversion can invert when display data is loaded. POL21: Invert/not invert of display data D00 to D05, D10 to D15, D20 to D25 POL22: Invert/not invert of display data D30 to D35, D40 to D45, D50 to D55 POL21, POL22 = H: Data inversion loads display data after inverting it. POL21, POL22 = L: Data inversion does not invert input data. LPC Low power control Input Controls the write function of the driver section by digitally controlling the bypass current of the output amplifier. Refer to 9. CURRENT CONSUMPTION HPC High power control Input CONTROL FUNCTION for details. This pin is pulled up to the VDD1 power supply inside the IC. Bcont Bias control Input This pin can be used to finely control the bias current inside the output amplifier. Refer to 9. CURRENT CONSUMPTION CONTROL FUNCTION for details. When this fine-control function is not required, leave this pin open. Pin Name Driver Display data I/O Output Input Description The D/A converted 64-gray-scale analog voltage is output. The display data is input with a width of 36 bits, viz., the gray scale data (6 bits) by 6 dots (2 pixels). DX0: LSB, DX5: MSB
4
Data Sheet S16449EJ1V0DS
PD160062
(2/2)
Pin Symbol V0 to V9 Pin Name I/O - Description Input the -corrected power supplies from outside by using operational amplifier. Make sure to maintain the following relationships. During the gray scale voltage output, be sure to keep the gray scale level power supply at a constant level. VDD2 -0.1 V V0 > V1 > V2 > V3 > V4 0.5 V DD2 0.5 V DD2 V5 > V6 > V7 > V8 > V9 VSS2 +0.1 V VDD1 VDD2 VSS1 VSS2 Logic power supply Driver power supply Logic ground Driver ground - - - - 2.3 to 3.6 V 8.0 to 9.0 V Grounding Grounding
-corrected power
supplies
Cautions 1. The power start sequence must be VDD1, logic input, and VDD2 & V0 to V9 in that order. Reverse this sequence to shut down. 2. To stabilize the supply voltage, please be sure to insert a 0.1 F bypass capacitor between VDD1-VSS1 and VDD2-VSS2. Furthermore, for increased precision of the D/A converter, insertion of a bypass capacitor of about 0.01 F is also recommended between the -corrected power supply terminals (V0, V1, V2, ***, V9) and VSS2.
Data Sheet S16449EJ1V0DS
5
PD160062
5. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The PD160062 incorporates a 6-bit D/A converter whose odd output pins and even output pins output respectively gray scale voltages of differing polarity with respect to the LCD's counter electrode (common electrode) voltage. The D/A converter consists of ladder resistors and switches. The ladder resistors (r0 to r62) are designed so that the ratio of LCD panel -compensated voltages to V0' to V63' and V0" to V63" is almost equivalent. For the 2 sets of five -compensated power supplies, V0 to V4 and V5 to V9, respectively, input gray scale voltages of the same polarity with respect to the common voltage. When fine gray scale voltage precision is not necessary, there is no need to connect a voltage follower circuit to the -compensated power supplies V1 to V3 and V6 to V8. Figure 5-1 shows the relationship between the driving voltages such as liquid-crystal driving voltages VDD2 and VSS2, common electrode potential VCOM, and -corrected voltages V0 to V9 and the input data. Be sure to maintain the voltage relationships of VDD2 -0.1 V V0 > V1 > V2 > V3 > V4 0.5 VDD2 0.5 VDD2 V5 > V6 > V7 > V8 > V9 VSS2 +0.1 V Figures 5-2 shows -corrected power supply voltage and ladder resistors ratio and figure 5-3 shows the relationship between the input data and the output voltage. Figure 5-1. Relationship between Input Data and -corrected Power Supplies
VDD2 0.1 V V0 Split interval
16
V1 16 V2 V3 16 15 V4 VCOM 0.5 VDD2 V5 15 V6 V7 V8 16 16
16
V9 0.1 V VSS2 00 10 20 Input data (HEX) 30 3F
6
Data Sheet S16449EJ1V0DS
PD160062
Figure 5-2. -corrected Voltages and Ladder Resistors Ratio
V0 r0 V1' r1 V2' r2 V3' r3 r59 r60 V60'' r61 V61'' V0' V5 r62 V62'' V63''
r14 V15' r15 V1 r16 V17' r17 V16' V6
r49 V49'' r48 V48'' r47 V47'' r46
r46 V47' r47 V3 r48 V49' r49 V48' V8
r17 V17'' r16 V16'' r15 V15'' r14
r60 V61' r61 V62' r62 V4 V63' V9
r2 V2'' r1 V1'' r0 V0''
rn Ratio 1 Ratio 2 r0 8.00 0.0505 r1 7.50 0.0473 r2 7.00 0.0442 r3 6.50 0.0410 r4 6.00 0.0379 r5 5.50 0.0347 r6 5.50 0.0347 r7 5.00 0.0315 r8 5.00 0.0315 r9 4.00 0.0252 r10 4.00 0.0252 r11 3.50 0.0221 r12 3.50 0.0221 r13 3.50 0.0221 r14 3.00 0.0189 r15 3.00 0.0189 r16 3.00 0.0189 r17 2.50 0.0158 r18 2.50 0.0158 r19 2.50 0.0158 r20 2.00 0.0126 r21 2.00 0.0126 r22 2.00 0.0126 r23 1.50 0.0095 r24 1.50 0.0095 r25 1.50 0.0095 r26 1.50 0.0095 r27 1.00 0.0063 r28 1.00 0.0063 r29 1.00 0.0063 r30 1.00 0.0063 r31 1.00 0.0063 r32 1.00 0.0063 r33 1.00 0.0063 r34 1.00 0.0063 r35 1.00 0.0063 r36 1.00 0.0063 r37 1.00 0.0063 r38 1.00 0.0063 r39 1.00 0.0063 r40 1.00 0.0063 r41 1.00 0.0063 r42 1.00 0.0063 r43 1.00 0.0063 r44 1.00 0.0063 r45 1.00 0.0063 r46 1.00 0.0063 r47 1.00 0.0063 r48 1.00 0.0063 r49 1.00 0.0063 r50 1.00 0.0063 r51 1.00 0.0063 r52 1.00 0.0063 r53 1.50 0.0095 r54 1.50 0.0095 r55 1.50 0.0095 r56 2.00 0.0126 r57 2.00 0.0126 r58 2.50 0.0158 r59 2.50 0.0158 r60 3.00 0.0189 r61 5.00 0.0315 r62 8.00 0.0505 Total resistance Minimum resistance value
Value () 544 510 476 442 408 374 374 340 340 272 272 238 238 238 204 204 204 170 170 170 136 136 136 102 102 102 102 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 68 102 102 102 136 136 170 170 204 340 544 10778 68
Remark The resistance ratio1 is a relative ratio in the case of setting the minimum resistance value to 1. The resistance ratio2 is a relative ratio in the case of setting the total resistance to 1. Caution There is no connection between V4 and V5 terminal in the chip.
Data Sheet S16449EJ1V0DS
7
PD160062
Figure 5-3. Relationship between Input Data and Output Voltage (POL21, POL22 = L) (Output Voltage 1) VDD2 -0.1 V V0 > V1 > V2 > V3 > V4 0.5 VDD2 (Output Voltage 2) 0.5 VDD2 V5 > V6 > V7 > V8 > V9 VSS2 +0.1 V
Input Data 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH V0' V1' V2' V3' V4' V5' V6' V7' V8' V9' V10' V11' V12' V13' V14' V15' V16' V17' V18' V19' V20' V21' V22' V23' V24' V25' V26' V27' V28' V29' V30' V31' V32' V33' V34' V35' V36' V37' V38' V39' V40' V41' V42' V43' V44' V45' V46' V47' V48' V49' V50' V51' V52' V53' V54' V55' V56' V57' V58' V59' V60' V61' V62' V63' Output Voltage 1 V0 V1+(V0-V1)x 4930 V1+(V0-V1)x 4420 V1+(V0-V1)x 3944 V1+(V0-V1)x 3502 V1+(V0-V1)x 3094 V1+(V0-V1)x 2720 V1+(V0-V1)x 2346 V1+(V0-V1)x 2006 V1+(V0-V1)x 1666 V1+(V0-V1)x 1394 V1+(V0-V1)x 1122 V1+(V0-V1)x 884 V1+(V0-V1)x 646 V1+(V0-V1)x 408 V1+(V0-V1)x 204 V1 V2+(V1-V2)x 1666 V2+(V1-V2)x 1496 V2+(V1-V2)x 1326 V2+(V1-V2)x 1156 V2+(V1-V2)x 1020 V2+(V1-V2)x 884 V2+(V1-V2)x 748 V2+(V1-V2)x 646 V2+(V1-V2)x 544 V2+(V1-V2)x 442 V2+(V1-V2)x 340 V2+(V1-V2)x 272 V2+(V1-V2)x 204 V2+(V1-V2)x 136 V2+(V1-V2)x 68 V2 V3+(V2-V3)x 1020 V3+(V2-V3)x 952 V3+(V2-V3)x 884 V3+(V2-V3)x 816 V3+(V2-V3)x 748 V3+(V2-V3)x 680 V3+(V2-V3)x 612 V3+(V2-V3)x 544 V3+(V2-V3)x 476 V3+(V2-V3)x 408 V3+(V2-V3)x 340 V3+(V2-V3)x 272 V3+(V2-V3)x 204 V3+(V2-V3)x 136 V3+(V2-V3)x 68 V3 V4+(V3-V4)x 2278 V4+(V3-V4)x 2210 V4+(V3-V4)x 2142 V4+(V3-V4)x 2074 V4+(V3-V4)x 2006 V4+(V3-V4)x 1904 V4+(V3-V4)x 1802 V4+(V3-V4)x 1700 V4+(V3-V4)x 1564 V4+(V3-V4)x 1428 V4+(V3-V4)x 1258 V4+(V3-V4)x 1088 V4+(V3-V4)x 884 V4+(V3-V4)x 544 V4 V0'' V1'' V2'' V3'' V4'' V5'' V6'' V7'' V8'' V9'' V10'' V11'' V12'' V13'' V14'' V15'' V16'' V17'' V18'' V19'' V20'' V21'' V22'' V23'' V24'' V25'' V26'' V27'' V28'' V29'' V30'' V31'' V32'' V33'' V34'' V35'' V36'' V37'' V38'' V39'' V40'' V41'' V42'' V43'' V44'' V45'' V46'' V47'' V48'' V49'' V50'' V51'' V52'' V53'' V54'' V55'' V56'' V57'' V58'' V59'' V60'' V61'' V62'' V63'' Output Voltage 2 V9 V9+(V8-V9)x 544 V9+(V8-V9)x 1054 V9+(V8-V9)x 1530 V9+(V8-V9)x 1972 V9+(V8-V9)x 2380 V9+(V8-V9)x 2754 V9+(V8-V9)x 3128 V9+(V8-V9)x 3468 V9+(V8-V9)x 3808 V9+(V8-V9)x 4080 V9+(V8-V9)x 4352 V9+(V8-V9)x 4590 V9+(V8-V9)x 4828 V9+(V8-V9)x 5066 V9+(V8-V9)x 5270 V8 V8+(V7-V8)x 204 V8+(V7-V8)x 374 V8+(V7-V8)x 544 V8+(V7-V8)x 714 V8+(V7-V8)x 850 V8+(V7-V8)x 986 V8+(V7-V8)x 1122 V8+(V7-V8)x 1224 V8+(V7-V8)x 1326 V8+(V7-V8)x 1428 V8+(V7-V8)x 1530 V8+(V7-V8)x 1598 V8+(V7-V8)x 1666 V8+(V7-V8)x 1734 V8+(V7-V8)x 1802 V7 V7+(V6-V7)x 68 V7+(V6-V7)x 136 V7+(V6-V7)x 204 V7+(V6-V7)x 272 V7+(V6-V7)x 340 V7+(V6-V7)x 408 V7+(V6-V7)x 476 V7+(V6-V7)x 544 V7+(V6-V7)x 612 V7+(V6-V7)x 680 V7+(V6-V7)x 748 V7+(V6-V7)x 816 V7+(V6-V7)x 884 V7+(V6-V7)x 952 V7+(V6-V7)x 1020 V6 V6+(V5-V6)x 68 V6+(V5-V6)x 136 V6+(V5-V6)x 204 V6+(V5-V6)x 272 V6+(V5-V6)x 340 V6+(V5-V6)x 442 V6+(V5-V6)x 544 V6+(V5-V6)x 646 V6+(V5-V6)x 782 V6+(V5-V6)x 918 V6+(V5-V6)x 1088 V6+(V5-V6)x 1258 V6+(V5-V6)x 1462 V6+(V5-V6)x 1802 V5
/ / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / /
5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346
/ / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / / /
5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 5474 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1870 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 1088 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346 2346
8
Data Sheet S16449EJ1V0DS
PD160062
6. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT PIN
Data format: 6 bits x 2 RGBs (6 dots) Input width: 36 bits (2-pixel data)
(1) R,/L = H (right shift)
Output Data S1 D00 to D05 S2 D10 to D15 S3 D20 to D25 S4 D30 to D35 S419 D40 to D45 S420 D50 to D55
(2) R,/L = L (left shift)
Output Data S1 D00 to D05 S2 D10 to D15 S3 D20 to D25 S4 D30 to D35 S419 D40 to D45 S420 D50 to D55
POL L H
S2n-1
Note
S2n
Note
V0 to V4 V5 to V9
V5 to V9 V0 to V4
Note S2n-1 (odd output), S2n (even output)
7. RELATIONSHIP BETWEEN STB, POL AND OUTPUT WAVEFORM
The output voltage is written to the LCD panel synchronized with the STB falling edge.
STB
POL
S2n-1
Selected voltage V0 to V4
Selected voltage V5 to V9
Selected voltage V0 to V4
S2n
Selected voltage V5 to V9
Selected voltage V0 to V4
Selected voltage V5 to V9
Hi-Z
Hi-Z
Hi-Z
Remark Hi-Z: High impedance
Data Sheet S16449EJ1V0DS
9
PD160062
8. RELATIONSHIP BETWEEN STB, CLK AND OUTPUT WAVEFORM
The output voltage is written to the LCD panel synchronized with the STB falling edge.
Figure 8-1. Output Circuit Block Diagram
Output Amp.
-
DAC
+ SW1 Sn (VX)
VAMP(IN)
Figure 8-2. Output Circuit Timing Waveform
[1]
CLK (External input) STB (External input) SW1: ON
[2]
SW1: OFF
SW1: ON
VAMP(IN)
Sn (VOUT: External output) Output
Hi-Z
Output
Remarks 1. STB = L: SW1 = ON, STB = H: SW1 = OFF 2. STB = H is acknowledged at timing [1] . 3. The display data latch is completed at timing [2] and the input voltage (VAMP(IN): gray-scale level voltage) of the output amplifier changes.
10
Data Sheet S16449EJ1V0DS
PD160062
9. CURRENT CONSUMPTION CONTROL FUNCTION
The PD160062 has a power control function which can switch the bias current of the output amplifier between four levels and a bias control function (Bcont) which can be used to finely control the bias current.
< Power control function (LPC, HPC) >
The bias current of the output amplifier can be switched between four levels using LPC (Low Power Control) pins and HPC (High Power Control) pins (show in below table).
Power Mode High Middle Normal Low
LPC L H or open L H or open
HPC L L H or open H or open
Following graph shows the relationship between each power modes and bias current.
High Middle Normal Low
IDD2
6.00
7.00
8.00
9.00
VDD2
Remark This relationship is founded on results of simulation and don't assuring a characteristics of this product.
Data Sheet S16449EJ1V0DS
11
PD160062
< Bias Current Control Function (Bcont) > It is possible to fine-control the current consumption by using the bias current control function (Bcont pin). When using this function, connect this pin to the stabilized ground potential (VSS2) via an external resistor (REXT). When not using this function, leave this pin open.
Figure 9-1. Bias Current Control Function (Bcont)
PD160062
Bcont
HPC LPC
H/L H/L
REXT
VSS2
Refer to the table below for the percentage of current regulation when using the bias current control function.
Table 9-1. Current Consumption Regulation Percentage Compared to Normal Mode (VDD1 = 3.3 V, VDD2 = 8.7 V)
REXT (k) (Open) 50 20 10 Current Consumption Regulation Percentage (%) LPC = L 100 110 115 120 LPC = H/open 65 70 80 85
Remark The above current consumption regulation percentages are founded on results of simulation and don't assuring a characteristics of this product.
Caution Because the power and bias-current control functions control the bias current in the output amplifier and regulate the over-all current consumption of the driver IC, when this occurs, the characteristics of the output amplifier will simultaneously change. Therefore, when using these functions, be sure to sufficiently evaluate the picture quality.
12
Data Sheet S16449EJ1V0DS
PD160062
10. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25C, VSS1 = VSS2 = 0 V)
Parameter Logic Part Supply Voltage Driver Part Supply Voltage Logic Part Input Voltage Driver Part Input Voltage Logic Part Output Voltage Driver Part Output Voltage Operating Ambient Temperature Storage Temperature Symbol VDD1 VDD2 VI1 VI2 VO1 VO2 TA Tstg Rating -0.5 to +4.0 -0.5 to +10.0 -0.5 to VDD1 +0.5 -0.5 to VDD2 +0.5 -0.5 to VDD1 +0.5 -0.5 to VDD2 +0.5 -10 to +75 -55 to +125 Unit V V V V V V C C
Caution Product qualify may suffer if the absolute maximum rating is exceeded even momentarily for any parameter/ That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA = -10 to +75C, VSS1 = VSS2 = 0 V)
Parameter Logic Part Supply Voltage Driver Part Supply Voltage High-Level Input Voltage Low-Level Input Voltage Symbol VDD1 VDD2 VIH VIL V0 to V4 V5 to V9 Driver Part Output Voltage Maximum Clock Frequency VO fCLK VDD1 = 2.3 V Conditions MIN. 2.3 8.0 0.7 VDD1 0 0.5 VDD2 VSS2 +0.1 VSS2 +0.1 8.5 TYP. MAX. 3.6 9.0 VDD1 0.3 VDD1 VDD2 -0.1 0.5 VDD2 VDD2 -0.1 45 Unit V V V V V V V MHz
-corrected Voltage
Data Sheet S16449EJ1V0DS
13
PD160062
Electrical Characteristics (TA = -10 to +75C, VDD1 = 2.3 to 3.6 V, VDD2 = 8.0 to 9.0 V, VSS1 = VSS2 = 0 V, unless otherwise specified, power mode = normal, Bcont = open.)
Parameter Input Leak Current High-Level Output Voltage Low-Level Output Voltage Symbol IIL VOH VOL R STHR (STHL), IOH = 0 mA STHR (STHL), IOL = 0 mA VDD2 = 8.5 V, V0 to V4 = V5 to V9 = 4.0 V Driver Output Current IVOH IVOL Output Voltage Deviation Output swing difference deviation Logic Part Dynamic Current Consumption Driver Part Dynamic Current Consumption IDD2 VDD2, with no load 3.0 6.5 mA IDD1 VDD1 1.0 6.5 mA VO VP-P VX = 7.0 V, VOUT = 6.5 V VX = 1.0 V, VOUT = 1.5 V TA = 25C, VDD1 = 3.3 V, VDD2 = 8.5 V, VOUT = 2.0 V, 4.25 V, 6.5 V 2 15 mV
Note Note
Conditions
MIN.
TYP.
MAX. 1.0
Unit
A
V
VDD1 -0.1 0.1 5.4 10.8 21.6
V k
-corrected Resistance
-30 30 7 20
A A
mV
Note VX refers to the output voltage of analog output pins S1 to S420. VOUT refers to the voltage applied to analog output pins S1 to S420.
Cautions 1. fSTB = 64 kHz, fCLK = 40 MHz 2. The TYP. values refer to an all black or all white input pattern. The MAX. value refers to the measured values in the dot checkerboard input pattern. 3. Refers to the current consumption per driver when cascades are connected under the assumption of SXGA+ single-sided mounting (10 units).
Switching Characteristics (TA = -10 to +75C, VDD1 = 2.3 to 3.6 V, VDD2 = 8.0 to 9.0 V, VSS1 = VSS2 = 0 V, unless otherwise specified, power mode = normal, Bcont = open.)
Parameter Start Pulse Delay Time Driver Output Delay Time Symbol tPLH1 tPLH2 tPLH3 tPHL2 tPHL3 Input Capacitance CI1 STHR (STHL) excluded, TA = 25C CI2 STHR (STHL), TA = 25C 10 pF Conditions CL = 10 pF CL = 75 pF, RL = 5 k MIN. TYP. 10 2.5 5 2.5 5 MAX. 20 5 8 5 8 10 Unit ns
s s s s
pF
14
Data Sheet S16449EJ1V0DS
PD160062
Timing Requirement (TA = -10 to +75C, VDD1 = 2.3 to 3.6 V, VSS1 = 0 V, tr = tf = 5.0 ns)
Parameter Clock Pulse Width Clock Pulse High Period Clock Pulse Low Period Data Setup Time Data Hold Time Start Pulse Setup Time Start Pulse Hold Time POL21, POL22 Setup Time POL21, POL22 Hold Time STB Pulse Width Last Data Timing CLK-STB Time STB-CLK Time Time Between STB and Start Pulse POL-STB Time STB-POL Time Symbol PWCLK PWCLK(H) PWCLK(L) tSETUP1 tHOLD1 tSETUP2 tHOLD2 tSETUP3 tHOLD3 PWSTB tLDT tCLK-STB tSTB-CLK tSTB-STH tPOL-STB tSTB-POL CLK STB STB CLK STB STHR(STHL) POL or STB STB POL or Conditions MIN. 22 4 4 4 0 4 0 4 0 2 2 6 9 2 -5 6 TYP. MAX. Unit ns ns ns ns ns ns ns ns ns CLK CLK ns ns CLK ns ns
Remark Unless otherwise specified, the input level is defined to be VIH = 0.7 VDD1, VIL = 0.3 VDD1.
Data Sheet S16449EJ1V0DS
15
Switching characteristics waveform (R,/L = H)
16
PWCLK(L) PWCLK CLK tSETUP2 STHR (1st Dr.) tSETUP1 Dn0 to Dn5 INVALID D1 to D6 tHOLD1 D409 to D414 D415 to D420 D421 to D426 D3067 to D3072 tSTB-STH VDD1 INVALID D1 to D6 D7 to D12 VSS1 1 tHOLD2 2 PWCLK(H) 3 70 71 72 513 514 tCLK-STB tSTB-CLK VDD1 VSS1 1 2 90% 10% tr tf VDD1 VSS1 D7 to D12 tHOLD3 VDD1 INVALID tPLH1 STHL (1st Dr.) tLDT STB VSS1 tPOL-STB POL VSS1 tPLH3 Hi-Z tPLH2 tSTB-POL VDD1 PWSTB VDD1 VDD1 VSS1 INVALID VSS1 tSETUP3 POL21, POL22
Data Sheet S16449EJ1V0DS
Unless otherwise specified, the input level is defined to be VIH = 0.7 VDD1, VIL = 0.3 VDD1.
Sn (VX)
Target voltage 0.1 VDD2 6-bit accuracy
PD160062
tPHL2 tPHL3
PD160062
11. RECOMMENDED MOUNTING CONDITIONS
The following conditions must be met for soldering conditions of the PD160062. For more details, refer to the Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html). Please consult with our sales offices in case other soldering process is used, or in case the soldering is done under different conditions.
PD160062N-xxx: TCP (TAB package)
Mounting Condition Thermocompression Mounting Method Soldering Condition Heating tool 300 to 350C, heating for 2 to 3 seconds, pressure 100g (per solder) ACF (Adhesive Conductive Film) Temporary bonding 70 to 100C, pressure 3 to 8 kg/cm , time 3 to 5 seconds. Real bonding 165 to 180C, pressure 25 to 45 kg/cm , time 30 to 40 seconds. (When using the anisotropy conductive film SUMIZAC1003 of Sumitomo Bakelite, Ltd.)
2 2
Caution To find out the detailed conditions for packaging the ACF part, please contact the ACF manufacturing company. Be sure to avoid using two or more packaging methods at a time.
Data Sheet S16449EJ1V0DS
17
PD160062
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
18
Data Sheet S16449EJ1V0DS


▲Up To Search▲   

 
Price & Availability of UPD160062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X