Part Number Hot Search : 
20301 STM1815T TPA6120 500765 BCR16HM MTSS320A 20CTR 6100CT
Product Description
Full Text Search
 

To Download TDA10046HT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA10046HT
Delivering a low cost system solution for DVB-T channel decoding, the TDA10046HT single chip channel decoder demonstrates Philips Semiconductors' continuing leadership in digital broadcast reception, offering advanced features such as adaptive echo cancellation, fast channel scanning and a unique `Pulse Killer' algorithm that reduces impulsive noise disturbances.
Single-chip DVB-T channel decoder
Semiconductors
The TDA10046HT performs all DVB-T channel decoding functions from IF input to transport stream output, using an internal DSP core for synchronization and control.Thanks to its sharp adjacent channel digital ilter, this single-chip receiver achieves excellent performance with low cost tuners (one SAW only). It requires only a low cost crystal oscillator (4 MHz) as a clock source, which can be shared with the tuner. After sampling of the 1st or 2nd IF by a 10-bit ADC, the signal is converted to baseband and passes through the FFT demodulator. Channel frequency response is then estimated and iltered in both time and frequency domains, and used to equalize the signal. correction handles tuner phase noise. The TDA10046HT implements a number of advanced features including a high-performance `Pulse Killer' algorithm to reduce the disturbing effects of short and strong impulsive noise interference caused by electrical domestic devices and/or car trafic. For maximum ease of use, the TDA10046HT features fully automatic transmission parameters detection, ultra fast scan of the whole UHF/VHF band, and fast zapping facilities. Evaluation boards are available with most commercial tuners.They are provided with all the necessary software including a tailored Graphical User Interface (GUI) that allows easy evaluation and development. A common phase error
Key features
* 2K and 8K COFDM demodulator, fully ETS 300-744 compliant * TPS and Cell Identiier2 I * 2nd or 1st IF analog input * On chip 10-bit ADC and PLL * Single or dual AGC loop (with programmable takeover point) * Adjacent channel digital iltering (only one external SAW ilter is required) * Automatic frequency offset detection (1, 2 or 3 standard offsets) * Dynamic FFT window positioning, and adaptive echo equalization * Consolidated algorithm for impulsive noise reduction * DSP based synchronization enables on the ly irmware upgrades * No extra-host software required * Fast UHF/VHF band scanning * Simultaneous tri-state parallel and serial Transport Stream interfaces * 4 GPIO pins with * I2C-bus interface * 5V tolerant I/O pins * Low power consumption (450mW) * TQFP64 package, CMOS 0.18 m technology C-bus readable
modulator Applications * Integrated Digital TV (iDTV) * Set-Top-Boxes (STB) * Personal Video Recorder (PVR) with DVB-T reception * Digital TV PCI card for Personal Computers
TDA10046HT
Single-chip DVB-T channel decoder
w w w. s e m i c o n d u c t o r s . p h i l i p s . c o m
1st or 2nd IF RF AGC (optional) IF AGC Tuner Quiet I2C
10-BIT ADC DUAL AGC I2 C
IQ CONVERSION & ACI FILTERING
FFT DEMODULATOR
TIME/FREQUENCY CHANNEL ESTIMATOR CORRECTOR
DVB-T FEC
TS
PLL
NCO
DSP SYNCHRONIZATION
JTAG
TDA10046
MSD887
XO
Evaluation software with Graphical User Interface
Channel frequency response
Philips Semiconductors
Philips Semiconductors is a worldwide company with over 100 sales ofices in more than 50 countries. For a complete up-to-date list of our sales ofices please e-mail sales.addresses@www.semiconductors.philips.com. A complete list will be sent to you automatically. You can also visit our website http://www.semiconductors.philips.com/sales. (c) Koninklijke Philips Electronics N.V. 2002
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.The infor-mation presented in this document does not form part of any quota-tion or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: May 2002 Document order number: 9397 750 09522 Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of TDA10046HT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X