Part Number Hot Search : 
P31430 74AUP S08A90 7C126 MAX20 F060250 26000 E1525A
Product Description
Full Text Search
 

To Download STX13005-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STX13005 STX13005-AP
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Ordering Code STX13005 STX13005-AP
s s s
Marking X13005 X13005
Shipment Bulk Ammopack
s
HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED COMPACT FLUORESCENT LAMPS (CFLS) SWITCH MODE POWER SUPPLIES (AC / DC CONVERTERS) TO-92
APPLICATIONS:
s s
DESCRIPTION
The device is manufactured using High Voltage Multi Epitaxial Planar technology for high switching speeds and high voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VCES VCEO VEBO IC ICM IB IBM Ptot Tstg Tj Parameter Collector-Emitter Voltage (VBE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0, IB < 1.5 A, tp < 10 ms) Collector Current Collector Peak Current (tp < 5 ms) Base Current Base Peak Current (tp < 5 ms) Total Dissipation at Tc = 25 C Storage Temperature Max. Operating Junction Temperature Value 700 400 V(BR)EBO 3 6 1.5 3 2.8 -65 to 150 150 Unit V V V A A A A W C C
November 2002
1/8
STX13005 / STX13005-AP
THERMAL DATA
Rthj-case Rthj-amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 44.6 150 C/W C/W
ELECTRICAL CHARACTERISTICS (Tj = 25 C unless otherwise specified)
Symbol ICES ICEO V(BR)EBO Parameter Collector Cut-off Current (VBE = 0) Collector Cut-off Current (IB = 0) Emitter-Base Breakdown Voltage (IC = 0) Collector-Emitter Sustaining Voltage (IB = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain RESISTIVE LOAD Storage Time Fall Time INDUCTIVE LOAD Storage Time Fall Time VCE = 700 V VCE = 700 V VCE = 400 V IE = 10 mA 9 Test Conditions Tj = 100 C Min. Typ. Max. 1 5 1 18 Unit mA mA mA V
VCEO(sus)*
IC = 10 mA
400
V
VCE(sat)*
IC = 1 A IC = 2 A IC = 3 A IC = 1 A IC = 2 A IC = 1 A IC = 2 A IC = 2 A IB1 = -IB2 = 400 mA (See Figure 1) IC = 1 A IB1 = 200 mA L = 50 mH (See Figure 2)
IB = 200 mA IB = 500 mA IB = 750 mA IB = 200 mA IB = 500 mA VCE = 5 V VCE = 5 V VCC = 125 V tp = 30 s Vclamp = 300 V VBE(off) = -5 V RBB = 0 10 8 1.65 260 0.8 150
0.5 0.6 5 1.2 1.6 30 24
V V V V V
VBE(sat)* hFE*
ts tf ts tf
s ns s ns
* Pulsed: Pulse duration = 300 s, duty cycle = 1.5 %.
2/8
STX13005 / STX13005-AP
Safe Operating Area Derating Curve
Output Characteristics
DC Current Gain
DC Current Gain
Collector-Emitter Saturation Voltage
3/8
STX13005 / STX13005-AP
Base-Emitter Saturation Voltage Resistive Load Storage Time
Resistive Load Fall Time
Inductive Load Storage Time
Inductive Load Fall Time
Reverse Biased Safe Operating Area
4/8
STX13005 / STX13005-AP
Figure 1: Resistive Load Switching Test Circuit
1) Fast Electronic Switch 2) Non-Inductive Resistor
Figure 2: Inductive Load Switching Test Circuit
1) Fast Electronic Switch 2) Non-Inductive Resistor 3) Fast Recovery Rectifier
5/8
STX13005 / STX13005-AP
TO-92 BULK SHIPMENT MECHANICAL DATA
mm. DIM. MIN. A b D E e e1 L R S1 W V 4.32 0.36 4.45 3.30 2.41 1.14 12.70 2.16 0.92 0.41 5 TYP. MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 MIN. 0.170 0.014 0.175 0.130 0.095 0.045 0.500 0.085 0.036 0.016
inch TYP. MAX. 0.195 0.020 0.195 0.155 0.105 0.055 0.610 0.095 0.060 0.022 5
6/8
STX13005 / STX13005-AP
TO-92 AMMOPACK SHIPMENT (Suffix "-AP") MECHANICAL DATA
mm. MIN. TYP. MAX. 4.80 3.80 1.60 2.30 0.48 12.50 5.65 2.44 -2.00 17.50 5.70 8.50 18.50 15.50 3.80 16.00 4.00 18.00 6.00 9.00 12.70 6.35 2.54 12.90 7.05 2.94 2.00 19.00 6.30 9.25 0.50 20.50 16.50 25.00 4.20 0.90 11.00 3.00 -1.00 1.00 0.118 -0.039 0.039 0.150 0.157 0.728 0.610 0.630 0.492 0.222 0.096 -0.079 0.689 0.224 0.335 0.709 0.236 0.354 0.500 0.250 0.100 MIN. inch TYP. MAX. 0.189 0.150 0.063 0.091 0.019 0.508 0.278 0.116 0.079 0.748 0.248 0.364 0.020 0.807 0.650 0.984 0.165 0.035 0.433
DIM. A1 T T1 T2 d P0 P2 F1, F2 delta H W W0 W1 W2 H H0 H1 D0 t L l1 delta P
7/8
STX13005 / STX13005-AP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STX13005-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X