Part Number Hot Search : 
EL3082 MAX828 DD667 DDTA114 D70N0 L2596 UF07B MM1278XD
Product Description
Full Text Search
 

To Download STPS120L15TV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS120L15TV
LOW DROP OR-ing POWER SCHOTTKY DIODE
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS VERY LOW DROP FORWARD VOLTAGE FOR LESS POWER DISSIPATION AND REDUCED HEATSINK INSULATED PACKAGE: Insulated voltage = 2500 V (RMS) Capacitance = 45 pF DESCRIPTION Dual Schottky rectifier suited for Switched Mode Power Supplies and DC to DC power converters. Packaged in ISOTOPTM, this device is especially intended for use as an OR-ing diode in fault tolerant power supply equipments. ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM Tstg Tj dV/dt RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Storage temperature range Maximum operating junction temperature Critical rate of rise of reverse voltage Tc = 115C =1 tp = 10 ms Sinusoidal tp = 2 s F = 1kHz Parameter Repetitive peak reverse voltage Value 15 160 60 1200 2 - 65 to + 150 125 10000 Unit V A A A A C C V/s
K2 A2 K1 A1
2 x 60 A 15 V 125 C 0.31 V
K2
A2
K1
A1
ISOTOPTM
*:
1 dPtot < thermal runaway condition for a diode on its own heatsink Rth(j-a) dTj
ISOTOP is a trademark of STMicroelectronics
July 1999 - Ed : 4A
1/4
STPS120L15TV
THERMAL RESISTANCES Symbol Rth (j-c) Rth (c) Junction to case Parameter Per diode Total Coupling Value 0.45 0.28 0.1 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * Parameter Reverse leakage current Tests conditions Tj = 100C Tj = 25C Tj = 100C VF * Forward voltage drop Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Min.
Typ. 450
Max. 22
Unit mA mA A V
VR = 5V VR = 12V
0.7 IF = 60 A IF = 60 A 0.27
2.2 0.43 0.31
To evaluate the conduction losses use the following equation : 2 -3 P = 0.18 x IF(AV) + 2.2 10 x IF (RMS)
Fig. 1: Average forward power dissipation versus average forward current (per diode).
20 18 16 14 12 10 8 6 4 2 0 PF(av)(W)
= 0.1 = 0.05 = 0.2 = 0.5
Fig. 2: Average forward current versus ambient temperature ( =1) (per diode).
70 60 50 40
Rth(j-a)=2.5C/W
IF(av)(A)
Rth(j-a)=Rth(j-c)
=1
30
T
20 10
tp
T
IF(av)(A) 0 10 20 30 40 50
=tp/T
=tp/T
tp
Tamb(C) 50 75 100 125
0
60
70
0
25
2/4
STPS120L15TV
Fig. 3: Non repetitive surge peak forward current versus overload duration (maximum values per diode).
IM(A) 1000 900 800 700 600 500 400 300 200 IM 100 0 1E-3
Fig. 4: Relative variation of thermal impedance junction to case versus pulse duration.
1.0 Zth(j-c)/Rth(j-c)
=0.5
0.5
=0.2 =0.1
Tc=50C
0.2
T
Single pulse
Tc=75C
t
=0.5
t(s) 1E-2 1E-1
Tc=110C
tp(s) 0.1 1E-3 1E-2 1E-1
=tp/T
tp
1E+0
1E+0
1E+1
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values per diode).
IR(mA)
Fig. 6: Junction capacitance versus reverse voltage applied (typical values per diode).
C(nF) 20
F=1MHz Tj=25C
5E+3 1E+3
Tj=100C
10 5
1E+2
Tj=70C
1E+1
Tj=25C
2
VR(V)
1E+0 0.0
VR(V)
10.0 12.5 15.0
2.5
5.0
7.5
1
1
2
5
10
20
Fig. 7: Forward voltage drop versus forward current (maximum values per diode).
IFM(A)
Tj=100C
500 100
10
VFM(V) 1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
3/4
STPS120L15TV
PACKAGE MECHANICAL DATA ISOTOP DIMENSIONS Millimeters Inches Min. A A1 B C C2 D D1 E E1 E2 G G1 G2 F F1 P P1 S Max. Min. Max. 11.80 12.20 8.90 9.10 7.8 8.20 0.75 0.85 1.95 2.05 37.80 38.20 31.50 31.70 25.15 25.50 23.85 24.15 24.80 typ. 14.90 15.10 12.60 12.80 3.50 4.30 4.10 4.30 4.60 5.00 4.00 4.30 4.00 4.40 30.10 30.30 0.465 0.480 0.350 0.358 0.307 0.323 0.030 0.033 0.077 0.081 1.488 1.504 1.240 1.248 0.990 1.004 0.939 0.951 0.976 typ. 0.587 0.594 0.496 0.504 0.138 0.169 0.161 0.169 0.181 0.197 0.157 0.69 0.157 0.173 1.185 1.193
REF.
Ordering type STPS120L15TV
Marking STPS120L15TV
Package ISOTOP
Weight 28g (without screws)
Base qty 10
Delivery mode Tube
Cooling method: by conduction (C) Recommended torque value : 1.3 N.m. Maximum torque value: 1.5 N.m. Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of STPS120L15TV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X