![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Semiconductor SRA2203 PNP Silicon Transistor Descriptions * Switching application * Interface circuit and driver circuit application Features * * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density Ordering Information Type NO. SRA2203 Marking SRA2203 Package Code TO-92 Outline Dimensions 3.450.1 4.50.1 2.250.1 unit : mm * Equivalent Circuit C(OUT) 4.50.1 0.40.02 14.00.40 2.060.1 B(IN) R1 R2 E(COMMON) 1.27 Typ. 2.54 Typ. R1 22K R2 22K 123 1.200.1 PIN Connections 1. Emitter 2. Collector 3. Base 0.38 KSR-9011-000 1 SRA2203 Absolute maximum ratings Characteristic Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature (Ta=25C) Symbol VO VI IO PD TJ TSTG Ratings -50 -40 -100 200 625 -55 ~ 150 Unit V V mA mW C C Electrical Characteristics Characteristic Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current (Ta=25C) Symbol IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT * Test Condition VO=-50V, VI=0 VO=-5V, IO=-10mA IO=-10mA, II=-0.5mA VO=-0.2V, IO=-5mA VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA VI=-5V Min. Typ. Max. 70 -1.0 120 -0.1 -2.1 -1.2 200 -500 -0.3 -3.0 -0.36 Unit nA V V V MHz mA II * : Characteristic of Transistor Only KSR-9011-000 2 SRA2203 Electrical Characteristic Curves Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF) Fig. 3 GI - IO KSR-9011-000 3 |
Price & Availability of SRA2203
![]() |